Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AUP2G126GT Fiches technique(PDF) 11 Page - NXP Semiconductors

No de pièce 74AUP2G126GT
Description  Low-power dual buffer/line driver; 3-state
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP2G126GT Fiches technique(HTML) 11 Page - NXP Semiconductors

Back Button 74AUP2G126GT Datasheet HTML 7Page - NXP Semiconductors 74AUP2G126GT Datasheet HTML 8Page - NXP Semiconductors 74AUP2G126GT Datasheet HTML 9Page - NXP Semiconductors 74AUP2G126GT Datasheet HTML 10Page - NXP Semiconductors 74AUP2G126GT Datasheet HTML 11Page - NXP Semiconductors 74AUP2G126GT Datasheet HTML 12Page - NXP Semiconductors 74AUP2G126GT Datasheet HTML 13Page - NXP Semiconductors 74AUP2G126GT Datasheet HTML 14Page - NXP Semiconductors 74AUP2G126GT Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
74AUP2G126_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 2 February 2009
11 of 21
NXP Semiconductors
74AUP2G126
Low-power dual buffer/line driver; 3-state
tpd
propagation delay
nA to nY; see Figure 7
[2]
VCC = 0.8 V
-
37.4
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
4.8
9.5
18.7
4.4
21.4
24.0
ns
VCC = 1.4 V to 1.6 V
4.0
6.7
10.8
3.0
13.0
14.5
ns
VCC = 1.65 V to 1.95 V
2.9
5.6
8.4
2.6
10.3
11.5
ns
VCC = 2.3 V to 2.7 V
2.7
4.8
6.3
2.5
7.8
8.7
ns
VCC = 3.0 V to 3.6 V
2.7
4.6
5.8
2.5
7.0
8.3
ns
ten
enable time
nOE to nY; see Figure 8
[3]
VCC = 0.8 V
-
90.6
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
4.7
10.0
20.4
4.3
22.0
22.0
ns
VCC = 1.4 V to 1.6 V
3.0
6.9
11.3
3.7
12.0
12.5
ns
VCC = 1.65 V to 1.95 V
2.6
5.6
8.6
3.2
9.5
10.1
ns
VCC = 2.3 V to 2.7 V
2.3
4.5
6.3
2.9
6.8
7.3
ns
VCC = 3.0 V to 3.6 V
2.2
4.2
5.8
2.7
6.4
6.7
ns
tdis
disable time
nOE to nY; see Figure 8
[4]
VCC = 0.8 V
-
51.6
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
6.0
9.8
13.6
4.7
14.3
14.4
ns
VCC = 1.4 V to 1.6 V
4.5
7.7
10.5
3.0
10.7
11.0
ns
VCC = 1.65 V to 1.95 V
5.2
8.8
11.4
2.6
11.5
11.6
ns
VCC = 2.3 V to 2.7 V
3.9
6.4
7.4
2.3
9.0
10.2
ns
VCC = 3.0 V to 3.6 V
5.5
9.0
10.7
2.2
10.8
12.0
ns
Table 8.
Dynamic characteristics …continued
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 9.
Symbol Parameter
Conditions
25
°C
−40 °C to +125 °C
Unit
Min
Typ[1] Max
Min
Max
(85
°C)
Max
(125
°C)


Numéro de pièce similaire - 74AUP2G126GT

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AUP2G126GT PHILIPS-74AUP2G126GT Datasheet
102Kb / 19P
   Low-power dual buffer/line driver
Rev. 01-9 October 2006
logo
Nexperia B.V. All right...
74AUP2G126GT NEXPERIA-74AUP2G126GT Datasheet
325Kb / 23P
   Low-power dual buffer/line driver; 3-state
Rev. 13 - 21 June 2022
More results

Description similaire - 74AUP2G126GT

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AUP2G125 PHILIPS-74AUP2G125_15 Datasheet
299Kb / 24P
   Low-power dual buffer/line driver; 3-state
Rev. 10-8 February 2013
74AUP2G125 PHILIPS-74AUP2G125_11 Datasheet
163Kb / 24P
   Low-power dual buffer/line driver; 3-state
Rev. 8-2 December 2011
74AUP2G126 PHILIPS-74AUP2G126_15 Datasheet
296Kb / 24P
   Low-power dual buffer/line driver; 3-state
Rev. 9-11 February 2013
74AUP2G241 PHILIPS-74AUP2G241_15 Datasheet
307Kb / 26P
   Low-power dual buffer/line driver; 3-state
Rev. 7-11 February 2013
logo
Nexperia B.V. All right...
74AUP2G241 NEXPERIA-74AUP2G241 Datasheet
309Kb / 21P
   Low-power dual buffer/line driver; 3-state
Rev. 9 - 1 December 2020
logo
NXP Semiconductors
74AUP2G125 NXP-74AUP2G125_10 Datasheet
202Kb / 24P
   Low-power dual buffer/line driver; 3-state
Rev. 7-21 September 2010
74AUP2G125 NXP-74AUP2G125 Datasheet
121Kb / 21P
   Low-power dual buffer/line driver; 3-state
Rev. 06-27 November 2009
logo
Nexperia B.V. All right...
74AUP2G126 NEXPERIA-74AUP2G126 Datasheet
325Kb / 23P
   Low-power dual buffer/line driver; 3-state
Rev. 13 - 21 June 2022
logo
NXP Semiconductors
74AUP2G241 NXP-74AUP2G241 Datasheet
127Kb / 22P
   Low-power dual buffer/line driver; 3-state
Rev. 03-12 January 2009
logo
Nexperia B.V. All right...
74AUP2G125 NEXPERIA-74AUP2G125 Datasheet
326Kb / 23P
   Low-power dual buffer/line driver; 3-state
Rev. 14 - 21 June 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com