Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AUP2G00GD Fiches technique(PDF) 3 Page - NXP Semiconductors

No de pièce 74AUP2G00GD
Description  Low-power dual 2-input NAND gate
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP2G00GD Fiches technique(HTML) 3 Page - NXP Semiconductors

  74AUP2G00GD Datasheet HTML 1Page - NXP Semiconductors 74AUP2G00GD Datasheet HTML 2Page - NXP Semiconductors 74AUP2G00GD Datasheet HTML 3Page - NXP Semiconductors 74AUP2G00GD Datasheet HTML 4Page - NXP Semiconductors 74AUP2G00GD Datasheet HTML 5Page - NXP Semiconductors 74AUP2G00GD Datasheet HTML 6Page - NXP Semiconductors 74AUP2G00GD Datasheet HTML 7Page - NXP Semiconductors 74AUP2G00GD Datasheet HTML 8Page - NXP Semiconductors 74AUP2G00GD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
74AUP2G00_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 5 June 2008
3 of 17
NXP Semiconductors
74AUP2G00
Low-power dual 2-input NAND gate
6.
Pinning information
6.1 Pinning
6.2 Pin description
Fig 4.
Pin configuration SOT765-1 (VSSOP8)
Fig 5.
Pin configuration SOT833-1 (XSON8)
74AUP2G00
1A
VCC
1B
1Y
2Y
2B
GND
2A
001aae362
1
2
3
4
6
5
8
7
74AUP2G00
2B
1Y
VCC
2A
2Y
1B
1A
GND
001aae363
36
27
18
45
Transparent top view
Fig 6.
Pin configuration SOT996-2 (XSON8U)
Fig 7.
Pin configuration SOT902-1 (XQFN8U)
001aai218
74AUP2G00
Transparent top view
8
7
6
5
1
2
3
4
1A
1B
2Y
GND
VCC
1Y
2B
2A
001aae364
1B
2B
1A
2Y
1Y
2A
Transparent top view
3
6
1
5
7
2
terminal 1
index area
74AUP2G00
Table 3.
Pin description
Symbol
Pin
Description
SOT765-1, SOT833-1 and
SOT996-2
SOT902-1
1A, 2A
1, 5
7, 3
data input
1B, 2B
2, 6
6, 2
data input
GND
4
4
ground (0 V)
1Y, 2Y
7, 3
1, 5
data output
VCC
8
8
supply voltage


Numéro de pièce similaire - 74AUP2G00GD

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74AUP2G00GF NEXPERIA-74AUP2G00GF Datasheet
302Kb / 20P
   Low-power dual 2-input NAND gate
Rev. 11 - 9 June 2022
logo
NXP Semiconductors
74AUP2G00GM PHILIPS-74AUP2G00GM Datasheet
83Kb / 16P
   Low-power dual 2-input NAND gate
Rev. 01-25 August 2006
logo
Nexperia B.V. All right...
74AUP2G00GM NEXPERIA-74AUP2G00GM Datasheet
302Kb / 20P
   Low-power dual 2-input NAND gate
Rev. 11 - 9 June 2022
74AUP2G00GN NEXPERIA-74AUP2G00GN Datasheet
302Kb / 20P
   Low-power dual 2-input NAND gate
Rev. 11 - 9 June 2022
74AUP2G00GS NEXPERIA-74AUP2G00GS Datasheet
302Kb / 20P
   Low-power dual 2-input NAND gate
Rev. 11 - 9 June 2022
More results

Description similaire - 74AUP2G00GD

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74AUP2G00-Q100 NEXPERIA-74AUP2G00-Q100 Datasheet
223Kb / 13P
   Low-power dual 2-input NAND gate
Rev. 2 - 9 June 2022
logo
NXP Semiconductors
74AUP2G00 PHILIPS-74AUP2G00 Datasheet
83Kb / 16P
   Low-power dual 2-input NAND gate
Rev. 01-25 August 2006
logo
Nexperia B.V. All right...
74AUP2G00 NEXPERIA-74AUP2G00 Datasheet
302Kb / 20P
   Low-power dual 2-input NAND gate
Rev. 11 - 9 June 2022
logo
Texas Instruments
SN74AUP2G00 TI1-SN74AUP2G00 Datasheet
695Kb / 20P
[Old version datasheet]   LOW-POWER DUAL 2-INPUT POSITIVE-NAND GATE
SN74AUP2G00-Q1 TI1-SN74AUP2G00-Q1 Datasheet
406Kb / 14P
[Old version datasheet]   LOW-POWER DUAL 2-INPUT POSITIVE-NAND GATE
logo
Nexperia B.V. All right...
74AUP1G00-Q100 NEXPERIA-74AUP1G00-Q100 Datasheet
229Kb / 14P
   Low-power 2-input NAND gate
Rev. 2 - 13 January 2022
logo
NXP Semiconductors
74AUP1G00 PHILIPS-74AUP1G00 Datasheet
83Kb / 16P
   Low-power 2-input NAND gate
Rev. 02-29 June 2006
logo
Nexperia B.V. All right...
74AXP1G00 NEXPERIA-74AXP1G00 Datasheet
794Kb / 17P
   Low-power 2-input NAND gate
74AUP1G00 NEXPERIA-74AUP1G00 Datasheet
274Kb / 18P
   Low-power 2-input NAND gate
Rev. 8 - 13 January 2022
logo
Toshiba Semiconductor
TC7WH00FU TOSHIBA-TC7WH00FU Datasheet
195Kb / 6P
   DUAL 2-INPUT NAND GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com