Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AUP1Z125 Fiches technique(PDF) 6 Page - NXP Semiconductors

No de pièce 74AUP1Z125
Description  Low-power X-tal driver with enable and internal resistor
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP1Z125 Fiches technique(HTML) 6 Page - NXP Semiconductors

Back Button 74AUP1Z125 Datasheet HTML 2Page - NXP Semiconductors 74AUP1Z125 Datasheet HTML 3Page - NXP Semiconductors 74AUP1Z125 Datasheet HTML 4Page - NXP Semiconductors 74AUP1Z125 Datasheet HTML 5Page - NXP Semiconductors 74AUP1Z125 Datasheet HTML 6Page - NXP Semiconductors 74AUP1Z125 Datasheet HTML 7Page - NXP Semiconductors 74AUP1Z125 Datasheet HTML 8Page - NXP Semiconductors 74AUP1Z125 Datasheet HTML 9Page - NXP Semiconductors 74AUP1Z125 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
74AUP1Z125_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 7 August 2008
6 of 29
NXP Semiconductors
74AUP1Z125
Low-power X-tal driver with enable and internal resistor
VOL
LOW-level output voltage
Y output; VI at X1 input = VIH or VIL
IO = 20 µA; VCC = 0.8 V to 3.6 V
-
-
0.1
V
IO = 1.1 mA; VCC = 1.1 V
-
-
0.3
× V
CC
V
IO = 1.7 mA; VCC = 1.4 V
-
-
0.31
V
IO = 1.9 mA; VCC = 1.65 V
-
-
0.31
V
IO = 2.3 mA; VCC = 2.3 V
-
-
0.31
V
IO = 3.1 mA; VCC = 2.3 V
-
-
0.44
V
IO = 2.7 mA; VCC = 3.0 V
-
-
0.31
V
IO = 4.0 mA; VCC = 3.0 V
-
-
0.44
V
X2 output; VI = GND or VCC
IO = 20 µA; VCC = 0.8 V to 3.6 V
-
-
0.1
V
IO = 1.1 mA; VCC = 1.1 V
-
-
0.3
× VCC V
IO = 1.7 mA; VCC = 1.4 V
-
-
0.31
V
IO = 1.9 mA; VCC = 1.65 V
-
-
0.31
V
IO = 2.3 mA; VCC = 2.3 V
-
-
0.31
V
IO = 3.1 mA; VCC = 2.3 V
-
-
0.44
V
IO = 2.7 mA; VCC = 3.0 V
-
-
0.31
V
IO = 4.0 mA; VCC = 3.0 V
-
-
0.44
V
II
input leakage current
X1 input
VI = EN = VCC; VCC = 0 V to 3.6 V
-
-
±0.1
µA
EN input
VI = GND to 3.6 V;
VCC = 0 V to 3.6 V
--
±0.1
µA
Ipu
pull-up current
X1 input; EN = VCC
VI = GND; VCC = 0.8 V to 3.6 V
-
-
15
µA
IOZ
OFF-state output current
Y output; VO =0Vto3.6 V; VCC =0
V to 3.6 V; EN = VCC
--
±0.1
µA
IOFF
power-off leakage current
VI or VO = 0 V to 3.6 V; VCC = 0 V
[1] --
±0.2
µA
∆IOFF
additional power-off
leakage current
VI or VO = 0 V to 3.6 V;
VCC = 0 V to 0.2 V
[1] --
±0.2
µA
ICC
supply current
VI = GND or VCC; IO = 0 A;
VCC = 0.8 V to 3.6 V
--
75
µA
∆ICC
additional supply current
EN input
VI = VCC − 0.6 V; IO = 0 A;
VCC = 3.3 V
--
40
µA
CI
input capacitance
X1 input
VCC = 0 V to 3.6 V;
VI = GND or VCC
-
1.3
-
pF
EN input
VCC = 0 V to 3.6 V;
VI = GND or VCC
-
0.8
-
pF
Table 7.
Static characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Typ
Max
Unit


Numéro de pièce similaire - 74AUP1Z125

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AUP1Z125 PHILIPS-74AUP1Z125 Datasheet
121Kb / 27P
   Low-power X-tal driver with enable and internal resistor
Rev. 01-3 August 2006
74AUP1Z125 NXP-74AUP1Z125 Datasheet
186Kb / 32P
   Low-power X-tal driver with enable and internal resistor; 3-state
Rev. 4-1 December 2011
logo
Nexperia B.V. All right...
74AUP1Z125 NEXPERIA-74AUP1Z125 Datasheet
331Kb / 23P
   Low-power X-tal driver with enable and internal resistor; 3-state
Rev. 7 - 28 January 2022
logo
NXP Semiconductors
74AUP1Z125GF PHILIPS-74AUP1Z125GF Datasheet
121Kb / 27P
   Low-power X-tal driver with enable and internal resistor
Rev. 01-3 August 2006
74AUP1Z125GM PHILIPS-74AUP1Z125GM Datasheet
121Kb / 27P
   Low-power X-tal driver with enable and internal resistor
Rev. 01-3 August 2006
More results

Description similaire - 74AUP1Z125

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AUP1Z04 NXP-74AUP1Z04 Datasheet
130Kb / 25P
   Low-power X-tal driver with enable and internal resistor
Rev. 02-3 July 2008
logo
Nexperia B.V. All right...
74AUP1Z04-Q100 NEXPERIA-74AUP1Z04-Q100 Datasheet
300Kb / 21P
   Low-power X-tal driver with enable and internal resistor
Rev. 2 - 27 January 2022
logo
NXP Semiconductors
74AUP1Z125 PHILIPS-74AUP1Z125 Datasheet
121Kb / 27P
   Low-power X-tal driver with enable and internal resistor
Rev. 01-3 August 2006
logo
Nexperia B.V. All right...
74AUP1Z04 NEXPERIA-74AUP1Z04 Datasheet
332Kb / 24P
   Low-power X-tal driver with enable and internal resistor
Rev. 7 - 27 January 2022
logo
NXP Semiconductors
74AUP1Z125 NXP-74AUP1Z125_11 Datasheet
186Kb / 32P
   Low-power X-tal driver with enable and internal resistor; 3-state
Rev. 4-1 December 2011
logo
Nexperia B.V. All right...
74AUP1Z125 NEXPERIA-74AUP1Z125 Datasheet
331Kb / 23P
   Low-power X-tal driver with enable and internal resistor; 3-state
Rev. 7 - 28 January 2022
74LVC1GX04 NEXPERIA-74LVC1GX04 Datasheet
247Kb / 15P
   X-tal driver
Rev. 5 - 26 January 2022
logo
NXP Semiconductors
74LVC1GX04 PHILIPS-74LVC1GX04 Datasheet
90Kb / 16P
   X-tal driver
2003 Aug 13
logo
Nexperia B.V. All right...
74LVC1GX04-Q100 NEXPERIA-74LVC1GX04-Q100 Datasheet
824Kb / 18P
   X-tal driver
logo
STMicroelectronics
AST1S31HF STMICROELECTRONICS-AST1S31HF Datasheet
1Mb / 33P
   Internal soft-start and enable
March 2016 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com