Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AUP1G374GF Fiches technique(PDF) 9 Page - NXP Semiconductors

No de pièce 74AUP1G374GF
Description  Low-power D-type flip-flop; positive-edge trigger; 3-state
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP1G374GF Fiches technique(HTML) 9 Page - NXP Semiconductors

Back Button 74AUP1G374GF Datasheet HTML 5Page - NXP Semiconductors 74AUP1G374GF Datasheet HTML 6Page - NXP Semiconductors 74AUP1G374GF Datasheet HTML 7Page - NXP Semiconductors 74AUP1G374GF Datasheet HTML 8Page - NXP Semiconductors 74AUP1G374GF Datasheet HTML 9Page - NXP Semiconductors 74AUP1G374GF Datasheet HTML 10Page - NXP Semiconductors 74AUP1G374GF Datasheet HTML 11Page - NXP Semiconductors 74AUP1G374GF Datasheet HTML 12Page - NXP Semiconductors 74AUP1G374GF Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
74AUP1G374_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 26 June 2009
9 of 20
NXP Semiconductors
74AUP1G374
Low-power D-type flip-flop; positive-edge trigger; 3-state
CL = 10 pF
tpd
propagation
delay
CP to Q; see Figure 7
[2]
VCC = 0.8 V
-
27.1
-
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
2.7
7.2
14.7
2.5
15.0
2.5
15.1
ns
VCC = 1.4 V to 1.6 V
2.3
4.9
8.6
2.0
9.1
2.0
9.4
ns
VCC = 1.65 V to 1.95 V
2.1
4.0
6.5
1.9
7.0
1.9
7.3
ns
VCC = 2.3 V to 2.7 V
1.8
3.1
4.4
1.5
4.9
1.5
5.1
ns
VCC = 3.0 V to 3.6 V
1.6
2.7
3.7
1.3
4.0
1.3
4.2
ns
ten
enable time OE to Q; see Figure 8
[3]
VCC = 0.8 V
-
25.1
-
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
3.8
6.5
10.2
3.5
10.6
3.5
11.7
ns
VCC = 1.4 V to 1.6 V
3.1
4.7
6.5
2.7
7.1
2.7
7.8
ns
VCC = 1.65 V to 1.95 V
2.7
4.0
5.4
2.5
6.0
2.5
6.6
ns
VCC = 2.3 V to 2.7 V
2.4
3.4
4.5
2.2
4.7
2.2
5.2
ns
VCC = 3.0 V to 3.6 V
2.3
3.1
4.1
2.1
4.2
2.1
4.6
ns
tdis
disable time OE to Q; see Figure 8
[4]
VCC = 0.8 V
-
11.7
-
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
3.9
5.6
8.3
3.9
8.4
3.9
9.2
ns
VCC = 1.4 V to 1.6 V
3.1
4.2
5.8
3.0
6.1
3.0
6.7
ns
VCC = 1.65 V to 1.95 V
3.2
4.3
5.7
3.1
5.9
3.1
6.5
ns
VCC = 2.3 V to 2.7 V
2.3
3.1
4.0
2.2
4.2
2.2
4.6
ns
VCC = 3.0 V to 3.6 V
3.0
3.8
4.8
2.9
5.0
2.9
5.5
ns
fmax
maximum
frequency
CP; see Figure 7
VCC = 0.8 V
-
52
-
-
-
-
-
MHz
VCC = 1.1 V to 1.3 V
-
192
-
150
-
150
-
MHz
VCC = 1.4 V to 1.6 V
-
324
-
280
-
230
-
MHz
VCC = 1.65 V to 1.95 V
-
421
-
310
-
250
-
MHz
VCC = 2.3 V to 2.7 V
-
486
-
370
-
360
-
MHz
VCC = 3.0 V to 3.6 V
-
550
-
410
-
360
-
MHz
CL = 15 pF
tpd
propagation
delay
CP to Q; see Figure 7
[2]
VCC = 0.8 V
-
30.6
-
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
3.0
8.0
16.2
2.8
16.5
2.8
16.6
ns
VCC = 1.4 V to 1.6 V
2.8
5.5
9.3
2.4
10.1
2.4
10.4
ns
VCC = 1.65 V to 1.95 V
2.3
4.5
7.2
2.1
7.9
2.1
8.2
ns
VCC = 2.3 V to 2.7 V
2.1
3.5
5.0
1.9
5.5
1.9
5.7
ns
VCC = 3.0 V to 3.6 V
2.0
3.1
4.3
1.7
4.7
1.7
5.0
ns
Table 8.
Dynamic characteristics …continued
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 9.
Symbol Parameter
Conditions
25
°C
−40 °C to +125 °C
Unit
Min
Typ[1]
Max
Min
(85
°C)
Max
(85
°C)
Min
(125
°C)
Max
(125
°C)


Numéro de pièce similaire - 74AUP1G374GF

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74AUP1G374GM NEXPERIA-74AUP1G374GM Datasheet
303Kb / 21P
   Low-power D-type flip-flop; positive-edge trigger; 3-state
Rev. 10 - 21 January 2022
74AUP1G374GN NEXPERIA-74AUP1G374GN Datasheet
303Kb / 21P
   Low-power D-type flip-flop; positive-edge trigger; 3-state
Rev. 10 - 21 January 2022
74AUP1G374GS NEXPERIA-74AUP1G374GS Datasheet
303Kb / 21P
   Low-power D-type flip-flop; positive-edge trigger; 3-state
Rev. 10 - 21 January 2022
74AUP1G374GW NEXPERIA-74AUP1G374GW Datasheet
303Kb / 21P
   Low-power D-type flip-flop; positive-edge trigger; 3-state
Rev. 10 - 21 January 2022
74AUP1G374GW-Q100 NEXPERIA-74AUP1G374GW-Q100 Datasheet
712Kb / 18P
   Low-power D-type flip-flop; positive-edge trigger 3-state
More results

Description similaire - 74AUP1G374GF

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74AUP1G374-Q100 NEXPERIA-74AUP1G374-Q100 Datasheet
712Kb / 18P
   Low-power D-type flip-flop; positive-edge trigger 3-state
74AUP1G374 NEXPERIA-74AUP1G374 Datasheet
303Kb / 21P
   Low-power D-type flip-flop; positive-edge trigger; 3-state
Rev. 10 - 21 January 2022
logo
NXP Semiconductors
74LV574 PHILIPS-74LV574 Datasheet
121Kb / 12P
   Octal D-type flip-flop; positive edge-trigger 3-State
1998 Jun 10
74HC173 PHILIPS-74HC173 Datasheet
69Kb / 10P
   Quad D-type flip-flop; positive-edge trigger; 3-state
December 1990
74ALVC374 NXP-74ALVC374 Datasheet
98Kb / 17P
   Octal D-type flip-flop; positive-edge trigger; 3-state
Rev. 02-17 October 2007
74HC173D PHILIPS-74HC173D Datasheet
46Kb / 3P
   Quad D-type flip-flop; positive-edge trigger; 3-state
logo
Nexperia B.V. All right...
74HCT374 NEXPERIA-74HCT374 Datasheet
259Kb / 15P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 5 - 7 September 2021
74HC574 NEXPERIA-74HC574 Datasheet
289Kb / 17P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 9 - 20 October 2022
logo
NXP Semiconductors
74ALVC574 NXP-74ALVC574 Datasheet
99Kb / 17P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 02-8 November 2007
logo
Nexperia B.V. All right...
74ALVC374 NEXPERIA-74ALVC374 Datasheet
259Kb / 15P
   Octal D-type flip-flop; positive-edge trigger; 3-state
Rev. 3 - 30 April 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com