Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AUP1G0832GW Fiches technique(PDF) 11 Page - NXP Semiconductors

No de pièce 74AUP1G0832GW
Description  Low-power 3-input AND-OR gate
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP1G0832GW Fiches technique(HTML) 11 Page - NXP Semiconductors

Back Button 74AUP1G0832GW Datasheet HTML 7Page - NXP Semiconductors 74AUP1G0832GW Datasheet HTML 8Page - NXP Semiconductors 74AUP1G0832GW Datasheet HTML 9Page - NXP Semiconductors 74AUP1G0832GW Datasheet HTML 10Page - NXP Semiconductors 74AUP1G0832GW Datasheet HTML 11Page - NXP Semiconductors 74AUP1G0832GW Datasheet HTML 12Page - NXP Semiconductors 74AUP1G0832GW Datasheet HTML 13Page - NXP Semiconductors 74AUP1G0832GW Datasheet HTML 14Page - NXP Semiconductors 74AUP1G0832GW Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
74AUP1G0832_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 3 July 2009
11 of 16
NXP Semiconductors
74AUP1G0832
Low-power 3-input AND-OR gate
13. Package outline
Fig 11. Package outline SOT363 (SC-88)
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOT363
SC-88
wB
M
bp
D
e1
e
pin 1
index
A
A1
Lp
Q
detail X
HE
E
v M A
A
B
y
0
1
2 mm
scale
c
X
13
2
4
5
6
Plastic surface-mounted package; 6 leads
SOT363
UNIT
A1
max
bp
cD
E
e1
HE
Lp
Qy
w
v
mm
0.1
0.30
0.20
2.2
1.8
0.25
0.10
1.35
1.15
0.65
e
1.3
2.2
2.0
0.2
0.1
0.2
DIMENSIONS (mm are the original dimensions)
0.45
0.15
0.25
0.15
A
1.1
0.8
04-11-08
06-03-16


Numéro de pièce similaire - 74AUP1G0832GW

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AUP1G0832GW PHILIPS-74AUP1G0832GW Datasheet
70Kb / 19P
   Low-power 3-input AND-OR gate
Rev.01.00-26 January2006
logo
Nexperia B.V. All right...
74AUP1G0832GW NEXPERIA-74AUP1G0832GW Datasheet
259Kb / 16P
   Low-power 3-input AND-OR gate
Rev. 6 - 14 January 2022
More results

Description similaire - 74AUP1G0832GW

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AUP1G0832 PHILIPS-74AUP1G0832 Datasheet
70Kb / 19P
   Low-power 3-input AND-OR gate
Rev.01.00-26 January2006
logo
Nexperia B.V. All right...
74AUP1G0832 NEXPERIA-74AUP1G0832 Datasheet
259Kb / 16P
   Low-power 3-input AND-OR gate
Rev. 6 - 14 January 2022
logo
NXP Semiconductors
74AUP1G3208 NXP-74AUP1G3208 Datasheet
94Kb / 16P
   Low-power 3-input OR-AND gate
Rev. 02-3 July 2009
74AUP1G3208GF NXP-74AUP1G3208GF Datasheet
264Kb / 19P
   Low-power 3-input OR-AND gate
Rev. 5-22 June 2012
74AUP1G3208 PHILIPS-74AUP1G3208 Datasheet
71Kb / 19P
   Low-power 3-input OR-AND gate
Rev.01.00-17 January 2006
logo
Nexperia B.V. All right...
74AUP1G3208 NEXPERIA-74AUP1G3208 Datasheet
276Kb / 18P
   Low-power 3-input OR-AND gate
Rev. 10 - 9 May 2023
logo
NXP Semiconductors
74AUP1G332 PHILIPS-74AUP1G332 Datasheet
67Kb / 18P
   Low-power 3-input OR gate
Rev.01.00-27 February2006
74AUP1G332 NXP-74AUP1G332 Datasheet
91Kb / 16P
   Low-power 3-input OR gate
Rev. 02-29 February 2008
logo
Nexperia B.V. All right...
74AUP1G332 NEXPERIA-74AUP1G332 Datasheet
252Kb / 16P
   Low-power 3-input OR-gate
Rev. 7 - 20 January 2022
74AUP1G386 NEXPERIA-74AUP1G386 Datasheet
255Kb / 16P
   Low-power 3-input EXCLUSIVE-OR gate
Rev. 8 - 21 January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com