Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AUP1G19GM Fiches technique(PDF) 11 Page - NXP Semiconductors

No de pièce 74AUP1G19GM
Description  Low-power 1-of-2 decoder/demultiplexer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP1G19GM Fiches technique(HTML) 11 Page - NXP Semiconductors

Back Button 74AUP1G19GM Datasheet HTML 7Page - NXP Semiconductors 74AUP1G19GM Datasheet HTML 8Page - NXP Semiconductors 74AUP1G19GM Datasheet HTML 9Page - NXP Semiconductors 74AUP1G19GM Datasheet HTML 10Page - NXP Semiconductors 74AUP1G19GM Datasheet HTML 11Page - NXP Semiconductors 74AUP1G19GM Datasheet HTML 12Page - NXP Semiconductors 74AUP1G19GM Datasheet HTML 13Page - NXP Semiconductors 74AUP1G19GM Datasheet HTML 14Page - NXP Semiconductors 74AUP1G19GM Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
74AUP1G19_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 13 August 2008
11 of 17
NXP Semiconductors
74AUP1G19
Low-power 1-of-2 decoder/demultiplexer
Test data is given in Table 10.
Definitions for test circuit:
RL = Load resistance.
CL = Load capacitance including jig and probe capacitance.
RT = Termination resistance should be equal to the output impedance Zo of the pulse generator.
VEXT = External voltage for measuring switching times.
Fig 6.
Load circuit for measuring switching times
001aac521
DUT
RT
VI
VO
VEXT
VCC
RL
5 k
CL
G
Table 10.
Test data
Supply voltage
Load
VEXT
VCC
CL
RL
tPLH, tPHL
0.8 V to 3.6 V
5 pF, 10 pF, 15 pF and 30 pF
1 M
open


Numéro de pièce similaire - 74AUP1G19GM

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74AUP1G19GM NEXPERIA-74AUP1G19GM Datasheet
262Kb / 17P
   Low-power 1-of-2 decoder/demultiplexer
Rev. 7 - 19 January 2022
More results

Description similaire - 74AUP1G19GM

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AUP1G19 PHILIPS-74AUP1G19_15 Datasheet
177Kb / 20P
   Low-power 1-of-2 decoder/demultiplexer
Rev. 5-6 November 2014
logo
Nexperia B.V. All right...
74AUP1G19 NEXPERIA-74AUP1G19 Datasheet
262Kb / 17P
   Low-power 1-of-2 decoder/demultiplexer
Rev. 7 - 19 January 2022
logo
ON Semiconductor
NL7SZ19 ONSEMI-NL7SZ19 Datasheet
58Kb / 6P
   1-of-2 Decoder/ Demultiplexer
November, 2004 ??Rev. 4
logo
Nexperia B.V. All right...
74LVC1G19 NEXPERIA-74LVC1G19 Datasheet
244Kb / 16P
   1-of-2 decoder/demultiplexer
Rev. 10 - 27 January 2022
logo
NXP Semiconductors
74LVC1G19 PHILIPS-74LVC1G19 Datasheet
83Kb / 14P
   1-of-2 decoder/demultiplexer
2004 Oct 18
74LVC1G19GW.125 NXP-74LVC1G19GW.125 Datasheet
126Kb / 18P
   1-of-2 decoder/demultiplexer
Rev. 6-6 December 2011
logo
Texas Instruments
SN74LVC1G19 TI-SN74LVC1G19_10 Datasheet
855Kb / 19P
[Old version datasheet]   1-OF-2 DECODER/DEMULTIPLEXER
logo
Nexperia B.V. All right...
74LVC1G19-Q100 NEXPERIA-74LVC1G19-Q100 Datasheet
758Kb / 12P
   1-of-2 decoder/demultiplexer
logo
Texas Instruments
SN74LVC1G19 TI-SN74LVC1G19 Datasheet
216Kb / 11P
[Old version datasheet]   1-OF-2 DECODER/DEMULTIPLEXER
SN74AUC1G19 TI-SN74AUC1G19 Datasheet
335Kb / 12P
[Old version datasheet]   1-OF-2 DECODER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com