Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AUP1G14 Fiches technique(PDF) 3 Page - NXP Semiconductors

No de pièce 74AUP1G14
Description  Low-power Schmitt trigger inverter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP1G14 Fiches technique(HTML) 3 Page - NXP Semiconductors

  74AUP1G14 Datasheet HTML 1Page - NXP Semiconductors 74AUP1G14 Datasheet HTML 2Page - NXP Semiconductors 74AUP1G14 Datasheet HTML 3Page - NXP Semiconductors 74AUP1G14 Datasheet HTML 4Page - NXP Semiconductors 74AUP1G14 Datasheet HTML 5Page - NXP Semiconductors 74AUP1G14 Datasheet HTML 6Page - NXP Semiconductors 74AUP1G14 Datasheet HTML 7Page - NXP Semiconductors 74AUP1G14 Datasheet HTML 8Page - NXP Semiconductors 74AUP1G14 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
74AUP1G14_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 8 July 2009
3 of 19
NXP Semiconductors
74AUP1G14
Low-power Schmitt trigger inverter
7.
Pinning information
7.1 Pinning
7.2 Pin description
8.
Functional description
[1]
H = HIGH voltage level;
L = LOW voltage level.
Fig 4.
Pin configuration SOT353-1
(TSSOP5)
Fig 5.
Pin configuration SOT886
(XSON6)
Fig 6.
Pin configuration SOT891
(XSON6)
74AUP1G14
n.c.
VCC
A
GND
Y
001aaf121
1
2
3
5
4
74AUP1G14
A
001aaf122
n.c.
GND
n.c.
VCC
Y
Transparent top view
2
3
1
5
4
6
74AUP1G14
A
001aaf123
n.c.
GND
n.c.
VCC
Y
Transparent top view
2
3
1
5
4
6
Table 3.
Pin description
Symbol
Pin
Description
TSSOP5
XSON6
n.c.
1
1
not connected
A
2
2
data input
GND
3
3
ground (0 V)
Y
4
4
data output
n.c.
-
5
not connected
VCC
5
6
supply voltage
Table 4.
Function table[1]
Input
Output
A
Y
LH
HL


Numéro de pièce similaire - 74AUP1G14

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AUP1G14 PHILIPS-74AUP1G14 Datasheet
101Kb / 20P
   Low-power Schmitt-trigger inverter
Rev. 01-20 July 2005
logo
Diodes Incorporated
74AUP1G14 DIODES-74AUP1G14 Datasheet
191Kb / 11P
   SINGLE SCHMITT-TRIGGER INVERETER
logo
Nexperia B.V. All right...
74AUP1G14 NEXPERIA-74AUP1G14 Datasheet
311Kb / 21P
   Low-power Schmitt trigger inverter
Rev. 10 - 14 January 2022
74AUP1G14-Q100 NEXPERIA-74AUP1G14-Q100 Datasheet
239Kb / 14P
   Low-power Schmitt trigger inverter
Rev. 2 - 27 January 2021
logo
Diodes Incorporated
74AUP1G14FW4-7 DIODES-74AUP1G14FW4-7 Datasheet
191Kb / 11P
   SINGLE SCHMITT-TRIGGER INVERETER
More results

Description similaire - 74AUP1G14

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74AXP1G14 NEXPERIA-74AXP1G14 Datasheet
228Kb / 16P
   Low-power Schmitt trigger inverter
74AUP1G14 NEXPERIA-74AUP1G14 Datasheet
311Kb / 21P
   Low-power Schmitt trigger inverter
Rev. 10 - 14 January 2022
logo
NXP Semiconductors
74AUP1G14 PHILIPS-74AUP1G14_15 Datasheet
443Kb / 24P
   Low-power Schmitt trigger inverter
Rev. 6-28 June 2012
74AUP1G14 PHILIPS-74AUP1G14 Datasheet
101Kb / 20P
   Low-power Schmitt-trigger inverter
Rev. 01-20 July 2005
74AXP1G14 PHILIPS-74AXP1G14_15 Datasheet
348Kb / 17P
   Low-power Schmitt trigger inverter
Rev. 1-28 August 2014
logo
Nexperia B.V. All right...
74AUP1G14-Q100 NEXPERIA-74AUP1G14-Q100 Datasheet
239Kb / 14P
   Low-power Schmitt trigger inverter
Rev. 2 - 27 January 2021
logo
NXP Semiconductors
74AUP1G14GF NXP-74AUP1G14GF Datasheet
443Kb / 24P
   Low-power Schmitt trigger inverter
Rev. 6-28 June 2012
logo
Texas Instruments
SN74AUP1G14_101 TI-SN74AUP1G14_101 Datasheet
978Kb / 22P
[Old version datasheet]   LOW-POWER SINGLE SCHMITT-TRIGGER INVERTER
logo
NXP Semiconductors
74AUP2G14 PHILIPS-74AUP2G14_15 Datasheet
217Kb / 21P
   Low-power dual Schmitt trigger inverter
Rev. 5-4 December 2012
logo
Texas Instruments
SN74AUP2G14 TI1-SN74AUP2G14 Datasheet
918Kb / 23P
[Old version datasheet]   LOW-POWER DUAL SCHMITT-TRIGGER INVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com