Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVCH16374DGG Fiches technique(PDF) 4 Page - NXP Semiconductors

No de pièce 74LVCH16374DGG
Description  2.5 V/3.3 V 16-bit edge-triggered D-type flip-flop; 3-state
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVCH16374DGG Fiches technique(HTML) 4 Page - NXP Semiconductors

  74LVCH16374DGG Datasheet HTML 1Page - NXP Semiconductors 74LVCH16374DGG Datasheet HTML 2Page - NXP Semiconductors 74LVCH16374DGG Datasheet HTML 3Page - NXP Semiconductors 74LVCH16374DGG Datasheet HTML 4Page - NXP Semiconductors 74LVCH16374DGG Datasheet HTML 5Page - NXP Semiconductors 74LVCH16374DGG Datasheet HTML 6Page - NXP Semiconductors 74LVCH16374DGG Datasheet HTML 7Page - NXP Semiconductors 74LVCH16374DGG Datasheet HTML 8Page - NXP Semiconductors 74LVCH16374DGG Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
74ALVCH16374_3
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 03 — 27 April 2010
4 of 17
NXP Semiconductors
74ALVCH16374
2.5 V/3.3 V 16-bit edge-triggered D-type flip-flop; 3-state
5.
Pinning information
5.1 Pinning
Fig 5.
Pin configuration
74ALVCH16374
1OE
1CP
1Q0
1D0
1Q1
1D1
GND
GND
1Q2
1D2
1Q3
1D3
VCC
VCC
1Q4
1D4
1Q5
1D5
GND
GND
1Q6
1D6
1Q7
1D7
2Q0
2D0
2Q1
2D1
GND
GND
2Q2
2D2
2Q3
2D3
VCC
VCC
2Q4
2D4
2Q5
2D5
GND
GND
2Q6
2D6
2Q7
2D7
2OE
2CP
001aal769
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25


Numéro de pièce similaire - 74LVCH16374DGG

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LVCH16374A PHILIPS-74LVCH16374A Datasheet
82Kb / 10P
   16-bit edge triggered D-type flip-flop with 5 Volt tolerant inputs/outputs 3-State
1998 Mar 17
74LVCH16374A NXP-74LVCH16374A Datasheet
175Kb / 19P
   16-bit edge-triggered D-type flip-flop with 5 V tolerant inputs/outputs; 3-state
Rev. 07-23 March 2010
logo
Nexperia B.V. All right...
74LVCH16374A NEXPERIA-74LVCH16374A Datasheet
242Kb / 13P
   16-bit edge-triggered D-type flip-flop; 5 V tolerant; 3-state
Rev. 13 - 27 September 2021
74LVCH16374A-Q100 NEXPERIA-74LVCH16374A-Q100 Datasheet
230Kb / 14P
   16-bit edge-triggered D-type flip-flop; 5 V tolerant; 3-state
logo
NXP Semiconductors
74LVCH16374ABQ NXP-74LVCH16374ABQ Datasheet
175Kb / 19P
   16-bit edge-triggered D-type flip-flop with 5 V tolerant inputs/outputs; 3-state
Rev. 07-23 March 2010
More results

Description similaire - 74LVCH16374DGG

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74ALVCH16374 NEXPERIA-74ALVCH16374 Datasheet
232Kb / 13P
   2.5 V/3.3 V 16-bit edge-triggered D-type flip-flop; 3-state
Rev. 7 - 23 November 2021
logo
NXP Semiconductors
74LVT16374A NXP-74LVT16374A Datasheet
187Kb / 19P
   3.3 V 16-bit edge-triggered D-type flip-flop; 3-state
Rev. 07-22 March 2010
logo
Nexperia B.V. All right...
74LVT-LVTH16374A NEXPERIA-74LVT-LVTH16374A Datasheet
233Kb / 13P
   3.3 V 16-bit edge-triggered D-type flip-flop; 3-state
Rev. 12 - 6 August 2021
logo
Texas Instruments
SN54ALVTH16374 TI-SN54ALVTH16374 Datasheet
422Kb / 16P
[Old version datasheet]   2.5-V/3.3-V 16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALVTH16374 TI-SN54ALVTH16374_08 Datasheet
550Kb / 21P
[Old version datasheet]   2.5-V/3.3-V 16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN74LVTH16374-EP TI1-SN74LVTH16374-EP Datasheet
301Kb / 10P
[Old version datasheet]   3.3-V ABT 16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74AVC16374 PHILIPS-74AVC16374 Datasheet
84Kb / 16P
   16-bit edge triggered D-type flip-flop; 3.6 V tolerant; 3-state
2000 Mar 09
logo
Nexperia B.V. All right...
74LVC16374A-Q100 NEXPERIA-74LVC16374A-Q100 Datasheet
230Kb / 14P
   16-bit edge-triggered D-type flip-flop; 5 V tolerant; 3-state
74AVC16374 NEXPERIA-74AVC16374 Datasheet
1Mb / 16P
   16-bit edge triggered D-type flip-flop; 3.6 V tolerant; 3-state
Rev. 3 - 16 August 2013
74AVC16374-Q100 NEXPERIA-74AVC16374-Q100 Datasheet
772Kb / 16P
   16-bit edge triggered D-type flip-flop 3.6 V tolerant; 3-state
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com