Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LZG-B12 Fiches technique(PDF) 6 Page - Fujitsu Component Limited.

No de pièce LZG-B12
Description  POWER RELAY 1 POLE-1, 3, 5, 10 A (CADMIUM FREE CONTACTS TYPE)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FUJITSU [Fujitsu Component Limited.]
Site Internet  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

LZG-B12 Fiches technique(HTML) 6 Page - Fujitsu Component Limited.

  LZG-B12 Datasheet HTML 1Page - Fujitsu Component Limited. LZG-B12 Datasheet HTML 2Page - Fujitsu Component Limited. LZG-B12 Datasheet HTML 3Page - Fujitsu Component Limited. LZG-B12 Datasheet HTML 4Page - Fujitsu Component Limited. LZG-B12 Datasheet HTML 5Page - Fujitsu Component Limited. LZG-B12 Datasheet HTML 6Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
LZG SERIES
DISCONTINUED
© 2004 Fujitsu Components America, Inc. All company and product names are trademarks or registered trademarks
of their respective owners. Rev. 10/27/2004.
Japan
Fujitsu Component Limited
Gotanda-Chuo Building
3-5, Higashigotanda 2-chome, Shinagawa-ku
Tokyo 141, Japan
Tel: (81-3) 5449-7010
Fax: (81-3) 5449-2626
Email: promothq@ft.ed.fujitsu.com
Web: www.fcl.fujitsu.com
North and South America
Fujitsu Components America, Inc.
250 E. Caribbean Drive
Sunnyvale, CA 94089 U.S.A.
Tel: (1-408) 745-4900
Fax: (1-408) 745-4970
Email: marcom@fcai.fujitsu.com
Web: www.fcai.fujitsu.com
Europe
Fujitsu Components Europe B.V.
Diamantlaan 25
2132 WV Hoofddorp
Netherlands
Tel: (31-23) 5560910
Fax: (31-23) 5560950
Email: info@fceu.fujitsu.com
Web: www.fceu.fujitsu.com
Asia Pacific
Fujitsu Components Asia Ltd.
102E Pasir Panjang Road
#04-01 Citilink Warehouse Complex
Singapore 118529
Tel: (65) 6375-8560
Fax: (65) 6273-3021
Email: fcal@fcal.fujitsu.com
www.fcal.fujitsu.com
Fujitsu Components
International
Headquarter
Offices


Numéro de pièce similaire - LZG-B12

FabricantNo de pièceFiches techniqueDescription
logo
Honeywell Accelerometer...
LZG1 HONEYWELL-ACC-LZG1 Datasheet
277Kb / 2P
   Installation and adjusting instructions LZ metal-enclosed switches
logo
List of Unclassifed Man...
LZG1 ETC1-LZG1 Datasheet
277Kb / 2P
   Installation and adjusting instructions LZ metal-enclosed switches
More results

Description similaire - LZG-B12

FabricantNo de pièceFiches techniqueDescription
logo
Fujitsu Component Limit...
NYP-12W-K-IE FUJITSU-NYP-12W-K-IE Datasheet
307Kb / 7P
   POWER RELAY 1 POLE-5 A (CADMIUM FREE CONTACTS TYPE)
NY24W-K FUJITSU-NY24W-K Datasheet
117Kb / 5P
   POWER RELAY 1 POLE—5 A (CADMIUM FREE CONTACTS TYPE)
FTR-H2 FUJITSU-FTR-H2 Datasheet
564Kb / 8P
   POWER RELAY 1 POLE-10 A (CADMIUM FREE CONTACTS TYPE)
VH-12 FUJITSU-VH-12 Datasheet
92Kb / 4P
   POWER RELAY 1 POLE-16 A (CADMIUM FREE CONTACTS TYPE)
VG-12HMSE-K-UL FUJITSU-VG-12HMSE-K-UL Datasheet
186Kb / 7P
   POWER RELAY 1 POLE-3A to 5 A (CADMIUM FREE CONTACTS TYPE)
FTR-K2 FUJITSU-FTR-K2 Datasheet
556Kb / 8P
   POWER RELAY 1 POLE-16A (CADMIUM FREE CONTACTS TYPE)
FTR-F2 FUJITSU-FTR-F2 Datasheet
607Kb / 8P
   POWER RELAY 1 POLE-5A (CADMIUM FREE CONTACTS TYPE)
logo
Fuji Electric
FBR160 FUJI-FBR160 Datasheet
56Kb / 6P
   POWER RELAY 1 POLE-3, 5, 10 A
logo
Fujitsu Component Limit...
FTR-F2P FUJITSU-FTR-F2P Datasheet
597Kb / 8P
   1 POLE-120A Inrush Current (CADMIUM FREE CONTACTS TYPE)
LZ-B12HMSE-KHV-UC FUJITSU-LZ-B12HMSE-KHV-UC Datasheet
424Kb / 10P
   POWER RELAY 1 POLE-1, 3, 5, 10 A(MEDIUM LOAD CONTROL)
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com