Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AHCT3G14 Fiches technique(PDF) 10 Page - NXP Semiconductors

No de pièce 74AHCT3G14
Description  Inverting Schmitt trigger
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHCT3G14 Fiches technique(HTML) 10 Page - NXP Semiconductors

Back Button 74AHCT3G14 Datasheet HTML 6Page - NXP Semiconductors 74AHCT3G14 Datasheet HTML 7Page - NXP Semiconductors 74AHCT3G14 Datasheet HTML 8Page - NXP Semiconductors 74AHCT3G14 Datasheet HTML 9Page - NXP Semiconductors 74AHCT3G14 Datasheet HTML 10Page - NXP Semiconductors 74AHCT3G14 Datasheet HTML 11Page - NXP Semiconductors 74AHCT3G14 Datasheet HTML 12Page - NXP Semiconductors 74AHCT3G14 Datasheet HTML 13Page - NXP Semiconductors 74AHCT3G14 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
74AHC_AHCT3G14_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 5 May 2009
10 of 16
NXP Semiconductors
74AHC3G14; 74AHCT3G14
Inverting Schmitt trigger
tf = input fall time (ns); 90 % to 10 %;
∆I
CC(AV) = average additional supply current (µA).
∆I
CC(AV) differs with positive or negative input transitions, as shown in Figure 15
and Figure 16.
For 74AHC3G14 and 74AHCT3G14 used in relaxation oscillator circuit, see Figure 17.
Note to the application information:
1. All values given are typical unless otherwise specified.
Linear change of VI between 0.1VCC to 0.9VCC
Linear change of VI between 0.1VCC to 0.9VCC
Fig 15. Average additional ICC for 74AHC3G14 Schmitt
trigger devices
Fig 16. Average additional ICC for 74AHCT3G14
Schmitt trigger devices
mna036
0
2.0
4.0
6.0
VCC (V)
200
150
50
0
100
∆ICC(AV)
(
µA)
positive-going
edge
negative-going
edge
mna058
04
6
2
VCC (V)
200
100
50
150
0
∆ICC(AV)
(
µA)
positive-going
edge
negative-going
edge
For 74AHC3G14:
For 74AHCT3G14:
Fig 17. Relaxation oscillator using the 74AHC3G14 and 74AHCT3G14
mna035
R
C
f
1
T
---
1
0.55
RC
×
-------------------------
=
f
1
T
---
1
0.60
RC
×
-------------------------
=


Numéro de pièce similaire - 74AHCT3G14

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AHCT3G14 PHILIPS-74AHCT3G14 Datasheet
137Kb / 21P
   Inverting Schmitt trigger
2004 Oct 18
logo
Nexperia B.V. All right...
74AHCT3G14 NEXPERIA-74AHCT3G14 Datasheet
267Kb / 15P
   Triple inverting Schmitt trigger
Rev. 9 - 4 December 2018
74AHCT3G14-Q100 NEXPERIA-74AHCT3G14-Q100 Datasheet
257Kb / 15P
   Automotive product qualification in accordance with AEC-Q100
logo
NXP Semiconductors
74AHCT3G14DC PHILIPS-74AHCT3G14DC Datasheet
137Kb / 21P
   Inverting Schmitt trigger
2004 Oct 18
logo
Nexperia B.V. All right...
74AHCT3G14DC NEXPERIA-74AHCT3G14DC Datasheet
267Kb / 15P
   Triple inverting Schmitt trigger
Rev. 9 - 4 December 2018
More results

Description similaire - 74AHCT3G14

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AHC1G14 NXP-74AHC1G14 Datasheet
105Kb / 15P
   Inverting Schmitt trigger
Rev. 06 ??18 May 2009
logo
Nexperia B.V. All right...
74AHC1G14 NEXPERIA-74AHC1G14 Datasheet
261Kb / 14P
   Inverting Schmitt trigger
Rev. 10 - 12 January 2022
XC7SET14 NEXPERIA-XC7SET14 Datasheet
227Kb / 12P
   Inverting Schmitt trigger
Rev. 2 - 14 January 2022
logo
NXP Semiconductors
74AHC3G14 PHILIPS-74AHC3G14 Datasheet
137Kb / 21P
   Inverting Schmitt trigger
2004 Oct 18
74HC1G14 PHILIPS-74HC1G14 Datasheet
92Kb / 20P
   Inverting Schmitt-trigger
2002 May 15
74HC1G14 NXP-74HC1G14 Datasheet
93Kb / 14P
   Inverting Schmitt trigger
Rev. 04-17 July 2007
logo
Nexperia B.V. All right...
XC7SH14 NEXPERIA-XC7SH14 Datasheet
233Kb / 12P
   Inverting Schmitt trigger
Rev. 2 - 24 January 2022
logo
NXP Semiconductors
74AHC1G14 PHILIPS-74AHC1G14 Datasheet
105Kb / 20P
   Inverting Schmitt trigger
2002 Jun 06.
logo
Unisonic Technologies
U74AHC3G14 UTC-U74AHC3G14_15 Datasheet
148Kb / 6P
   INVERTING SCHMITT TRIGGER
logo
NXP Semiconductors
74AHC_AHCT1G14 PHILIPS-74AHC_AHCT1G14_15 Datasheet
204Kb / 16P
   Inverting Schmitt trigger
Rev. 7-18 November 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com