Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AHC2G32 Fiches technique(PDF) 2 Page - NXP Semiconductors

No de pièce 74AHC2G32
Description  Dual 2-input OR gate
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHC2G32 Fiches technique(HTML) 2 Page - NXP Semiconductors

  74AHC2G32 Datasheet HTML 1Page - NXP Semiconductors 74AHC2G32 Datasheet HTML 2Page - NXP Semiconductors 74AHC2G32 Datasheet HTML 3Page - NXP Semiconductors 74AHC2G32 Datasheet HTML 4Page - NXP Semiconductors 74AHC2G32 Datasheet HTML 5Page - NXP Semiconductors 74AHC2G32 Datasheet HTML 6Page - NXP Semiconductors 74AHC2G32 Datasheet HTML 7Page - NXP Semiconductors 74AHC2G32 Datasheet HTML 8Page - NXP Semiconductors 74AHC2G32 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
74AHC_AHCT2G32_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 20 January 2009
2 of 13
NXP Semiconductors
74AHC2G32; 74AHCT2G32
Dual 2-input OR gate
4.
Marking
5.
Functional diagram
6.
Pinning information
6.1 Pinning
Table 2.
Marking
Type number
Marking code
74AHC2G32DP
A32
74AHCT2G32DP
C32
74AHC2G32DC
A32
74AHCT2G32DC
C32
74AHC2G32GD
A32
74AHCT2G32GD
C32
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
Fig 3.
Logic diagram (one gate)
mna733
1A
1B
1Y
2
1
7
2A
2B
2Y
6
5
3
mna734
7
≥ 1
≥ 1
2
1
3
6
5
mna166
B
A
Y
Fig 4.
Pin configuration SOT505-2 (TSSOP8) and
SOT765-1 (VSSOP8)
Fig 5.
Pin configuration SOT996-2 (XSON8U)
74AHC2G32
74AHCT2G32
1A
VCC
1B
1Y
2Y
2B
GND
2A
001aaj504
1
2
3
4
6
5
8
7
001aaj505
74AHC2G32
74AHCT2G32
Transparent top view
8
7
6
5
1
2
3
4
1A
1B
2Y
GND
VCC
1Y
2B
2A


Numéro de pièce similaire - 74AHC2G32

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AHC2G32 PHILIPS-74AHC2G32 Datasheet
85Kb / 16P
   Dual 2-input OR gate
Rev. 01-23 February 2004
logo
Nexperia B.V. All right...
74AHC2G32 NEXPERIA-74AHC2G32 Datasheet
211Kb / 11P
   Dual 2-input OR gate
Rev. 4 - 18 December 2018
74AHC2G32-Q100 NEXPERIA-74AHC2G32-Q100 Datasheet
212Kb / 11P
   Automotive product qualification in accordance with AEC-Q100
74AHC2G32-Q100 NEXPERIA-74AHC2G32-Q100 Datasheet
211Kb / 11P
   Dual 2-input OR gate
Rev. 3 - 18 December 2018
logo
NXP Semiconductors
74AHC2G32DC PHILIPS-74AHC2G32DC Datasheet
85Kb / 16P
   Dual 2-input OR gate
Rev. 01-23 February 2004
More results

Description similaire - 74AHC2G32

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
74V2T32 STMICROELECTRONICS-74V2T32 Datasheet
80Kb / 7P
   DUAL 2-INPUT OR GATE
logo
Toshiba Semiconductor
TC7W32F TOSHIBA-TC7W32F_01 Datasheet
234Kb / 7P
   DUAL 2-INPUT OR GATE
logo
Unisonic Technologies
U74AHC2G32 UTC-U74AHC2G32 Datasheet
196Kb / 5P
   DUAL 2-INPUT OR GATE
logo
ON Semiconductor
NL27WZ32 ONSEMI-NL27WZ32 Datasheet
51Kb / 6P
   Dual 2-Input OR Gate
February, 2004 ??Rev. 4
logo
Renesas Technology Corp
RD74LVC2G32 RENESAS-RD74LVC2G32 Datasheet
1Mb / 8P
   Dual 2-input OR Gate
logo
Diodes Incorporated
74LVC2G32 DIODES-74LVC2G32 Datasheet
507Kb / 11P
   DUAL 2-INPUT OR GATE
logo
Nexperia B.V. All right...
74HC2G32-Q100 NEXPERIA-74HC2G32-Q100 Datasheet
212Kb / 12P
   Dual 2-input OR gate
74LVC2G32 NEXPERIA-74LVC2G32 Datasheet
287Kb / 18P
   Dual 2-input OR gate
Rev. 15 - 23 June 2022
logo
Toshiba Semiconductor
TC7W32F TOSHIBA-TC7W32F Datasheet
201Kb / 6P
   DUAL 2-INPUT OR GATE
logo
NXP Semiconductors
74AHC2G32 PHILIPS-74AHC2G32 Datasheet
85Kb / 16P
   Dual 2-input OR gate
Rev. 01-23 February 2004
logo
Toshiba Semiconductor
TC7WH32FU TOSHIBA-TC7WH32FU Datasheet
195Kb / 6P
   DUAL 2-INPUT OR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com