Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AHC1G125GW Fiches technique(PDF) 1 Page - NXP Semiconductors

No de pièce 74AHC1G125GW
Description  Bus buffer/line driver; 3-state
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHC1G125GW Fiches technique(HTML) 1 Page - NXP Semiconductors

  74AHC1G125GW Datasheet HTML 1Page - NXP Semiconductors 74AHC1G125GW Datasheet HTML 2Page - NXP Semiconductors 74AHC1G125GW Datasheet HTML 3Page - NXP Semiconductors 74AHC1G125GW Datasheet HTML 4Page - NXP Semiconductors 74AHC1G125GW Datasheet HTML 5Page - NXP Semiconductors 74AHC1G125GW Datasheet HTML 6Page - NXP Semiconductors 74AHC1G125GW Datasheet HTML 7Page - NXP Semiconductors 74AHC1G125GW Datasheet HTML 8Page - NXP Semiconductors 74AHC1G125GW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1.
General description
74AHC1G125 and 74AHCT1G125 are high-speed Si-gate CMOS devices. They provide
one non-inverting buffer/line driver with 3-state output. The 3-state output is controlled by
the output enable input (OE). A HIGH at OE causes the output to assume a
high-impedance OFF-state.
The AHC device has CMOS input switching levels and supply voltage range 2 V to 5.5 V.
The AHCT device has TTL input switching levels and supply voltage range 4.5 V to 5.5 V.
2.
Features
I Symmetrical output impedance
I High noise immunity
I Low power dissipation
I Balanced propagation delays
I Multiple package options
I ESD protection:
N HBM JESD22-A114E: exceeds 2000 V
N MM JESD22-A115-A: exceeds 200 V
N CDM JESD22-C101C: exceeds 1000 V
I Specified from −40 °C to +125 °C
3.
Ordering information
74AHC1G125; 74AHCT1G125
Bus buffer/line driver; 3-state
Rev. 09 — 22 June 2009
Product data sheet
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74AHC1G125GW
−40 °C to +125 °C
TSSOP5
plastic thin shrink small outline package;
5 leads; body width 1.25 mm
SOT353-1
74AHCT1G125GW
74AHC1G125GV
−40 °C to +125 °C
SC-74A
plastic surface-mounted package; 5 leads
SOT753
74AHCT1G125GV
74AHC1G125GM
−40 °C to +125 °C
XSON6
plastic extremely thin small outline package; no
leads; 6 terminals; body 1
× 1.45 × 0.5 mm
SOT886
74AHCT1G125GM
74AHC1G125GF
−40 °C to +125 °C
XSON6
plastic extremely thin small outline package;
no leads; 6 terminals; body 1
× 1 × 0.5 mm
SOT891
74AHCT1G125GF


Numéro de pièce similaire - 74AHC1G125GW

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AHC1G125GW PHILIPS-74AHC1G125GW Datasheet
80Kb / 16P
   Bus buffer/line driver; 3-state
2002 Jun 06
logo
Nexperia B.V. All right...
74AHC1G125GW NEXPERIA-74AHC1G125GW Datasheet
700Kb / 15P
   Bus buffer/line driver; 3-state
74AHC1G125GW NEXPERIA-74AHC1G125GW Datasheet
246Kb / 14P
   Bus buffer/line driver; 3-state
Rev. 13 - 11 January 2022
74AHC1G125GW-Q100 NEXPERIA-74AHC1G125GW-Q100 Datasheet
235Kb / 13P
   Bus buffer/line driver; 3-state
Rev. 4 - 11 January 2022
More results

Description similaire - 74AHC1G125GW

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LVC1G125 PHILIPS-74LVC1G125 Datasheet
94Kb / 17P
   Bus buffer/line driver; 3-state
2004 Sep 15
74AHC_AHCT1G126 PHILIPS-74AHC_AHCT1G126_15 Datasheet
198Kb / 17P
   Bus buffer/line driver; 3-state
Rev. 8-23 August 2012
XC7SH125 PHILIPS-XC7SH125_15 Datasheet
93Kb / 14P
   Bus buffer/line driver; 3-state
Rev. 01-4 September 2009
74LVC1G126GW.125 NXP-74LVC1G126GW.125 Datasheet
368Kb / 21P
   Bus buffer/line driver; 3-state
Rev. 12-2 July 2012
74LVC1G126 NXP-74LVC1G126_09 Datasheet
98Kb / 16P
   Bus buffer/line driver; 3-state
Rev. 08-9 April 2009
logo
Nexperia B.V. All right...
74AHC1G125-Q100 NEXPERIA-74AHC1G125-Q100 Datasheet
700Kb / 15P
   Bus buffer/line driver; 3-state
74AHC1G126-Q100 NEXPERIA-74AHC1G126-Q100 Datasheet
696Kb / 15P
   Bus buffer/line driver; 3-state
logo
Unisonic Technologies
U74LVC1G125 UTC-U74LVC1G125_V01 Datasheet
193Kb / 5P
   BUS BUFFER/LINE DRIVER 3-STATE
logo
Nexperia B.V. All right...
74LVC1G126 NEXPERIA-74LVC1G126 Datasheet
272Kb / 18P
   Bus buffer/line driver; 3-state
Rev. 16 - 18 January 2022
logo
NXP Semiconductors
74AHC1G126 PHILIPS-74AHC1G126 Datasheet
80Kb / 16P
   Bus buffer/line driver; 3-state
2002 Jun 06
74HC1G126 PHILIPS-74HC1G126 Datasheet
430Kb / 12P
   Bus buffer/line driver; 3-state
2002 May 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com