Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FMMT619 Fiches technique(PDF) 2 Page - Zetex Semiconductors

No de pièce FMMT619
Description  NPN SILICON POWER (SWITCHING) TRANSISTORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ZETEX [Zetex Semiconductors]
Site Internet  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

FMMT619 Fiches technique(HTML) 2 Page - Zetex Semiconductors

  FMMT619 Datasheet HTML 1Page - Zetex Semiconductors FMMT619 Datasheet HTML 2Page - Zetex Semiconductors FMMT619 Datasheet HTML 3Page - Zetex Semiconductors FMMT619 Datasheet HTML 4Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Collector Current
I+/I*=40
Collector Current
10A
Collector Current
Collector Current
0.0
I+/I*=40
0.0
0.2
0.4
0.6
0.8
1.0
1.2
V+-=2V
0
450
225
V+-=2V
0.2
0.0
1.0
0.8
0.6
0.4
10
1.0
0.1
0.01
SINGLE PULSE TEST Tamb= 25 deg C
VCE (VOLTS)
TYPICAL CHARACTERISTICS
0.2
0.4
0.6
-55°C
100°C
25°C
25°C
100°C
-55°C
25°C
100°C
-55°C
25°C
100°C
-55°C
D.C.
1s
100ms
10ms
1ms
100µs
0.1
10A
1mA
10A
1mA
10A
1mA
10A
1mA
Safe Operating Area
1
100m
10m
1m
1m
10m
100m
1
10
IC - Collector Current (A)
VCE(sat) v IC
I+/I*=10
I+/I*=50
I+/I*=100
+25°C
VCE(SAT) vs IC
VBE(SAT) vs IC
HFE vs IC
VBE(ON) vs IC
10mA
100mA
1A
10mA
100mA
1A
10mA
100mA
1A
10mA
100mA
1A
110
100
FMMT619
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C unless otherwise stated).
PARAMETER
SYMBOL
FMMT624
FMMT625
UNIT CONDITIONS.
MIN. TYP. MAX. MIN. TYP. MAX.
Collector-Base
Breakdown Voltage
V(BR)CBO
125
250
150
300
V
IC=100µA
Collector-Emitter
Breakdown Voltage
V(BR)CEO
125
160
150
175
V
IC=10mA*
Emitter-Base
Breakdown Voltage
V(BR)EBO
58.3
58.3
V
IE=100µA
Collector Cut-Off
Current
ICBO
100
100
nA
nA
VCB=100V
VCB=130V
Emitter Cut-Off
Current
IEBO
100
100
nA
VEB=4V
Collector Emitter
Cut-Off Current
ICES
100
100
nA
nA
VCES=100V
VCES=130V
Collector-Emitter
Saturation Voltage
VCE(SAT)
26
70
160
165
50
150
220
250
26
110
180
50
200
300
mV
mV
mV
mV
mV
IC=0.1A, IB=10mA*
IC=0.1A, IB=1mA*
IC=0.5A, IB=50mA*
IC=0.5A, IB=10mA*
IC=1A, IB=50mA*
Base-Emitter
Saturation Voltage
VBE(SAT)
0.85
1.0
0.85
1.0
V
IC=1A, IB=50mA*
Base-Emitter
Turn-On Voltage
VBE(ON)
0.7
1.0
0.74
1.0
V
IC=1A, VCE=10V*
Static Forward
Current Transfer
Ratio
hFE
200
300
100
400
450
140
18
200
300
30
400
450
45
15
IC=10mA, VCE=10V*
IC=0.2A, VCE=10V*
IC=1A, VCE=10V*
IC=3A, VCE=10V*
Transition
Frequency
fT
100
155
100
135
MHz
IC=50mA, VCE=10V
f=100MHz
Output Capacitance COBO
7
15
6
10
pF
VCB=10V, f=1MHz
Turn-On Time
t(ON)
60
160
ns
VCC=50V, IC=0.5A
IB1=-IB2=50mA
Turn-Off Time
t(OFF)
1300
1500
ns
*Measured under pulsed conditions. Pulse width=300µs. Duty cycle ≤ 2%
FMMT624
FMMT625
3 - 154
3 - 155


Numéro de pièce similaire - FMMT619

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
FMMT619 DIODES-FMMT619 Datasheet
307Kb / 4P
   SOT23 NPN SILICON POWER
logo
Guangdong Kexin Industr...
FMMT619 KEXIN-FMMT619 Datasheet
1Mb / 4P
   NPN Transistors
logo
Diodes Incorporated
FMMT619QTA DIODES-FMMT619QTA Datasheet
162Kb / 7P
   50V NPN SILICON LOW SATURATION TRANSISTOR IN SOT23
FMMT619QTA DIODES-FMMT619QTA Datasheet
162Kb / 7P
   50V NPN SILICON LOW SATURATION TRANSISTOR IN SOT23
FMMT619TA DIODES-FMMT619TA Datasheet
162Kb / 7P
   50V NPN SILICON LOW SATURATION TRANSISTOR IN SOT23
More results

Description similaire - FMMT619

FabricantNo de pièceFiches techniqueDescription
logo
New Jersey Semi-Conduct...
BUX86 NJSEMI-BUX86 Datasheet
117Kb / 2P
   NPN silicon epibase power switching transistors
logo
Siemens Semiconductor G...
PZT2222 SIEMENS-PZT2222 Datasheet
126Kb / 6P
   NPN Silicon Switching Transistors
logo
Boca Semiconductor Corp...
2N5320 BOCA-2N5320 Datasheet
75Kb / 2P
   SWITCHING TRANSISTORS (NPN SILICON)
logo
STMicroelectronics
TIP47 STMICROELECTRONICS-TIP47 Datasheet
49Kb / 4P
   SILICON NPN SWITCHING TRANSISTORS
logo
Infineon Technologies A...
SMBT3904 INFINEON-SMBT3904_07 Datasheet
146Kb / 13P
   NPN Silicon Switching Transistors
2007-09-20
logo
Siemens Semiconductor G...
SMBT2222 SIEMENS-SMBT2222 Datasheet
155Kb / 6P
   NPN Silicon Switching Transistors
logo
Central Semiconductor C...
2N3646 CENTRAL-2N3646 Datasheet
77Kb / 1P
   NPN SILICON SWITCHING TRANSISTORS
logo
Infineon Technologies A...
SMBT3904 INFINEON-SMBT3904_12 Datasheet
867Kb / 11P
   NPN Silicon Switching Transistors
2012-08-21
logo
Central Semiconductor C...
2N3646 CENTRAL-2N3646_15 Datasheet
78Kb / 1P
   NPN SILICON SWITCHING TRANSISTORS
logo
Leshan Radio Company
MMBT2369LT1 LRC-MMBT2369LT1 Datasheet
214Kb / 5P
   Switching Transistors(NPN Silicon)
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com