Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AHCT1G00GW Fiches technique(PDF) 1 Page - NXP Semiconductors

No de pièce 74AHCT1G00GW
Description  2-input NAND gate
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHCT1G00GW Fiches technique(HTML) 1 Page - NXP Semiconductors

  74AHCT1G00GW Datasheet HTML 1Page - NXP Semiconductors 74AHCT1G00GW Datasheet HTML 2Page - NXP Semiconductors 74AHCT1G00GW Datasheet HTML 3Page - NXP Semiconductors 74AHCT1G00GW Datasheet HTML 4Page - NXP Semiconductors 74AHCT1G00GW Datasheet HTML 5Page - NXP Semiconductors 74AHCT1G00GW Datasheet HTML 6Page - NXP Semiconductors 74AHCT1G00GW Datasheet HTML 7Page - NXP Semiconductors 74AHCT1G00GW Datasheet HTML 8Page - NXP Semiconductors 74AHCT1G00GW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1.
General description
74AHC1G00 and 74AHCT1G00 are high-speed Si-gate CMOS devices. They provide a
2-input NAND function.
The AHC device has CMOS input switching levels and supply voltage range 2 V to 5.5 V.
The AHCT device has TTL input switching levels and supply voltage range 4.5 V to 5.5 V.
2.
Features
I Symmetrical output impedance
I High noise immunity
I Low power dissipation
I Balanced propagation delays
I SOT353-1 and SOT753 package options
I ESD protection:
N HBM JESD22-A114E: exceeds 2000 V
N MM JESD22-A115-A: exceeds 200 V
N CDM JESD22-C101C: exceeds 1000 V
I Specified from −40 °C to +125 °C
3.
Ordering information
74AHC1G00; 74AHCT1G00
2-input NAND gate
Rev. 06 — 30 May 2007
Product data sheet
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74AHC1G00GW
−40 °C to +125 °C
TSSOP5
plastic thin shrink small outline package;
5 leads; body width 1.25 mm
SOT353-1
74AHCT1G00GW
74AHC1G00GV
−40 °C to +125 °C
SC-74A
plastic surface-mounted package; 5 leads
SOT753
74AHCT1G00GV


Numéro de pièce similaire - 74AHCT1G00GW

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AHCT1G00GW PHILIPS-74AHCT1G00GW Datasheet
80Kb / 12P
   2-input NAND gate
2002 May 27
74AHCT1G00GW PHILIPS-74AHCT1G00GW Datasheet
74Kb / 16P
   2-input NAND gate
2002 May 27
logo
Nexperia B.V. All right...
74AHCT1G00GW NEXPERIA-74AHCT1G00GW Datasheet
212Kb / 11P
   2-input NAND gate
Rev. 9 - 10 January 2022
74AHCT1G00GW-Q100 NEXPERIA-74AHCT1G00GW-Q100 Datasheet
709Kb / 12P
   2-input NAND gate
74AHCT1G00GW-Q100 NEXPERIA-74AHCT1G00GW-Q100 Datasheet
210Kb / 11P
   2-input NAND gate
Rev. 4 - 10 January 2022
More results

Description similaire - 74AHCT1G00GW

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC7SZ00AFE TOSHIBA-TC7SZ00AFE Datasheet
150Kb / 4P
   2 INPUT NAND GATE
TC4S11F TOSHIBA-TC4S11F Datasheet
166Kb / 4P
   2 INPUT NAND GATE
TC7SET00F TOSHIBA-TC7SET00F Datasheet
165Kb / 5P
   2-INPUT NAND GATE
logo
NXP Semiconductors
74AHC1G00 PHILIPS-74AHC1G00 Datasheet
74Kb / 16P
   2-input NAND gate
2002 May 27
logo
Renesas Technology Corp
HD74HCT1G00 RENESAS-HD74HCT1G00 Datasheet
52Kb / 8P
   2-input NAND Gate
logo
Unisonic Technologies
U74HC2G00 UTC-U74HC2G00 Datasheet
129Kb / 5P
   2-INPUT NAND GATE
logo
Renesas Technology Corp
RD74LVC1G00 RENESAS-RD74LVC1G00 Datasheet
1Mb / 7P
   2-input NAND Gate
logo
Minilogic Device Corpor...
ML74UL00 MINILOGIC-ML74UL00 Datasheet
122Kb / 3P
   2-input NAND Gate
logo
Nexperia B.V. All right...
74HC1G00-Q100 NEXPERIA-74HC1G00-Q100 Datasheet
677Kb / 12P
   2-input NAND gate
74HC1G00 NEXPERIA-74HC1G00 Datasheet
206Kb / 10P
   2-input NAND gate
Rev. 6 - 21 January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com