Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LZG-B12WMS-K Fiches technique(PDF) 3 Page - Fujitsu Component Limited.

No de pièce LZG-B12WMS-K
Description  POWER RELAY 1 POLE-1, 3, 5, 10 A (CADMIUM FREE CONTACTS TYPE)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FUJITSU [Fujitsu Component Limited.]
Site Internet  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

LZG-B12WMS-K Fiches technique(HTML) 3 Page - Fujitsu Component Limited.

  LZG-B12WMS-K Datasheet HTML 1Page - Fujitsu Component Limited. LZG-B12WMS-K Datasheet HTML 2Page - Fujitsu Component Limited. LZG-B12WMS-K Datasheet HTML 3Page - Fujitsu Component Limited. LZG-B12WMS-K Datasheet HTML 4Page - Fujitsu Component Limited. LZG-B12WMS-K Datasheet HTML 5Page - Fujitsu Component Limited. LZG-B12WMS-K Datasheet HTML 6Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
LZG SERIES
DISCONTINUED
s SPECIFICATIONS
10 A Type
5 A Type
3 A Type
1 A Type
Item
LZG-( )VM
LZG-( )H, LZG-( )HE LZG( ), LZG-( )E
LZG-( )W
Contact
Arrangement
1 form A (SPST-NO)
1 form A (SPST-NO) or 1 form C (SPDT)
Material
Silver alloy
Style
Single
Bifurcated
Resistance (initial) (at 1 A 6 VDC)
Maximum 70 m
Ω (LZG-H)
Maximum 100 m
Ω (LZG-VM, HE, E)
Rating (resistive)
10 A 120 VAC/24 VDC 5 A 120 VAC/24 VDC
3 A 120 VAC/30 VDC
1 A 120 VAC/30 VDC
1/4 HP 120 VAC
1/8 HP 120 VAC
1/10 HP 120 VAC
Maximum Carrying Current
10 A
5 A
1 A
Maximum Switching Power
Maximum Switching Voltage
250 VAC, 150 VDC
Maximum Switching Current
10 A
5 A
3 A
1 A
Minimum Switching Load*1
10 mA 5 VDC (LZG-H) 100 mA 5 VDC (LZG-VM, HE, E) 0.1 mA 100 VDC
Coil
Nominal Power (at 20
°C)
Standard type: 0.45 to 0.6 W
High sensitivity type: 0.33 W
Operate Power (at 20
°C)
Standard type: 0.17 to 0.22 W
High sensitivity type: 0.14 W
Operating Temperature
Standard type: –30
°C to +70°C (no frost)
High sensitivity type: –30
°C to +80°C (no frost)
(refer to the CHARACTERISTIC DATA)
Time Value
Operate (at nominal voltage)
Maximum 7 ms
Release (at nominal voltage)
Maximum 4 ms
Insulation
Resistance (at 500 VDC)
Minimum 250 M
between
750 VAC 1 minute
Dielectric
open contacts
Strength
between coil
2,500 VAC 1 minute
and contacts
Surge Strength
7,000 V (at 1.2
× 50 µs)
Life
Mechanical
2
× 10 7 operations minimum
Electrical
1
× 10 5 operations minimum (rated load)
Other
Vibration
Misoperation
10 to 55 Hz (double amplitude of 3.3 mm)
Resistance
Endurance
10 to 55 Hz (double amplitude of 3.3 mm)
Shock
Misoperation
100 m/s 2 (11
±1 ms)
Resistance
Endurance
1,000 m/s 2 (6
±1 ms)
Weight
Approximately 9.2 g
*1 Minimum switching loads mentioned above are reference values. Please perform the confirmation test with the actual
load before production since reference values may vary according to switching frequencies, environmental conditions
and expected reliability levels.
Gold overlay silver alloy
Gold overlay
silver-palladium
1,680 VA, 240 W
960 VA, 120 W
600 VA, 90 W
190 VA, 30 W
Max. 50 m


Numéro de pièce similaire - LZG-B12WMS-K

FabricantNo de pièceFiches techniqueDescription
logo
Honeywell Accelerometer...
LZG1 HONEYWELL-ACC-LZG1 Datasheet
277Kb / 2P
   Installation and adjusting instructions LZ metal-enclosed switches
logo
List of Unclassifed Man...
LZG1 ETC1-LZG1 Datasheet
277Kb / 2P
   Installation and adjusting instructions LZ metal-enclosed switches
More results

Description similaire - LZG-B12WMS-K

FabricantNo de pièceFiches techniqueDescription
logo
Fujitsu Component Limit...
NYP-12W-K-IE FUJITSU-NYP-12W-K-IE Datasheet
307Kb / 7P
   POWER RELAY 1 POLE-5 A (CADMIUM FREE CONTACTS TYPE)
NY24W-K FUJITSU-NY24W-K Datasheet
117Kb / 5P
   POWER RELAY 1 POLE—5 A (CADMIUM FREE CONTACTS TYPE)
FTR-H2 FUJITSU-FTR-H2 Datasheet
564Kb / 8P
   POWER RELAY 1 POLE-10 A (CADMIUM FREE CONTACTS TYPE)
VH-12 FUJITSU-VH-12 Datasheet
92Kb / 4P
   POWER RELAY 1 POLE-16 A (CADMIUM FREE CONTACTS TYPE)
VG-12HMSE-K-UL FUJITSU-VG-12HMSE-K-UL Datasheet
186Kb / 7P
   POWER RELAY 1 POLE-3A to 5 A (CADMIUM FREE CONTACTS TYPE)
FTR-K2 FUJITSU-FTR-K2 Datasheet
556Kb / 8P
   POWER RELAY 1 POLE-16A (CADMIUM FREE CONTACTS TYPE)
FTR-F2 FUJITSU-FTR-F2 Datasheet
607Kb / 8P
   POWER RELAY 1 POLE-5A (CADMIUM FREE CONTACTS TYPE)
logo
Fuji Electric
FBR160 FUJI-FBR160 Datasheet
56Kb / 6P
   POWER RELAY 1 POLE-3, 5, 10 A
logo
Fujitsu Component Limit...
FTR-F2P FUJITSU-FTR-F2P Datasheet
597Kb / 8P
   1 POLE-120A Inrush Current (CADMIUM FREE CONTACTS TYPE)
LZ-B12HMSE-KHV-UC FUJITSU-LZ-B12HMSE-KHV-UC Datasheet
424Kb / 10P
   POWER RELAY 1 POLE-1, 3, 5, 10 A(MEDIUM LOAD CONTROL)
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com