Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCALPCTR04101R0M Fiches technique(PDF) 2 Page - Token Electronics Industry Co., Ltd.

No de pièce TCALPCTR04101R0M
Description  TCAL Through Hole Fixed Inductors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOKEN [Token Electronics Industry Co., Ltd.]
Site Internet  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TCALPCTR04101R0M Fiches technique(HTML) 2 Page - Token Electronics Industry Co., Ltd.

  TCALPCTR04101R0M Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TCALPCTR04101R0M Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TCALPCTR04101R0M Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TCALPCTR04101R0M Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TCALPCTR04101R0M Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. TCALPCTR04101R0M Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. TCALPCTR04101R0M Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. TCALPCTR04101R0M Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. TCALPCTR04101R0M Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
02 of 11
Normal Form & Short Form
F Forming
TCALN0204
TCALN0307,TCALN0410,TALN0510
A
B
C
C
D
A
C
D
E
B
E
A
Type
Φ A(max)
B(max)
C ± 3.0
Φ D ± 0.05
E ± 1.5
TCALN0204
2.8
5.0
29.5
0.50
62.5
TCALS0204
2.8
5.0
16.0
0.50
36.5
TCALN0307
3.0
7.0
28.0
0.50
62.5
TCALS0307
3.0
7.0
15.0
0.50
36.5
TCALN0410
4.0
10.0
26.0
0.65
62.5
TCALS0410
4.0
10.0
14.0
0.65
36.5
TCALN0510
5.0
10.0
26.0
0.65
62.5
TCALS0510
5.0
10.0
14.0
0.65
36.5
TCALFB0204
TCALFB0307,TCALFB0410
TCALFB0510
W
D
B
C
A
W
D
B
C
A
Sym.
TCALFB0204
TCALFB0307
TCALFB0410
TCALFB0510
A (max)
2.80
3.00
4.00
5.00
B (max)
5.00
7.00
10.00
10.00
C (max)
6.00
6.00
6.00
6.00
D (min)
3.60
3.60
4.00
4.00
W ± 0.05
0.50 Φ
0.50 Φ
0.65 Φ
0.65 Φ
Version 2010
TCAL Through Hole Fixed Inductors
http://www.token.com.tw/
rfq token.com.tw
TOKEN


Numéro de pièce similaire - TCALPCTR04101R0M

FabricantNo de pièceFiches techniqueDescription
logo
TEKTRONIX, INC.
TCAL500-35F TEKTRONIX-TCAL500-35F Datasheet
849Kb / 16P
   Vector Network Analyzers
TCAL500-35M TEKTRONIX-TCAL500-35M Datasheet
849Kb / 16P
   Vector Network Analyzers
TCAL500-35MF TEKTRONIX-TCAL500-35MF Datasheet
849Kb / 16P
   Vector Network Analyzers
TCAL500-NF TEKTRONIX-TCAL500-NF Datasheet
849Kb / 16P
   Vector Network Analyzers
TCAL500-NM TEKTRONIX-TCAL500-NM Datasheet
849Kb / 16P
   Vector Network Analyzers
More results

Description similaire - TCALPCTR04101R0M

FabricantNo de pièceFiches techniqueDescription
logo
RFE international
LGB RFE-LGB Datasheet
1Mb / 8P
   Through-Hole Inductors
AUG-02-2023
logo
Delta Electronics, Inc.
THXR1290 DELTA-THXR1290 Datasheet
188Kb / 1P
   Through Hole Power Inductors
THMR1395 DELTA-THMR1395 Datasheet
171Kb / 1P
   Through Hole Power Inductors
THCBR1090 DELTA-THCBR1090 Datasheet
163Kb / 1P
   Through Hole Power Inductors
THAR0806 DELTA-THAR0806 Datasheet
327Kb / 1P
   Through Hole Power Inductors
THAH1485 DELTA-THAH1485 Datasheet
165Kb / 1P
   Through Hole Power Inductors
logo
Abracon Corporation
AIAM-01 ABRACON-AIAM-01 Datasheet
100Kb / 3P
   THROUGH-HOLE MOLDED INDUCTORS
logo
Delta Electronics, Inc.
THAH1055 DELTA-THAH1055 Datasheet
169Kb / 1P
   Through Hole Power Inductors
THAR1285 DELTA-THAR1285 Datasheet
185Kb / 1P
   Through Hole Power Inductors
logo
TT Electronics.
HM53E TTELEC-HM53E Datasheet
1Mb / 2P
   High Temperature Through Hole Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com