Moteur de recherche de fiches techniques de composants électroniques |
|
TCALNTB0410101K Fiches technique(PDF) 1 Page - Token Electronics Industry Co., Ltd. |
|
TCALNTB0410101K Fiches technique(HTML) 1 Page - Token Electronics Industry Co., Ltd. |
1 / 11 page 01 of 11 Version 2010 Through Hole Fixed Inductors TCAL Through Hole Fixed Inductors Token fixed inductors meet the needs of a variety of manufacturing methods (TCAL) Preview Token TCAL series fixed inductor utilizes the latest winding technology with special core material, sturdy construction, outer layer of epoxy resin processing, high Q value and self-resonance frequency, wide inductance range, high reliability, and low price. The TCAL series is ideal for consumer electronics such as digital set-top boxes (DVB), digital video disc players (DVD), video cassette recorders (VCR), television (TV), computers, audio equipment, mobile communications, telephone, and various general-purpose electronic applications. Token highly efficient automated production processes offer a full range of high-quality inductors products suitable for automatic plug-in operation. The TCAL provides 0204,0307,0410, and 0510 size varieties of different forming, such as Normal & Short Form, F Forming, U Forming, Pana Forming, and bulk products to meet the needs of a variety of manufacturing methods. Token TCAL Series fixed inductors are full line confirming with RoHS specifications, Pb-free standards. Provide a complete inductor size and full range inductance, and custom parts are available on request. Token will also produce devices outside these specifications to meet specific customer requirements, please contact our sales for more information. Features : - Low Cost. - Coating epoxy resin that ensures the humidity resistance to be long life. Applications : - TV, VCR. - Computer Devices - Electronics products. - Communication equipment. http://www.token.com.tw/ rfq token.com.tw TOKEN |
Numéro de pièce similaire - TCALNTB0410101K |
|
Description similaire - TCALNTB0410101K |