Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UAR142K1A5C9P Fiches technique(PDF) 2 Page - Token Electronics Industry Co., Ltd.

No de pièce UAR142K1A5C9P
Description  UAR Low Noise High Precision Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOKEN [Token Electronics Industry Co., Ltd.]
Site Internet  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

UAR142K1A5C9P Fiches technique(HTML) 2 Page - Token Electronics Industry Co., Ltd.

  UAR142K1A5C9P Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. UAR142K1A5C9P Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. UAR142K1A5C9P Datasheet HTML 3Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
02 of 03
Dimensions & Technical Characteristics
High Precision Resistors (UAR) Dimensions
Specification
L
A
D
Type
UAR1/4
UAR1/8
UAR1/10
Power Rating at 85°C (W)
0.33
0.25
0.125
Max. Working Voltage (V)
300
300
300
Resistance Range (Ω )
500.0~1.0M
100.0~1.0M
100.0~1.0M
Dimensions (mm)
L±0.3
14.8
10.0
6.8
D±0.3
5.2
3.7
2.5
A±0.05
0.6
0.6
0.6
Tolerance:
±0.02, ±0.05, ±0.10, ±0.25, ±0.5, ±1.0%
Temp. Coefficient:
±3, ±5, ±10, ±15ppm/°C
Standard temperature characteristic:
+25 to 85 °C
on request:
-10 to +85 °C
Noise:
less than 0.05 μV/V
Voltage coefficient:
less than 0.02 ppm/V
Non linearity (3. Harm):
more than (-100)dB
Inductivity:
≤1MHz
Thermal voltage to copper:
1 ~ 3 μV/°C
Isolations Resistance:
1010Ω
Tests According MIL STD 202
Temperature cycling:
0.02%
Low temp. operation:
0.013%
Short time overload:
0.01%
Dielectric strength:
0.01%
Load life:
0.04%
Resistance to soldering heat:
0.012%
Moisture test:
0.050%
Shock-and Vibrations test:
0.015%
Version 2010
UAR Low Noise High Precision Resistors
TOKEN
http://www.token.com.tw/
rfq token.com.tw


Numéro de pièce similaire - UAR142K1A5C9P

FabricantNo de pièceFiches techniqueDescription
logo
Token Electronics Indus...
UAR1/4210RA2C5P TOKEN-UAR1/4210RA2C5P Datasheet
393Kb / 5P
   High Precision, High Frequency Resistors
UAR1/4210RA2C6P TOKEN-UAR1/4210RA2C6P Datasheet
393Kb / 5P
   High Precision, High Frequency Resistors
UAR1/4210RA2C7P TOKEN-UAR1/4210RA2C7P Datasheet
393Kb / 5P
   High Precision, High Frequency Resistors
UAR1/4210RA2C9P TOKEN-UAR1/4210RA2C9P Datasheet
393Kb / 5P
   High Precision, High Frequency Resistors
UAR1/4210RA5C5P TOKEN-UAR1/4210RA5C5P Datasheet
393Kb / 5P
   High Precision, High Frequency Resistors
More results

Description similaire - UAR142K1A5C9P

FabricantNo de pièceFiches techniqueDescription
logo
Maxim Integrated Produc...
MAX6070 MAXIM-MAX6070_20 Datasheet
6Mb / 26P
   Low-Noise, High-Precision Series Noise, High-Precision Series
19-6355; Rev 18; 12/20
logo
Texas Instruments
OPA827 TI1-OPA827_16 Datasheet
1Mb / 36P
[Old version datasheet]   Low-Noise, High-Precision, JFET-Input Low-Noise, High-Precision, JFET-Input
logo
List of Unclassifed Man...
TG931 ETC2-TG931 Datasheet
147Kb / 1P
   Low TC Precision High Voltage Resistors
logo
Token Electronics Indus...
RE500.5W10RBC6P TOKEN-RE500.5W10RBC6P Datasheet
325Kb / 3P
   RE High Precision Low TCR Resistors
logo
Vishay Siliconix
CNS020 VISHAY-CNS020 Datasheet
52Kb / 1P
   high precision resistors
Data sheet E 2/4.936
CNS020 VISHAY-CNS020 Datasheet
68Kb / 3P
   high precision resistors
logo
Welwyn Components Limit...
3812-10TGI WELWYN-3812-10TGI Datasheet
391Kb / 2P
   Precision Resistors Precision Resistors
logo
National Semiconductor ...
LM4140 NSC-LM4140 Datasheet
439Kb / 15P
   High Precision Low Noise Low Dropout Voltage
LM4140 NSC-LM4140_05 Datasheet
878Kb / 15P
   High Precision Low Noise Low Dropout Voltage
logo
Burr-Brown (TI)
OPA227 BURR-BROWN-OPA227 Datasheet
738Kb / 25P
   High Precision, Low Noise OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com