Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74ABT652ADB Fiches technique(PDF) 9 Page - NXP Semiconductors

No de pièce 74ABT652ADB
Description  Octal transceiver/register; non-inverting; 3-state
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

74ABT652ADB Fiches technique(HTML) 9 Page - NXP Semiconductors

Back Button 74ABT652ADB Datasheet HTML 5Page - NXP Semiconductors 74ABT652ADB Datasheet HTML 6Page - NXP Semiconductors 74ABT652ADB Datasheet HTML 7Page - NXP Semiconductors 74ABT652ADB Datasheet HTML 8Page - NXP Semiconductors 74ABT652ADB Datasheet HTML 9Page - NXP Semiconductors 74ABT652ADB Datasheet HTML 10Page - NXP Semiconductors 74ABT652ADB Datasheet HTML 11Page - NXP Semiconductors 74ABT652ADB Datasheet HTML 12Page - NXP Semiconductors 74ABT652ADB Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
74ABT652A_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 12 March 2010
9 of 19
NXP Semiconductors
74ABT652A
Octal transceiver/register; non-inverting; 3-state
10. Dynamic characteristics
[1]
This data sheet limit may vary among suppliers.
Table 7.
Dynamic characteristics
GND = 0 V; for test circuit, see Figure 12.
Symbol Parameter
Conditions
25
°C; V
CC = 5.0 V
−40 °C to +85 °C;
VCC = 5.0 V ± 0.5 V
Unit
Min
Typ
Max
Min
Max
fmax
maximum
frequency
see Figure 6
125
300
-
125
-
MHz
tPLH
LOW to HIGH
propagation delay
CPAB to Bn or CPBA to An; see Figure 6
2.2
3.7
5.1
2.2
5.6
ns
An to Bn or Bn to An; see Figure 7
1.5
3.0
4.3
1.5
4.8
ns
SAB to Bn or SBA to An; see Figure 8
1.5
3.5
5.1
1.5
6.5
ns
tPHL
HIGH to LOW
propagation delay
CPAB to Bn or CPBA to An; see Figure 6
1.7
4.3
5.1
1.7
5.6
ns
An to Bn or Bn to An; see Figure 7
1.5
3.6
4.6
1.5
5.4
ns
SAB to Bn or SBA to An; see Figure 8
1.5
4.2
5.2[1]
1.5
5.9
ns
tPZH
OFF-state to HIGH
propagation delay
OEBA to An; see Figure 10
2
3.2
4.6
2
5.8
ns
OEAB to Bn; see Figure 10
2
3.5
6.1
2
6.5
ns
tPZL
OFF-state to LOW
propagation delay
OEBA to An; see Figure 11
3
4.5
6.8
3
8.5
ns
OEAB to Bn; see Figure 11
3
4.7
6.5
3
7.4
ns
tPHZ
HIGH to OFF-state
propagation delay
OEBA to An; see Figure 10
1.5
3.9
4.7[1]
1.5
5.3[1]
ns
OEAB to Bn; see Figure 10
1.5
3.8
4.6[1]
1.5
5.5
ns
tPLZ
LOW to OFF-state
propagation delay
OEBA to An; see Figure 11
1.5
2.9
3.8
1.5
4.1
ns
OEAB to Bn; see Figure 11
1.5
3.0
4.4
1.5
5.1
ns
tsu(H)
set-up time HIGH
An to CPAB, Bn to CPBA; see Figure 9
3.0
0.7
-
3.0
-
ns
tsu(L)
set-up time LOW
An to CPAB, Bn to CPBA; see Figure 9
3.0
0.7
-
3.0
-
ns
th(H)
hold time HIGH
An to CPAB, Bn to CPBA; see Figure 9
0.0
−0.5
-
0.0
-
ns
th(L)
hold time LOW
An to CPAB, Bn to CPBA; see Figure 9
0.0
−0.5
-
0.0
-
ns
tWH
pulse width HIGH
CPAB, CPBA; see Figure 6
4.0
1.0
-
4.0
-
ns
tWL
pulse width LOW
CPAB, CPBA; see Figure 6
4.0
1.0
-
4.0
-
ns


Numéro de pièce similaire - 74ABT652ADB

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74ABT652ADB PHILIPS-74ABT652ADB Datasheet
120Kb / 8P
   Octal transceiver/register, non-inverting 3-State
1995 Apr 19
More results

Description similaire - 74ABT652ADB

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74ABT652A PHILIPS-74ABT652A Datasheet
120Kb / 8P
   Octal transceiver/register, non-inverting 3-State
1995 Apr 19
74F646 PHILIPS-74F646 Datasheet
121Kb / 16P
   Octal transceiver/register, non-inverting 3-State
1990 Sep 25
74LVT652 PHILIPS-74LVT652 Datasheet
110Kb / 14P
   3.3V Octal transceiver/register, non-inverting 3-State
1998 Feb 19
74ABT648 PHILIPS-74ABT648 Datasheet
120Kb / 14P
   Octal transceiver/register, inverting 3-State
1998 Jun 08
74ABT651 PHILIPS-74ABT651 Datasheet
88Kb / 7P
   Octal transceiver/register, inverting 3-State
1995 Sep 06
logo
Motorola, Inc
MC74AC652 MOTOROLA-MC74AC652 Datasheet
233Kb / 8P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
MC74AC646 MOTOROLA-MC74AC646 Datasheet
258Kb / 9P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
logo
ON Semiconductor
MC74AC646 ONSEMI-MC74AC646 Datasheet
82Kb / 12P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
May, 2001 ??Rev. 5
logo
NXP Semiconductors
74HC648 PHILIPS-74HC648 Datasheet
95Kb / 12P
   Octal bus transceiver/register; 3-state; inverting
December 1990
logo
Motorola, Inc
MC74AC648 MOTOROLA-MC74AC648 Datasheet
255Kb / 9P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (INVERTING)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com