Moteur de recherche de fiches techniques de composants électroniques |
|
2PD601AQW Fiches technique(PDF) 5 Page - NXP Semiconductors |
|
2PD601AQW Fiches technique(HTML) 5 Page - NXP Semiconductors |
5 / 8 page 2004 Feb 12 5 NXP Semiconductors Product data sheet NPN general purpose transistors; 50 V, 100 mA 2PD601A series PACKAGE OUTLINES UNIT A1 bp cD E e1 HE Lp Qw v REFERENCES OUTLINE VERSION EUROPEAN PROJECTION ISSUE DATE IEC JEDEC JEITA mm 0.50 0.35 0.26 0.10 3.1 2.7 1.7 1.3 0.95 e 1.9 3.0 2.5 0.33 0.23 0.2 0.2 DIMENSIONS (mm are the original dimensions) 0.6 0.2 SOT346 TO-236 SC-59A bp D e1 e A A1 Lp Q detail X HE E w M v M A B A B 0 1 2 mm scale A 1.3 1.0 0.1 0.013 c X 12 3 Plastic surface-mounted package; 3 leads SOT346 04-11-11 06-03-16 |
Numéro de pièce similaire - 2PD601AQW |
|
Description similaire - 2PD601AQW |