Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADV3219 Fiches technique(PDF) 5 Page - Analog Devices

No de pièce ADV3219
Description  800 MHz, 2:1 Analog Multiplexers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADV3219 Fiches technique(HTML) 5 Page - Analog Devices

  ADV3219 Datasheet HTML 1Page - Analog Devices ADV3219 Datasheet HTML 2Page - Analog Devices ADV3219 Datasheet HTML 3Page - Analog Devices ADV3219 Datasheet HTML 4Page - Analog Devices ADV3219 Datasheet HTML 5Page - Analog Devices ADV3219 Datasheet HTML 6Page - Analog Devices ADV3219 Datasheet HTML 7Page - Analog Devices ADV3219 Datasheet HTML 8Page - Analog Devices ADV3219 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
ADV3219/ADV3220
Rev. 0 | Page 5 of 20
ABSOLUTE MAXIMUM RATINGS
POWER DISSIPATION
Table 3.
Parameter
Rating
Supply Voltage (V+ − V−)
12 V
Analog Input Voltage
V− to V+
Digital Input Voltage
0 to V+
Output Voltage (Disabled Output)
(V+ − 1 V) to (V− + 1 V)
Output Short-Circuit
Duration
Momentary
Current
50 mA
Temperature
Storage Temperature Range
−65°C to +150°C
Operating Temperature Range
−40°C to +85°C
Junction Temperature
150°C
The ADV3219/ADV3220 are operated with ±5 V supplies and
can drive loads down to 150 Ω, resulting in a wide range of
possible power dissipations. For this reason, extra care must
be taken derating the operating conditions based on ambient
temperature.
Packaged in an 8-lead LFCSP, the ADV3219 and ADV3220
junction-to-ambient thermal impedance (θJA) is 85°C/W. For long-
term reliability, the maximum allowed junction temperature of the
die, TJ, should not exceed 125°C. Temporarily exceeding this
limit can cause a shift in parametric performance due to a change
in stresses exerted on the die by the package. Figure 2 shows the
range of the allowed internal die power dissipations that meet
these conditions over the −40°C to +85°C ambient temperature
range. When using Figure 2, do not include the external load
power in the maximum power calculation, but do include the
load current through the die output transistors.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
1.5
0.3
0.6
0.9
1.2
15
25
35
45
55
65
75
85
AMBIENT TEMPERATURE (°C)
TJ = 125°C
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 4. Thermal Resistance
Package Type
θJA
θJC
Unit
8-Lead LFCSP
85
23
°C/W
Figure 2. Maximum Die Power Dissipation vs. Ambient Temperature
ESD CAUTION


Numéro de pièce similaire - ADV3219

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV3219-EVALZ AD-ADV3219-EVALZ Datasheet
1Mb / 18P
   800 MHz, 2:1 Analog Multiplexers
ADV3219ACPZ AD-ADV3219ACPZ Datasheet
1Mb / 18P
   800 MHz, 2:1 Analog Multiplexers
ADV3219ACPZ-R7 AD-ADV3219ACPZ-R7 Datasheet
1Mb / 18P
   800 MHz, 2:1 Analog Multiplexers
ADV3219ACPZ-RL AD-ADV3219ACPZ-RL Datasheet
1Mb / 18P
   800 MHz, 2:1 Analog Multiplexers
ADV3219 AD-ADV3219_16 Datasheet
1Mb / 18P
   800 MHz, 2:1 Analog Multiplexers
More results

Description similaire - ADV3219

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADV3219 AD-ADV3219_16 Datasheet
1Mb / 18P
   800 MHz, 2:1 Analog Multiplexers
ADV3221 AD-ADV3221 Datasheet
453Kb / 20P
   800 MHz, 4:1 Analog Multiplexer
REV. 0
logo
Maxim Integrated Produc...
MAX4780 MAXIM-MAX4780_09 Datasheet
155Kb / 11P
   0.7Ω, Low-Voltage, Quad 2:1 Analog Multiplexers
Rev 4; 3/09
logo
Analog Devices
AD8183 AD-AD8183 Datasheet
739Kb / 16P
   380 MHz, 25 mA, Triple 2:1 Multiplexers
REV. 0
AD8185 AD-AD8185_15 Datasheet
732Kb / 16P
   380 MHz, 25 mA, Triple 2 1 Multiplexers
REV. 0
AD8183ARUZ AD-AD8183ARUZ Datasheet
732Kb / 16P
   380 MHz, 25 mA, Triple 2:1 Multiplexers
REV. 0
AD8183ARUZ-REEL AD-AD8183ARUZ-REEL Datasheet
732Kb / 16P
   380 MHz, 25 mA, Triple 2:1 Multiplexers
REV. 0
AD8189 AD-AD8189_15 Datasheet
826Kb / 24P
   350 MHz Single-Supply Triple 2:1 Multiplexers
REV. 0
AD8186 AD-AD8186_15 Datasheet
479Kb / 20P
   480 MHz Single-Supply Triple 2 1 Multiplexers
REV. A
AD8188 AD-AD8188_15 Datasheet
826Kb / 24P
   350 MHz Single-Supply Triple 2:1 Multiplexers
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com