Moteur de recherche de fiches techniques de composants électroniques |
|
TPS1608DC-330M Fiches technique(PDF) 2 Page - Token Electronics Industry Co., Ltd. |
|
TPS1608DC-330M Fiches technique(HTML) 2 Page - Token Electronics Industry Co., Ltd. |
2 / 7 page 02 of 07 Quick Selection Features : - Compact Size and Thin. - Magnetically shielded against radiation. - TPS1608DC used ceramic base with gold-plating. - TPS3316DC and TPS5022DC used LCP plastic base. - TPS3316DC and TPS5022DC designed for the higher current requirements of portable computers. - TPS1608DC is specified to achieve longer battery life significantly in handheld communication devices. TPSDC Quick Reference : - Electrical specifications at 25°C. - TPS5022DC 10 μH ~ 1000 μH; 3.9A ~ 0.53A. - TPS3316DC 1.0μH ~ 1000 μH; 5.0A ~ 0.17A. - TPS1608DC 1.0μH ~ 10000μH; 3.0A ~ 0.02A. - Test equipment: L: HP4284A LCR meter; DCR: Milli-ohm meter. Characteristics : - Operating temperature range: -40°C ~ +85°C. - Temperature Rise Current (I rms): The actual current when temperature of coil becomes Δ40°C. (Ta = 25°C). - Saturation Rated Current (IDC): The DC current when the inductance becomes 10% lower than its initial value. (Ta = 25°C). Applications : - DC-DC converter, PDA. - Other Various Electronic Appliances. - Notebook, Personal Computers, Cellular Phone. Test Equipment : - Electrical specifications at 25°C. - Inductance (L): HP4284A LCR meter. - Direct Current Resistance (DCR): Milli-ohm meter. TPSDC Chip Low DCR Power Inductors TOKEN Version 2010 http://www.token.com.tw/ rfq token.com.tw |
Numéro de pièce similaire - TPS1608DC-330M |
|
Description similaire - TPS1608DC-330M |