Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCACL0.83.18.5 Fiches technique(PDF) 3 Page - Token Electronics Industry Co., Ltd.

No de pièce TCACL0.83.18.5
Description  TCAC Air Coils Inductors Spring Coils
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOKEN [Token Electronics Industry Co., Ltd.]
Site Internet  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TCACL0.83.18.5 Fiches technique(HTML) 3 Page - Token Electronics Industry Co., Ltd.

  TCACL0.83.18.5 Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TCACL0.83.18.5 Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TCACL0.83.18.5 Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TCACL0.83.18.5 Datasheet HTML 4Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
03 of 04
Winding Formula & Q Factor
Single layer air coil winding formula Methods and Increasing Q Factor
The following single layer air coil formula is most accurate when the coil length is greater than 0.67r
and the frequency is less than 10 MHz. As the frequency goes above 10MHz, the formula becomes less
accurate, because parasitics dominate the circuit. In all cases, the length is 4 times the radius.
Formula in Inch Units: L = r2N2 / (9r + 10A); N = (L(9r + 10A) / r2)1/2
Formula in Metric Units: L = 0.394r2N2 / (9r + 10A); N = (L(9r + 10A) / 0.394r2)1/2
Where:
● L = inductance (in microhenries).
● r = radius of coil (in inches or cm).
● N = number of turns.
● A = length of winding (in inches or cm).
The Q or Quality Factor of an inductor is the ratio of its inductive reactance XL to its series resistance
RS. The larger the ratio, the better the inductor.
Formula: Q = XL / RS, Where:
● XT = 2πƒL. where ƒ = Frequency (Hz); L = Inductance in Henries.
● RS is determined by multiplying the length of the wire used to wind the coil by the D.C. resistance
per unit length for the wire gage used.
● Q changes dramatically as a function of frequency.
● At lower frequencies, Q is very good because only the D.C. resistance of the windings has an effect
which is very low.
● As frequency goes up, Q will increase up to about the point where the skin effect and the combined
distributed capacitances begin to dominate.
● From then on, Q falls rapidly and becomes 0 at the self resonance frequency of the coil.
Increasing Q of Inductors:
● Spread the windings. Air gaps between the windings decrease the distributed capacitances.
● Use a ferrite core or powdered iron to wind the coil on. This will increase the permeability of the
space around the core.
● Decrease the series resistance of the windings by increasing the wire gage used. Larger wire has a
lower resistance per unit length.
Version 2010
TCAC Air Coils Inductors, Spring Coils
http://www.token.com.tw/
rfq token.com.tw
TOKEN


Numéro de pièce similaire - TCACL0.83.18.5

FabricantNo de pièceFiches techniqueDescription
logo
ORION FANS
TCAC001 ORIONFANS-TCAC001 Datasheet
5Mb / 8P
   AC & EC FANS
More results

Description similaire - TCACL0.83.18.5

FabricantNo de pièceFiches techniqueDescription
logo
TDK Electronics
CLF12577NIT-6R8N-D TDK-CLF12577NIT-6R8N-D Datasheet
322Kb / 3P
   Inductors (Coils)
CLF12577NIT-100M-D TDK-CLF12577NIT-100M-D Datasheet
321Kb / 3P
   Inductors (Coils)
CLF12577NIT-101M-D TDK-CLF12577NIT-101M-D Datasheet
321Kb / 3P
   Inductors (Coils)
CLF12577NIT-150M-D TDK-CLF12577NIT-150M-D Datasheet
322Kb / 3P
   Inductors (Coils)
MLJ1005WR16JT000 TDK-MLJ1005WR16JT000 Datasheet
69Kb / 3P
   Inductors (Coils)
NLCV32T-3R3M-PFD TDK-NLCV32T-3R3M-PFD Datasheet
193Kb / 4P
   Inductors (Coils)
NLV25T-2R2J-EF TDK-NLV25T-2R2J-EF Datasheet
181Kb / 3P
   Inductors (Coils)
MHQ0402PSA1N2BT000 TDK-MHQ0402PSA1N2BT000_17 Datasheet
186Kb / 3P
   Inductors (Coils)
MHQ0402PSA1N3CT000 TDK-MHQ0402PSA1N3CT000_17 Datasheet
188Kb / 3P
   Inductors (Coils)
MHQ0402PSA1N5BT000 TDK-MHQ0402PSA1N5BT000_17 Datasheet
187Kb / 3P
   Inductors (Coils)
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com