Moteur de recherche de fiches techniques de composants électroniques |
|
SA16 Fiches technique(PDF) 1 Page - Shanghai Shunye Electronics Co.,Ltd. |
|
SA16 Fiches technique(HTML) 1 Page - Shanghai Shunye Electronics Co.,Ltd. |
1 / 4 page SA5.0 THRU SA170CA GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR Breakdown Voltage:5.0-170CA Volts Pesk Pulse Power:500 Watts Case: JEDEC DO-15 molded plastic body over passivated junction Terminals: Plated axial leads, solderable per MIL-STD 750 method 2026 Polarity: Color band denotes cathode except for bidirectional types Mounting Position: Any Weight: 0.014 ounce,0.40 grams FEATURE MECHANICAL DATA Dimensions in inches and (millimeters) 500w peak pulse power capability Excellent clamping capability Low incremental surge resistance Fast response time:typically less than 1.0ps from 0v to VBR for unidirectional and 5.0ns ror bidirectional types. High temperature soldering guaranteed: 265 C/10S/9.5mm lead length at 5 lbs tension DO-15 0.140(3.6) 0.104(2.6) DIA. 0.034 (0.86) 0.028 (0.71) DIA. 0.300(7.6) 0.230(5.8) 1.0(25.4) MIN. 1.0 (25.4) MIN. C Peak power dissipation (Note 1) Peak polse reverse current (Note 1, Fig.3) Steady state power dissapation (Note 2) Peak forward surge current (Note 3) Maximum instantaneous forward voltage at 35A for unidirectional only (Note 3) Operating junction and storage temperature range Pppm IPPM PM(AV) IFSM TSTG,TJ 3.5 SYMBOLS UNITS VALUE Minimum 500 See Table 1 1.6 70 -55 to + 175 VF Watts Amps Watts Amps Volts MAXIMUM RATINGS AND CHARACTERISTICS Ratings at 25 C ambient temperature unLess otherwise specified. DEVICES FOR BIDIRECTIONAL APPLICATIONS For bidirectional use C or CA suffix for types SA5.0 thru types SA170 (e.g. SA5.0CA,SA170CA). Electrical characteristics apply in both directions. 1.10/1000ms waveform non-repetitive current pulse,per Fig.3 and derated above Ta=25 C per Fig.2 2.TL=75 C,lead lengths 9.5mm,Mounted on copper pad atea of (40x40mm)Fig.5 3.Measured on 8.3ms single half sine-wave or equivalent square wave,duty cycle=4 pulses per minute maximum. Notes: www.shunyegroup.com |
Numéro de pièce similaire - SA16 |
|
Description similaire - SA16 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |