Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SS62951-50CSTB Fiches technique(PDF) 3 Page - Silicon Standard Corp.

No de pièce SS62951-50CSTB
Description  150mA/ 300mA Low Dropout Linear Regulatror
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SSC [Silicon Standard Corp.]
Site Internet  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS62951-50CSTB Fiches technique(HTML) 3 Page - Silicon Standard Corp.

  SS62951-50CSTB Datasheet HTML 1Page - Silicon Standard Corp. SS62951-50CSTB Datasheet HTML 2Page - Silicon Standard Corp. SS62951-50CSTB Datasheet HTML 3Page - Silicon Standard Corp. SS62951-50CSTB Datasheet HTML 4Page - Silicon Standard Corp. SS62951-50CSTB Datasheet HTML 5Page - Silicon Standard Corp. SS62951-50CSTB Datasheet HTML 6Page - Silicon Standard Corp. SS62951-50CSTB Datasheet HTML 7Page - Silicon Standard Corp. SS62951-50CSTB Datasheet HTML 8Page - Silicon Standard Corp. SS62951-50CSTB Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
www.SiliconStandard.com
3 of 10
SS62951/D

!"
ELECTRICAL CHARACTERISTICS  °°°° µµµµ µµµµ 


 !"" 
"#$%&''$%#
!'% ( !) *%'
 
SS62951/D-50
SS62951/D-33
SS62951/D-30
@!28@
@!?28@
@!28@
>!
!?A
!A
!
!
!
!
!
!

 
( 
4 



 $$%°
/3 /
@
6
6
6

@!2
@!?2
@!2









 #3 /


6
6
6
6

@A8@!2
@A8@!2
@8@!2
@8@!2




A
A
A
A





//


6
6
6
6
@A8@
@8@
@A8@
@8@



>>
>>

%
 


6
6
6
6
6
6
@
@
@
@
@
@


A

>
>
?

A
>

?>
A

"#
@!2
6

6
6

@!2
@>2
@>2





;
;
;
µ
&*3,  6
6
@!2
@!?2
!
!
!
!
!>;
!>;

3, 
(!!



 $$%°
&*$/
SS62951/D

@A


?

'$/ < 

SS62951/D

@A



µ
'$/$ 
 
@
6
6
6

@>!
@!
@!A









Rev.2.01 6/26/2003


Numéro de pièce similaire - SS62951-50CSTB

FabricantNo de pièceFiches techniqueDescription
logo
Frontier Electronics.
SS62 FRONTIER-SS62 Datasheet
124Kb / 2P
   6A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
ASEMI TECHNOLOGY., LTD
SS62 ASEMI-SS62 Datasheet
164Kb / 2P
   plug-in ultra-fast recovery diode
2018.11 Rev.3.1
logo
Frontier Electronics.
SS62-LFR FRONTIER-SS62-LFR Datasheet
120Kb / 2P
   6A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Silicon Standard Corp.
SS62003 SSC-SS62003 Datasheet
193Kb / 5P
   Seven-Channel Darlington Array
SS62003CNTB SSC-SS62003CNTB Datasheet
193Kb / 5P
   Seven-Channel Darlington Array
More results

Description similaire - SS62951-50CSTB

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Standard Corp.
SS6721G SSC-SS6721G Datasheet
448Kb / 7P
   150mA/300mA Low Dropout Linear Regulator with 1% Output Accuracy
logo
Monolithic Power System...
MP8801 MPS-MP8801_06 Datasheet
294Kb / 7P
   Low Dropout 150mA Linear Regulator
logo
Seaward Electronics Inc...
SE8802 SEAWARD-SE8802 Datasheet
335Kb / 6P
   150mA Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G914 GMT-G914 Datasheet
98Kb / 6P
   150mA Low-Dropout Linear Regulators
logo
Monolithic Power System...
EV8801DJ-00A MPS-EV8801DJ-00A Datasheet
185Kb / 4P
   Low Dropout 150mA Linear Regulator
MP8903 MPS-MP8903 Datasheet
272Kb / 10P
   Low Dropout 150mA Linear Regulator
logo
Unisonic Technologies
L1913 UTC-L1913 Datasheet
206Kb / 9P
   150mA LOW-DROPOUT LINEAR REGULATORS
logo
Global Mixed-mode Techn...
G909 GMT-G909 Datasheet
36Kb / 2P
   150mA Low-Dropout Linear Regulators
logo
Unisonic Technologies
L1913 UTC-L1913_11 Datasheet
218Kb / 9P
   150mA LOW-DROPOUT LINEAR REGULATORS
logo
Interpoint Corporation ...
G913 INTERPOINT-G913 Datasheet
214Kb / 10P
   150mA Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com