Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SS8026T65TB Fiches technique(PDF) 6 Page - Silicon Standard Corp.

No de pièce SS8026T65TB
Description  1.8V 1A Positive Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SSC [Silicon Standard Corp.]
Site Internet  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8026T65TB Fiches technique(HTML) 6 Page - Silicon Standard Corp.

Back Button SS8026T65TB Datasheet HTML 2Page - Silicon Standard Corp. SS8026T65TB Datasheet HTML 3Page - Silicon Standard Corp. SS8026T65TB Datasheet HTML 4Page - Silicon Standard Corp. SS8026T65TB Datasheet HTML 5Page - Silicon Standard Corp. SS8026T65TB Datasheet HTML 6Page - Silicon Standard Corp. SS8026T65TB Datasheet HTML 7Page - Silicon Standard Corp. SS8026T65TB Datasheet HTML 8Page - Silicon Standard Corp. SS8026T65TB Datasheet HTML 9Page - Silicon Standard Corp. SS8026T65TB Datasheet HTML 10Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
www.SiliconStandard.com
6 of 12
Rev.2.02 12/06/2003
SS8026
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8 3.0 3.2 3.4 3.6 3.8 4.0 4.2 4.4 4.6
Input-Output Voltage Differential VIN-VOUT (V)
TA=25¢J
TA=55¢J
TA=85¢J
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
25
35
45
55
65
75
85
95
105
115
125
Amibent Temperature TA (°C)
Note: V IN(max) <= 6.5V
0
100
200
300
400
500
600
700
800
900
1000
1100
0
0.2 0.4 0.6 0.8 1
1.2 1.4 1.6 1.8
2
2.2 2.4 2.6 2.8 3
3.2 3.4 3.6 3.8
4
4.2 4.4 4.6
Input-Output Voltage Differential (V)
Maximum Power Dissipation of SOT 223
Safe Operating Area of SOT 223
Safe Operating Area of SOT 223
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
25
35
45
55
65
75
85
95
105
115
125
Ambient Temperature ( °C)
1oz Copper on SOT-89 Package
Mounted on recommended mimimum footprint
(R£c
JA
=250 °C/W)
0
100
200
300
400
500
600
700
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
4.0
4.4
4.8
Input-Output Voltage Differential VIN - VOUT (V)
TA=25¢J
TA=55¢J
TA=85¢J
1oz Copper on SOT-89 Package
Mounted on recommended mimimum
footprint (R£c
JA
=250 °C/W)
Safe Operating Area of SOT-89
[Power Dissipation Limit]
1oz Copper on SOT-223 Package
Mounted on recommended mimimum footprint (R£c
JA
=156°C/W)
TA=25°C,Still Air
Maximum recommended output current
TA=25°C,Still Air
Mounted on 1 square inch, 1oz copper pcb area (R£c
JA
=70°C/W)
Mounted on 0.53 square inch, 1oz
copper pcb area (R£c
JA
=85°C/W)
Mounted on recommend minimum footprint, 1oz copper pcb area
(See Recommend minimum footprint) (R
£c
JA=156°C/W)
Note: V IN(max) <= 6.5V
Maximum Power Dissipation of SOT-89
TA=25°C,Still Air
1oz Copper on SOT-223 Package
Mounted on recommended mimimum footprint (R£c
JA
=156°C/W)


Numéro de pièce similaire - SS8026T65TB

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Standard Corp.
SS8021 SSC-SS8021 Datasheet
404Kb / 8P
   Stereo Headphone Power Amplifier
SS8021GTB SSC-SS8021GTB Datasheet
404Kb / 8P
   Stereo Headphone Power Amplifier
SS8021GTR SSC-SS8021GTR Datasheet
404Kb / 8P
   Stereo Headphone Power Amplifier
SS8021TB SSC-SS8021TB Datasheet
404Kb / 8P
   Stereo Headphone Power Amplifier
SS8021TR SSC-SS8021TR Datasheet
404Kb / 8P
   Stereo Headphone Power Amplifier
More results

Description similaire - SS8026T65TB

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRU1010-18CDTR IRF-IRU1010-18CDTR Datasheet
128Kb / 8P
   1A LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
IRU1010-18 IRF-IRU1010-18 Datasheet
123Kb / 8P
   1A LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
logo
TAITRON Components Inco...
LM7833 TAITRON-LM7833 Datasheet
255Kb / 6P
   1A Positive Voltage Regulator
LM78 TAITRON-LM78 Datasheet
379Kb / 12P
   1A Positive Voltage Regulator
LM7805AT TAITRON-LM7805AT Datasheet
443Kb / 15P
   1A Positive Voltage Regulator
logo
Global Mixed-mode Techn...
G952 GMT-G952 Datasheet
142Kb / 8P
   1.8V 1A Regulator
G952 GMT-G952_15 Datasheet
68Kb / 1P
   1.8V 1A Regulator
G952 GMT-G952_07 Datasheet
428Kb / 11P
   1.8V 1A Regulator
logo
TAITRON Components Inco...
LM7847 TAITRON-LM7847 Datasheet
415Kb / 16P
   1A Standard Positive Voltage Regulator
logo
Silicon Standard Corp.
SS8047 SSC-SS8047 Datasheet
308Kb / 11P
   2.5V 1A Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com