Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SS8046TF1TB Fiches technique(PDF) 7 Page - Silicon Standard Corp.

No de pièce SS8046TF1TB
Description  3.3V 2A Low-Dropout Regulator with Disable
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SSC [Silicon Standard Corp.]
Site Internet  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8046TF1TB Fiches technique(HTML) 7 Page - Silicon Standard Corp.

  SS8046TF1TB Datasheet HTML 1Page - Silicon Standard Corp. SS8046TF1TB Datasheet HTML 2Page - Silicon Standard Corp. SS8046TF1TB Datasheet HTML 3Page - Silicon Standard Corp. SS8046TF1TB Datasheet HTML 4Page - Silicon Standard Corp. SS8046TF1TB Datasheet HTML 5Page - Silicon Standard Corp. SS8046TF1TB Datasheet HTML 6Page - Silicon Standard Corp. SS8046TF1TB Datasheet HTML 7Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
www.SiliconStandard.com
7 of 7
Information furnished by Silicon Standard Corporation is believed to be accurate and reliable. However, Silicon Standard Corporation makes no
guarantee or warranty, express or implied, as to the reliability, accuracy, timeliness or completeness of such information and assumes no
responsibility for its use, or for infringement of any patent or other intellectual property rights of third parties that may result from its
use. Silicon Standard reserves the right to make changes as it deems necessary to any products described herein for any reason, including
without limitation enhancement in reliability, functionality or design. No license is granted, whether expressly or by implication, in relation to
the use of any products described herein or to the use of any information provided herein, under any patent or other intellectual property rights of
Silicon Standard Corporation or any third parties.
Rev.2.01 6/06/2003
SS8046
TO 220F-4 Package (long lead)
Note:
1. Lead frame material: TAMAC-4
2. Solder plating thickness: 10
±5µm
3. Package body size include mold flash and gate burr
4. Tolerance
±0.1mm unless otherwise specified
5. End flash Max. 0.05mm
6. Mismatch Max. 0.05mm
7. Misalignment Max. 0.05mm
8. Epoxy molding compound: SUMITOMO 6300H or equivalent
9. Matte finish Ra: 0.2µm~0.8µm top and bottom surface
DIMENSION IN MM
DIMENSION IN INCH
SYMBOL
MIN.
NOM.
MAX.
MIN.
NOM.
MAX.
A
4.42
4.57
4.72
0.174
0.180
0.186
A1
2.69
2.79
2.89
0.106
0.110
0.114
A2
1.68
1.78
1.88
0.066
0.070
0.074
D
10.00
10.10
10.20
0.400
0.404
0.408
E
6.25
6.35
6.45
0.246
0.250
0.254
E1
8.54
8.64
8.74
0.336
0.340
0.344
L
13.70
13.90
14.10
0.539
0.547
0.555
C
-----
0.48
-----
-----
0.019
-----
e
-----
2.54(TYP)
-----
-----
0.1(TYP)
-----
b
-----
0.635(TYP)
-----
-----
0.025(TYP)
-----
?
4
°
7
°
11
°
4
°
7
°
11
°
D
E
b
E1
2.8
± 0.15
e
A
A1
C
A2
L
D
E
b
E1
2.8
± 0.15
e
A
A1
C
A2
L


Numéro de pièce similaire - SS8046TF1TB

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Standard Corp.
SS8044 SSC-SS8044 Datasheet
188Kb / 5P
   3.3V 600mA Low Dropout Regulator
SS8047 SSC-SS8047 Datasheet
308Kb / 11P
   2.5V 1A Positive Voltage Regulator
SS8047GT31TB SSC-SS8047GT31TB Datasheet
308Kb / 11P
   2.5V 1A Positive Voltage Regulator
SS8047GT31TR SSC-SS8047GT31TR Datasheet
308Kb / 11P
   2.5V 1A Positive Voltage Regulator
SS8047GT32TB SSC-SS8047GT32TB Datasheet
308Kb / 11P
   2.5V 1A Positive Voltage Regulator
More results

Description similaire - SS8046TF1TB

FabricantNo de pièceFiches techniqueDescription
logo
Global Mixed-mode Techn...
G9233 GMT-G9233 Datasheet
297Kb / 8P
   3.3V 2A LOW DROPOUT REGULATOR WITH DISABLE
G9205 GMT-G9205 Datasheet
257Kb / 8P
   5V 2A Low Dropout Regulator with Disable
G9225 GMT-G9225 Datasheet
227Kb / 7P
   2.5V 2A Low Dropout Regulator with Disable
G9133 GMT-G9133 Datasheet
232Kb / 8P
   3.3V 1A Low Dropout Regulator with Disable
logo
Taiwan Semiconductor Co...
TS278RL00 TSC-TS278RL00 Datasheet
236Kb / 5P
   2A Ultra Low Dropout Voltage Regulator w/Disable
TS278R00 TSC-TS278R00 Datasheet
179Kb / 4P
   2A Ultra Low Dropout Voltage Regulator w/Disable
logo
Global Mixed-mode Techn...
G9125 GMT-G9125 Datasheet
234Kb / 9P
   2.5V 1A Low Dropout Regulator with Disable
logo
E-CMOS Corporation
EC8320 E-CMOS-EC8320 Datasheet
1Mb / 16P
   2A Low Dropout Regulator with Enable
logo
Unisonic Technologies
LR18120 UTC-LR18120_11 Datasheet
391Kb / 8P
   2A LOW DROPOUT REGULATOR WITH ENABLE
LR18120 UTC-LR18120 Datasheet
346Kb / 8P
   2A LOW DROPOUT REGULATOR WITH ENABLE
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com