Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SS8038 Fiches technique(PDF) 9 Page - Silicon Standard Corp.

No de pièce SS8038
Description  Microprocessor Reset IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SSC [Silicon Standard Corp.]
Site Internet  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8038 Fiches technique(HTML) 9 Page - Silicon Standard Corp.

  SS8038 Datasheet HTML 1Page - Silicon Standard Corp. SS8038 Datasheet HTML 2Page - Silicon Standard Corp. SS8038 Datasheet HTML 3Page - Silicon Standard Corp. SS8038 Datasheet HTML 4Page - Silicon Standard Corp. SS8038 Datasheet HTML 5Page - Silicon Standard Corp. SS8038 Datasheet HTML 6Page - Silicon Standard Corp. SS8038 Datasheet HTML 7Page - Silicon Standard Corp. SS8038 Datasheet HTML 8Page - Silicon Standard Corp. SS8038 Datasheet HTML 9Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
www.SiliconStandard.com
9 of 9
SS8037/8(G)
10/6/2004 Rev.2.20
Information furnished by Silicon Standard Corporation is believed to be accurate and reliable. However, Silicon Standard Corporation makes no
guarantee or warranty, express or implied, as to the reliability, accuracy, timeliness or completeness of such information and assumes no
responsibility for its use, or for infringement of any patent or other intellectual property rights of third parties that may result from its
use. Silicon Standard reserves the right to make changes as it deems necessary to any products described herein for any reason, including
without limitation enhancement in reliability, functionality or design. No license is granted, whether expressly or by implication, in relation to
the use of any products described herein or to the use of any information provided herein, under any patent or other intellectual property rights of
Silicon Standard Corporation or any third parties.
SOT 23 (T7) Package
Note:
1.Package body sizes exclude mold flash protrusions or gate burrs
2.Tolerance ±0.1000 mm (4mil) unless otherwise specified
3.Coplanarity: 0.1000mm
4.Dimension L is measured in gage plane
DIMENSIONS IN MILLIMETERS
SYMBOLS
MIN
NOM
MAX
A
1.00
1.10
1.30
A1
0.00
-----
0.10
A2
0.70
0.80
0.90
b
0.35
0.40
0.50
C
0.10
0.15
0.25
D
2.70
2.90
3.10
E
1.40
1.60
1.80
e
-----
1.90(TYP)
-----
H
2.60
2.80
3.00
L
0.37
------
-----
Θ1
H
D
e
E
L
C
θ1
b
A2
A
A1
H
D
e
E
L
C
θ1
b
A2
A
A1
PHYSICAL DIMENSIONS
SOT23 Package Orientation
Feed Direction


Numéro de pièce similaire - SS8038

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Standard Corp.
SS8039 SSC-SS8039 Datasheet
340Kb / 7P
   Microprocessor Voltage Monitor with Manual Reset
SS8039H263TCTR SSC-SS8039H263TCTR Datasheet
340Kb / 7P
   Microprocessor Voltage Monitor with Manual Reset
SS8039H293TCTR SSC-SS8039H293TCTR Datasheet
340Kb / 7P
   Microprocessor Voltage Monitor with Manual Reset
SS8039H308TCTR SSC-SS8039H308TCTR Datasheet
340Kb / 7P
   Microprocessor Voltage Monitor with Manual Reset
SS8039H400TCTR SSC-SS8039H400TCTR Datasheet
340Kb / 7P
   Microprocessor Voltage Monitor with Manual Reset
More results

Description similaire - SS8038

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
G680 ETC-G680 Datasheet
101Kb / 7P
   Microprocessor Reset IC
logo
Global Mixed-mode Techn...
G690 GMT-G690 Datasheet
219Kb / 12P
   Microprocessor Reset IC
G680 GMT-G680 Datasheet
56Kb / 1P
   Microprocessor Reset IC
G630 GMT-G630 Datasheet
35Kb / 1P
   Microprocessor Reset IC
G696 GMT-G696_06 Datasheet
164Kb / 11P
   Microprocessor Reset IC
G676 GMT-G676 Datasheet
49Kb / 1P
   Microprocessor Reset IC
G674 GMT-G674 Datasheet
37Kb / 1P
   Microprocessor Reset IC
G660 GMT-G660 Datasheet
103Kb / 1P
   Microprocessor Reset IC
G656 GMT-G656 Datasheet
34Kb / 1P
   Microprocessor Reset IC
G696 GMT-G696 Datasheet
211Kb / 8P
   Microprocessor Reset IC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com