Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SS6730-285CVTR Fiches technique(PDF) 4 Page - Silicon Standard Corp.

No de pièce SS6730-285CVTR
Description  150mA Low-Noise, Low-Dropout Linear Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SSC [Silicon Standard Corp.]
Site Internet  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6730-285CVTR Fiches technique(HTML) 4 Page - Silicon Standard Corp.

  SS6730-285CVTR Datasheet HTML 1Page - Silicon Standard Corp. SS6730-285CVTR Datasheet HTML 2Page - Silicon Standard Corp. SS6730-285CVTR Datasheet HTML 3Page - Silicon Standard Corp. SS6730-285CVTR Datasheet HTML 4Page - Silicon Standard Corp. SS6730-285CVTR Datasheet HTML 5Page - Silicon Standard Corp. SS6730-285CVTR Datasheet HTML 6Page - Silicon Standard Corp. SS6730-285CVTR Datasheet HTML 7Page - Silicon Standard Corp. SS6730-285CVTR Datasheet HTML 8Page - Silicon Standard Corp. SS6730-285CVTR Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
www.SiliconStandard.com
4 of 12
SS6730
TYPICAL PERFORMANCE CHARACTERISTICS
VOUT+1V
VOUT+3V
VIN
2V/DIV
VOUT
50mV/DIV
TIME (100 µS/DIV)
IOUT=1mA,CBP=0.1µF
COUT=10µF
Fig. 1
Line Transient Response
Time (100µS/DIV)
VOUT+1V
VOUT+3V
VIN
2V/DIV
VOUT
50mV/DIV
I
OUT=1mA,CBP =0.1 µF
COUT=1µF
Fig. 2
Line Transient Response
Time (100µS/DIV)
VOUT+1V
VOUT+3V
VIN
2V/DIV
VOUT
50mV/DIV
IOUT=1mA,CBP=1µF
COUT=1µF
Fig. 3
Line Transient Response
Time (100µS/DIV)
VOUT+1V
VOUT+3V
VIN
2V/DIV
VOUT
50mV/DIV
IOUT=1mA,CBP=1µF
COUT=10µF
Fig. 4 Line Transient Response
Time (250µS/DIV)
VOUT
2V/DIV
IOUT=30mA,C BP=0.01µF
COUT=3.3µF
Fig. 5
Shutdown Exit Delay
VSHDN
2V/DIV
Time (250µS/DIV)
VOUT
2V/DIV
IOUT=30mA,CBP=0.1µF
COUT=3.3µF
Fig. 6
Shutdown Exit Delay
VSHDN
2V/DIV
1/26/2004 Rev.2.02


Numéro de pièce similaire - SS6730-285CVTR

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Standard Corp.
SS6732 SSC-SS6732 Datasheet
385Kb / 7P
   300mA Low Dropout Linear Regulator
SS6732-33CXBG SSC-SS6732-33CXBG Datasheet
385Kb / 7P
   300mA Low Dropout Linear Regulator
SS6732-33CXTR SSC-SS6732-33CXTR Datasheet
385Kb / 7P
   300mA Low Dropout Linear Regulator
SS6732-34CXBG SSC-SS6732-34CXBG Datasheet
385Kb / 7P
   300mA Low Dropout Linear Regulator
SS6732-34CXTR SSC-SS6732-34CXTR Datasheet
385Kb / 7P
   300mA Low Dropout Linear Regulator
More results

Description similaire - SS6730-285CVTR

FabricantNo de pièceFiches techniqueDescription
logo
Eutech Microelectronics...
EUP7965 EUTECH-EUP7965 Datasheet
375Kb / 15P
   150mA Low-Noise Low-Dropout Linear Regulator
logo
Sangdest Microelectroni...
SULR1730 SMC-SULR1730 Datasheet
335Kb / 12P
   150mA, Low Noise, Low Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1730 AIC-AIC1730 Datasheet
222Kb / 12P
   Low Noise Low Dropout, 150mA Linear Regulator
AIC1730 AIC-AIC1730_15 Datasheet
269Kb / 12P
   150mA, Low Noise, Low Dropout Linear Regulator
logo
Semtech Corporation
SC5205 SEMTECH-SC5205 Datasheet
137Kb / 5P
   150mA Ultra Low Dropout, Low Noise Micropower Linear Regulator
logo
Monolithic Power System...
MP8801 MPS-MP8801_06 Datasheet
294Kb / 7P
   Low Dropout 150mA Linear Regulator
logo
Seaward Electronics Inc...
SE8802 SEAWARD-SE8802 Datasheet
335Kb / 6P
   150mA Low Dropout Linear Regulator
logo
Monolithic Power System...
EV8801DJ-00A MPS-EV8801DJ-00A Datasheet
185Kb / 4P
   Low Dropout 150mA Linear Regulator
MP8903 MPS-MP8903 Datasheet
272Kb / 10P
   Low Dropout 150mA Linear Regulator
logo
Union Semiconductor, In...
UM1330 UNIONSEMI-UM1330 Datasheet
634Kb / 14P
   150mA, Low Noise, Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com