Moteur de recherche de fiches techniques de composants électroniques |
|
BZX55C43 Fiches technique(PDF) 3 Page - Changzhou Shunye Electronics Co.,Ltd. |
|
BZX55C43 Fiches technique(HTML) 3 Page - Changzhou Shunye Electronics Co.,Ltd. |
3 / 3 page 500 400 300 200 100 0 0 50 100 150 200 250 50 40 30 20 10 0 5 10 15 20 25 30 mA Breakdown characteristics Test Current Iz=5mA V RATINGS AND CHARACTERISTIC CURVES BZX55-SERIES Vz,ZENER VOLTAGE,volts Admissible power dissipation versus ambient temperature Valid provided that leads are kept at ambient temperature at a distance of 10mm from case AMBIENT TEMPERATURE, C www.shunyegroup.com |
Numéro de pièce similaire - BZX55C43 |
|
Description similaire - BZX55C43 |