Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SS6721D-GXTR Fiches technique(PDF) 4 Page - Silicon Standard Corp.

No de pièce SS6721D-GXTR
Description  150mA/300mA Low Dropout Linear Regulator with 1% Output Accuracy
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SSC [Silicon Standard Corp.]
Site Internet  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6721D-GXTR Fiches technique(HTML) 4 Page - Silicon Standard Corp.

  SS6721D-GXTR Datasheet HTML 1Page - Silicon Standard Corp. SS6721D-GXTR Datasheet HTML 2Page - Silicon Standard Corp. SS6721D-GXTR Datasheet HTML 3Page - Silicon Standard Corp. SS6721D-GXTR Datasheet HTML 4Page - Silicon Standard Corp. SS6721D-GXTR Datasheet HTML 5Page - Silicon Standard Corp. SS6721D-GXTR Datasheet HTML 6Page - Silicon Standard Corp. SS6721D-GXTR Datasheet HTML 7Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.SiliconStandard.com
4 of 7
SS6721G/DG
1/21/2005 Rev.2.01
TYPICAL PERFORMANCE CHARACTERISTICS
Fig. 1
Output Voltage vs. Temperature
Temperature (°C)
0
50
100
96
98
100
103
104
0
-40
125
Fig. 2
Ground Current vs. Input Voltage
Input Voltage (V)
0
10
20
30
40
50
60
0
2
4
6
8
10
Fig. 3 Ground Current vs. Temperature
Temperature (°C)
125
025
50
75
100
-25
-50
50
52
54
56
58
60
IL =300mA
IL =150mA
IL=0.1mA
Fig. 4
Dropout Voltage vs. Load Current
Load Current (mA)
600
0
50
100
150
200
250
300
0
100
200
300
400
500
VOUT=5.0V
VOUT=3.3V
Temperature(°C)
Fig. 5 Dropout Voltage vs Temperature
0
25
50
75
100
125
-25
-50
0
100
200
300
400
500
600
IL=0.1mA
VOUT=5V
IL=150mA
IL=300mA
Temperature (°C)
Fig. 6
Short Circuit Current vs. Temperature
025
50
75
100
125
-25
-50
200
300
400
500
SS6721D
SS6721


Numéro de pièce similaire - SS6721D-GXTR

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Standard Corp.
SS6729 SSC-SS6729 Datasheet
328Kb / 8P
   400mA Low-dropout Linear Voltage Regulator with Voltage Detector Function
SS6729-3018CNTB SSC-SS6729-3018CNTB Datasheet
328Kb / 8P
   400mA Low-dropout Linear Voltage Regulator with Voltage Detector Function
SS6729-3018CNTR SSC-SS6729-3018CNTR Datasheet
328Kb / 8P
   400mA Low-dropout Linear Voltage Regulator with Voltage Detector Function
SS6729-3018CSTB SSC-SS6729-3018CSTB Datasheet
328Kb / 8P
   400mA Low-dropout Linear Voltage Regulator with Voltage Detector Function
SS6729-3018CSTR SSC-SS6729-3018CSTR Datasheet
328Kb / 8P
   400mA Low-dropout Linear Voltage Regulator with Voltage Detector Function
More results

Description similaire - SS6721D-GXTR

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Standard Corp.
SS62951 SSC-SS62951 Datasheet
614Kb / 10P
   150mA/ 300mA Low Dropout Linear Regulatror
logo
Diodes Incorporated
AP131 DIODES-AP131_09 Datasheet
123Kb / 7P
   300mA LOW DROPOUT LINEAR REGULATOR WITH
AP131 Rev. 7
logo
Maxim Integrated Produc...
MAX8885 MAXIM-MAX8885 Datasheet
179Kb / 8P
   150mA, Low-Dropout Linear Regulator with Power-OK Output
MAX8875 MAXIM-MAX8875_V01 Datasheet
260Kb / 9P
   150mA, Low-Dropout Linear Regulator with Power-OK Output
2000
MAX8875 MAXIM-MAX8875 Datasheet
435Kb / 8P
   150mA, Low-Dropout Linear Regulator with Power-OK Output
logo
Analog Intergrations Co...
AIC1737 AIC-AIC1737 Datasheet
72Kb / 5P
   LOW OUTPUT VOLTAGE, 300mA LOW DROPOUT LINEAR REGULATOR
logo
Monolithic Power System...
MP8801 MPS-MP8801_06 Datasheet
294Kb / 7P
   Low Dropout 150mA Linear Regulator
logo
Seaward Electronics Inc...
SE8802 SEAWARD-SE8802 Datasheet
335Kb / 6P
   150mA Low Dropout Linear Regulator
logo
Monolithic Power System...
EV8801DJ-00A MPS-EV8801DJ-00A Datasheet
185Kb / 4P
   Low Dropout 150mA Linear Regulator
MP8903 MPS-MP8903 Datasheet
272Kb / 10P
   Low Dropout 150mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com