Moteur de recherche de fiches techniques de composants électroniques |
|
BZX55C3V3 Fiches technique(PDF) 1 Page - Changzhou Shunye Electronics Co.,Ltd. |
|
BZX55C3V3 Fiches technique(HTML) 1 Page - Changzhou Shunye Electronics Co.,Ltd. |
1 / 3 page BZX55C-SERIES ZENER DIODES Zener Voltage:2.4-180V Peak Pulse Power:500mW Case: JEDEC DO-35(GLASS) molded glass body Terminals: Plated axial leads, solderable per MIL-STD 750, method 2026 Polarity: Color band denotes cathode end Mounting Position: Any Weight: 0.005 ounce,0.14 grams FEATURE MECHANICAL DATA MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS C Zener Current see Table Characteristics Power Dissipation at Tamb=25 C(Note 1) Junction Temperature Storage Temperature Range Thermal resistance junction ambient(Note 1 Forward voltage at IF=100mA SYMBOLS UNITS VALUE mW K/mW V Ratings at 25 C ambient temperature unless otherwise specified. Note 1: Valid provided that leads at a distance of 10mm from case are kept at ambient temperature Ptot Tj TSTG RqJA VF C 500 200 -65 to + 200 0.3 1.0 0.079(2.0) MAX 0.020(0.52) TYP 0.165 (4.2) MAX 1.0 2(26.0) MIN. 1.0 2(26.0) MIN. Dimensions in inches and (millimeters) DO-35(GLASS) Low zener impedance Low regulation factor Glass passivated junction High temperature soldering guaranteed: 260 C/10S/9.5mm lead length at 5 lbs tension www.shunyegroup.com |
Numéro de pièce similaire - BZX55C3V3 |
|
Description similaire - BZX55C3V3 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |