Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SS6642-37GXTB Fiches technique(PDF) 2 Page - Silicon Standard Corp.

No de pièce SS6642-37GXTB
Description  3-Pin Simple Step-Up DC/DC Converter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SSC [Silicon Standard Corp.]
Site Internet  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6642-37GXTB Fiches technique(HTML) 2 Page - Silicon Standard Corp.

  SS6642-37GXTB Datasheet HTML 1Page - Silicon Standard Corp. SS6642-37GXTB Datasheet HTML 2Page - Silicon Standard Corp. SS6642-37GXTB Datasheet HTML 3Page - Silicon Standard Corp. SS6642-37GXTB Datasheet HTML 4Page - Silicon Standard Corp. SS6642-37GXTB Datasheet HTML 5Page - Silicon Standard Corp. SS6642-37GXTB Datasheet HTML 6Page - Silicon Standard Corp. SS6642-37GXTB Datasheet HTML 7Page - Silicon Standard Corp. SS6642-37GXTB Datasheet HTML 8Page - Silicon Standard Corp. SS6642-37GXTB Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
www.SiliconStandard.com
2 of 22
SS6642G
1/15/2005 Rev.2.10
ORDERING INFORMATION
PIN CONFIGURATION
TO-92
TOP VIEW
1: GND
2: VOUT
3: SW
1
2
3
1
2
3
SOT-89
TOP VIEW
1: GND
2: VOUT
3: SW
Packing type
TR: Tape and reel
TB: Tube
Package type
GU: RoHS-compliant SOT-23
GX: RoHS-compliant SOT-89
GZ: RoHS-compliant TO-92
Output voltage
27: 2.7V
30: 3.0V
33: 3.3V
37: 3.7V
45: 4.5V
50: 5.0V
SS6642-XXXXXX
Example: SS6642-27GXTR
2.7V output version, in RoHS-compliant SOT-89
shipped on tape and reel.
SOT-23
TOP VIEW
1: GND
2: SW
3: VOUT
1
3
2
Part No.
GX
SS6642-27G
AM27P
SS6642-30G
AM30P
SS6642-33G
AM33P
SS6642-37G
AM37P
SS6642-45G
AM45P
SS6642-50G
AM50P
SOT-23 MARKING
Part No.
GU
SS6642-27G
GM27P
SS6642-30G
GM30P
SS6642-33G
GM33P
SS6642-37G
GM37P
SS6642-45G
GM45P
SS6642-50G
GM50P
SOT-89 MARKING


Numéro de pièce similaire - SS6642-37GXTB

FabricantNo de pièceFiches techniqueDescription
logo
Sensitron
SS6642 SENSITRON-SS6642 Datasheet
35Kb / 2P
   SIGNAL OR COMPUTER DIODE
SS6642U SENSITRON-SS6642U Datasheet
35Kb / 2P
   SIGNAL OR COMPUTER DIODE
SS6642US SENSITRON-SS6642US Datasheet
35Kb / 2P
   SIGNAL OR COMPUTER DIODE
More results

Description similaire - SS6642-37GXTB

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Standard Corp.
SS6638G SSC-SS6638G Datasheet
909Kb / 19P
   Simple 3-Pin Step-Up DC/DC Converter
logo
Power Analog Micoelectr...
PAM2400 PAM-PAM2400 Datasheet
203Kb / 14P
   3-Pin Synchronous Step-Up DC/DC Converter
logo
Analog Intergrations Co...
AIC1639 AIC-AIC1639 Datasheet
147Kb / 11P
   3-PIN ONE-CELL STEP-UP DC/DC CONVERTER
AIC1638 AIC-AIC1638 Datasheet
240Kb / 15P
   3-PIN ONE-CELL STEP-UP DC/DC CONVERTER
AIC1642 AIC-AIC1642 Datasheet
251Kb / 14P
   3-Pin One-Cell Step-Up DC/DC Converter
logo
Unisonic Technologies
UC8383 UTC-UC8383_15 Datasheet
444Kb / 9P
   STEP-UP DC/DC CONVERTER
logo
Diodes Incorporated
AP1603 DIODES-AP1603 Datasheet
159Kb / 8P
   STEP-UP DC/DC CONVERTER
AP1603 Rev. 1
logo
Anachip Corp
AP1602 ANACHIP-AP1602 Datasheet
164Kb / 7P
   Step-Up DC/DC Converter
AP1522 ANACHIP-AP1522 Datasheet
166Kb / 8P
   Step-Up DC/DC Converter
logo
Micon Design Technology...
MDT7727 MDTIC-MDT7727 Datasheet
107Kb / 4P
   Step-up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22