Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SS6086-25CEBG Fiches technique(PDF) 3 Page - Silicon Standard Corp.

No de pièce SS6086-25CEBG
Description  1.5A Low Dropout Positive Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SSC [Silicon Standard Corp.]
Site Internet  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6086-25CEBG Fiches technique(HTML) 3 Page - Silicon Standard Corp.

  SS6086-25CEBG Datasheet HTML 1Page - Silicon Standard Corp. SS6086-25CEBG Datasheet HTML 2Page - Silicon Standard Corp. SS6086-25CEBG Datasheet HTML 3Page - Silicon Standard Corp. SS6086-25CEBG Datasheet HTML 4Page - Silicon Standard Corp. SS6086-25CEBG Datasheet HTML 5Page - Silicon Standard Corp. SS6086-25CEBG Datasheet HTML 6Page - Silicon Standard Corp. SS6086-25CEBG Datasheet HTML 7Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
www.SiliconStandard.com
3 of 7
SS6086


!"
ELECTRICAL CHARACTERISTICS °°°° 

 !""  
"#$%&$%#
!%'  (' !)'  %
 -    

))6&03#4
2(° 
°≤≤(°

(&
((

(
(

(0(
(E

))6&0*&'2

E&
&
&(
))6&0*('2

(GE
(
(
))6&0*(&'2

(&(
(&
(&&
))6&0*'2

(0


 
))6&0*'2E

GH



(E≤≤E'2(



2(°


(
  
°≤>≤(°


(

 
2(°'/2 F
°≤≤(°


(

G

 
∆'∆ 2
/2 
°≤≤(°




  
°≤≤(°

(


# " 3/4
(E≤≤E
 ≤≤
°≤≤(°


(
µ
# " !  
3∆/4
(E≤≤E
 ≤/≤
°≤≤(°

(

µ
   )$
/2
°≤≤(°



B    
°≤≤(°




B)8 3-4
IJ≤-≤?IJ




  # 
(IJ 
2(µ
0
E(

.

Rev.2.01 6/06/2003


Numéro de pièce similaire - SS6086-25CEBG

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Standard Corp.
SS6084 SSC-SS6084 Datasheet
307Kb / 7P
   5A Low-dropout Positive Linear Regulator
SS6084-15CETB SSC-SS6084-15CETB Datasheet
307Kb / 7P
   5A Low-dropout Positive Linear Regulator
SS6084-15CETR SSC-SS6084-15CETR Datasheet
307Kb / 7P
   5A Low-dropout Positive Linear Regulator
SS6084-15CMTB SSC-SS6084-15CMTB Datasheet
307Kb / 7P
   5A Low-dropout Positive Linear Regulator
SS6084-15CMTR SSC-SS6084-15CMTR Datasheet
307Kb / 7P
   5A Low-dropout Positive Linear Regulator
More results

Description similaire - SS6086-25CEBG

FabricantNo de pièceFiches techniqueDescription
logo
Analog Intergrations Co...
AIC1086 AIC-AIC1086_15 Datasheet
238Kb / 11P
   1.5A Low Dropout Positive Regulator
logo
Vishay Siliconix
GS1086 VISHAY-GS1086 Datasheet
81Kb / 6P
   1.5A Low Dropout Positive Adjustable Regulator
12-Mar-02
logo
Taiwan Semiconductor Co...
TS1086 TSC-TS1086_08 Datasheet
168Kb / 9P
   1.5A Low Dropout Positive Voltage Regulator
TS1086 TSC-TS1086 Datasheet
162Kb / 6P
   1.5A Low Dropout Positive Voltage Regulator
logo
Analog Microelectronics
AME1086 AME-AME1086 Datasheet
103Kb / 14P
   1.5A Low Dropout Positive Voltage Regulator
logo
Analog Intergrations Co...
AIC1086 AIC-AIC1086 Datasheet
109Kb / 7P
   1.5A Low Dropout Positive Adjustable Regulator
logo
International Rectifier
IRU1015 IRF-IRU1015 Datasheet
104Kb / 8P
   1.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Taiwan Semiconductor Co...
TS1086 TSC-TS1086_07 Datasheet
482Kb / 9P
   1.5A Low Dropout Positive Voltage Regulator
TS39151 TSC-TS39151 Datasheet
147Kb / 7P
   1.5A Ultra Low Dropout Positive Voltage Regulator
logo
First Components Intern...
FC1286 FCI-FC1286 Datasheet
316Kb / 4P
   1.5A Ultra Low Dropout Positive Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com