Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UF3G-T3 Fiches technique(PDF) 2 Page - Won-Top Electronics

No de pièce UF3G-T3
Description  3.0A SURFACE MOUNT ULTRA FAST RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WTE [Won-Top Electronics]
Site Internet  http://www.wontop.com
Logo WTE - Won-Top Electronics

UF3G-T3 Fiches technique(HTML) 2 Page - Won-Top Electronics

  UF3G-T3 Datasheet HTML 1Page - Won-Top Electronics UF3G-T3 Datasheet HTML 2Page - Won-Top Electronics UF3G-T3 Datasheet HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
UF3A – UF3K
2 of 3
© 2002 Won-Top Electronics
50V DC
Approx
50
NI (Non-inductive)
10
NI
1.0
NI
Oscilloscope
(Note 1)
Pulse
Generator
(Note 2)
Device
Under
Test
t
rr
Set time base for 10ns/cm
+0.5A
0A
-0.25A
-1.0A
Notes:
1. Rise Time = 7.0ns max. Input Impedance = 1.0M , 22pF.
2. Rise Time = 10ns max. Input Impedance = 50 .
Fig. 5 Reverse Recovery Time Characteristic and Test Circuit
(+)
(+)
(-)
(-)
0.01
0.1
1.0
10
100
1000
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
Fig. 4 Typical Reverse Characteristics
T = 100 C
j
°
T = 25 C
j
°
0.01
0.1
1.0
10
0
0.4
0.8
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F
T - 25 C
j
°
Pulse Width = 300 s
µ
1.2
1.6
2.0
UF3A - UF3D
UF3G
UF3J - UF3K
0
25
50
75
100
1
10
100
NUMBER OF CYCLES AT 60Hz
Fig. 3 Forward Surge Current Derating Curve
Single Half Sine-Wave
(JEDEC Method)
T = 150 C
j
°
0
1.5
3.0
25
50
75
100
125
150
T , LEAD TEMPERATURE
( C)
Fig. 1 Forward Current Derating Curve
L
°


Numéro de pièce similaire - UF3G-T3

FabricantNo de pièceFiches techniqueDescription
logo
Won-Top Electronics
UF3G-T3 WTE-UF3G-T3 Datasheet
56Kb / 4P
   3.0A SURFACE MOUNT GLASS PASSIVATED ULTRAFAST DIODE
More results

Description similaire - UF3G-T3

FabricantNo de pièceFiches techniqueDescription
logo
Gaomi Xinghe Electronic...
US3ABF GXELECTRONICS-US3ABF Datasheet
481Kb / 2P
   3.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
logo
Diodes Incorporated
US3M DIODES-US3M_15 Datasheet
469Kb / 5P
   3.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
logo
SUNMATE electronic Co.,...
US3A SUNMATE-US3A Datasheet
330Kb / 2P
   3.0A Surface Mount Ultra-Fast Rectifier
logo
Gaomi Xinghe Electronic...
US3AF GXELECTRONICS-US3AF Datasheet
442Kb / 2P
   3.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
logo
Diodes Incorporated
RS3J-13 DIODES-RS3J-13 Datasheet
121Kb / 4P
   3.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
ES3A_ DIODES-ES3A_ Datasheet
107Kb / 3P
   3.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS14003 Rev. 10 - 2
logo
Won-Top Electronics
ER3A WTE-ER3A Datasheet
51Kb / 3P
   3.0A SURFACE MOUNT SUPER FAST RECTIFIER
logo
Diodes Incorporated
MURS320 DIODES-MURS320 Datasheet
64Kb / 2P
   3.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS30197 Rev. A-0
RS3AB DIODES-RS3AB_15 Datasheet
121Kb / 4P
   3.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
ES3A DIODES-ES3A_10 Datasheet
122Kb / 4P
   3.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS14003 Rev. 15 - 2
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com