Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SS9175CS-3TR Fiches technique(PDF) 6 Page - Silicon Standard Corp.

No de pièce SS9175CS-3TR
Description  Dual Synchronous DC/DC Controllers With Current Sharing Circuitry
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SSC [Silicon Standard Corp.]
Site Internet  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS9175CS-3TR Fiches technique(HTML) 6 Page - Silicon Standard Corp.

Back Button SS9175CS-3TR Datasheet HTML 2Page - Silicon Standard Corp. SS9175CS-3TR Datasheet HTML 3Page - Silicon Standard Corp. SS9175CS-3TR Datasheet HTML 4Page - Silicon Standard Corp. SS9175CS-3TR Datasheet HTML 5Page - Silicon Standard Corp. SS9175CS-3TR Datasheet HTML 6Page - Silicon Standard Corp. SS9175CS-3TR Datasheet HTML 7Page - Silicon Standard Corp. SS9175CS-3TR Datasheet HTML 8Page - Silicon Standard Corp. SS9175CS-3TR Datasheet HTML 9Page - Silicon Standard Corp. SS9175CS-3TR Datasheet HTML 10Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
www.SiliconStandard.com
6 of 12
SS9175/6
PIN DESCRIPTIONS
Pin No.
Symbol
Function
Description
1 (1)
PWRGD
Power-good
Output of the error amplifier and input to the PWM comparator. It is used for feedback
loop compensation.
2 (2)
IN1
Feedback
Inverting input of the error amplifier. It is normally connected to the switching power
supply output through a resistor divider.
3 (3)
COMP1
Compensation
Output of the error amplifier and input to the PWM comparator. It is used for feedback
loop compensation.
4 (4)
VCC
Power Supply
Supply voltage input.
5
CL1+
Over-current
Over-current adjustment and high-side MOSFET supply voltage sense pin. Connect
a resistor from this pin to high-side supply voltage.
6
CL1-
Over-current
Over-current sense pin.
7 (5)
BST1
Boost supply
Supply for high-side driver. Connect to bootstrap circuit.
8 (6)
DH1
High-side drive
High-side MOSFET gate driver pin.
9 (7)
DL1
Low-side drive
Low-side MOSFET gate driver pin.
10 (8)
PGND
Driver ground
Driver circuit GND supply. Connect to MOSFET’s GND.
11 (9)
BSTC
Buffered supply
Voltage supply for internal low-side driver circuit and for high-side bootstrap circuit’s
diode input. Its output is 6V if chip supply voltage VCC > 6.5V. If VCC < 6.5V, then BSTC
= VCC. Need a 10uF decoupling capacitor connected to PGND.
12 (10)
DL2
Low-side drive
Low-side MOSFET gate driver pin.
13 (11)
DH2
High-side drive
High-side MOSFET gate driver pin.
14 (12)
BST2
Boost supply
Supply for high-side driver. Connect to bootstrap circuit.
15 (13)
CL2-
Over-current
Over-current sense pin.
16 (14)
CL2+
Over-current
Over-current adjustment and high-side MOSFET supply voltage sense pin. Connect a
resistor from this pin to high-side supply voltage.
17 (15)
SS/EN
Soft-start/Enable
A 25uA internal current source charges an external capacitor for soft start. Pull down this
pin to disable the chip.
18
COMP2
[NC]
Compensation
Output of the error amplifier and input to the PWM comparator. It is used for feedback
loop compensation.
19
IN2 [NC]
Feedback
Inverting input of the error amplifier. It is normally connected to the switching power
supply output through a resistor divider.
20 (16)
GND
Control ground
Control circuit GND supply.
Note: Inside ( ) is the pin assignment for SS9176CS. Inside [ ] is for SS9175CS.
PIN CONFIGURATIONS
PWRGD
PGND
DL1
DH1
BST1
CL1+
CL1
VCC
COMP1
IN1
1
10
9
8
7
6
5
4
3
2
20
11
12
13
14
15
16
17
18
19
SS/ENB
IN2
GND
BSTC
DL2
DH2
BST2
CL2-
CL2+
COMP2
SS/ENB
PGND
DL1
DH1
BST1
PWRGD
VCC
COMP
IN
GND
BSTC
DL2
DH2
BST2
CL2-
CL+
10
9
11
12
13
14
15
16
1
8
7
6
5
4
3
2
SS9175
SS9176
Rev.2.02 12/29/2003
PRELIMINARY


Numéro de pièce similaire - SS9175CS-3TR

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
SS9011 FAIRCHILD-SS9011 Datasheet
61Kb / 4P
   AM Converter, AM/FM IF Amplifier General Purpose Transistor
logo
Samsung semiconductor
SS9012 SAMSUNG-SS9012 Datasheet
219Kb / 6P
   PNP (1W OUTPUT AMPLIFIER OF POTABLE RADIOS IN CLASS B PUSH-PULL OPERATION)
logo
Fairchild Semiconductor
SS9012 FAIRCHILD-SS9012 Datasheet
35Kb / 4P
   1W Output Amplifier of Potable Radios in Class B Push-pull Operation.
SS9012 FAIRCHILD-SS9012 Datasheet
41Kb / 4P
   1W Output Amplifier of Potable Radios in Class B Push-pull Operation.
SS9012GBU FAIRCHILD-SS9012GBU Datasheet
41Kb / 4P
   1W Output Amplifier of Potable Radios in Class B Push-pull Operation.
More results

Description similaire - SS9175CS-3TR

FabricantNo de pièceFiches techniqueDescription
logo
Semtech Corporation
SC1175 SEMTECH-SC1175 Datasheet
348Kb / 20P
   Low Power Dual Synchronous DC/DC Controller With Current Sharing Circuitry
SC1175 SEMTECH-SC1175_04 Datasheet
379Kb / 23P
   Low Power Dual Synchronous DC/DC Controller With Current Sharing Circuitry
logo
Anpec Electronics Corop...
APW1175 ANPEC-APW1175 Datasheet
247Kb / 10P
   DUAL SYNCHRONOUS DC/DC CONTROLLER WITH CURRENT SHARING CONTROL
logo
Semtech Corporation
SC2677B SEMTECH-SC2677B Datasheet
547Kb / 19P
   Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
SC1176 SEMTECH-SC1176_06 Datasheet
601Kb / 23P
   Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
SC2677B SEMTECH-SC2677B_09 Datasheet
382Kb / 19P
   Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
SC2677 SEMTECH-SC2677 Datasheet
163Kb / 9P
   Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
SC1176 SEMTECH-SC1176 Datasheet
384Kb / 23P
   Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
logo
International Rectifier
IRU3146 IRF-IRU3146 Datasheet
528Kb / 30P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND AUTO-RESTART
IRU3046 IRF-IRU3046 Datasheet
163Kb / 20P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND LDO CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com