Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMAJ43 Fiches technique(PDF) 3 Page - Silicon Standard Corp.

No de pièce SMAJ43
Description  Transient Voltage Suppressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SSC [Silicon Standard Corp.]
Site Internet  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SMAJ43 Fiches technique(HTML) 3 Page - Silicon Standard Corp.

  SMAJ43 Datasheet HTML 1Page - Silicon Standard Corp. SMAJ43 Datasheet HTML 2Page - Silicon Standard Corp. SMAJ43 Datasheet HTML 3Page - Silicon Standard Corp. SMAJ43 Datasheet HTML 4Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.SiliconStandard.com
3 of 4
ELECTRICAL PARAMETERS
SMAJ Series
9/21/2006 Rev.4.01
At 25°C ambient temperature unless otherwise specified. VF=3.5V at IF=25A (uni-directional only)
e
p
y
t
e
c
i
v
e
D
e
c
i
v
e
D
g
n
i
k
r
a
m
e
d
o
c
e
g
a
t
l
o
v
n
w
o
d
k
a
e
r
B
V
)
R
B
(
)
s
t
l
o
V
(
)
1
(
t
s
e
T
t
n
e
r
r
u
c
I
t
a
T
)
A
m
(
f
f
o
-
d
n
a
t
S
e
g
a
t
l
o
v
V
M
W
)
s
t
l
o
V
(
m
u
m
i
x
a
M
e
s
r
e
v
e
r
e
g
a
k
a
e
l
V
t
a
M
W
I
D
)
3
(
(u )
A
m
u
m
i
x
a
M
e
s
l
u
p
k
a
e
p
e
g
r
u
s
t
n
e
r
r
u
c
I
M
P
P
)
2
(
)
A
(
m
u
m
i
x
a
M
g
n
i
p
m
a
l
c
e
g
a
t
l
o
v
I
t
a
M
P
P
V
C
)
s
t
l
o
V
(
I
N
UI
B.
n
i
M.
x
a
M
3
3
J
A
M
SL
CL
Y7
.
6
39
.
4
40
.
13
30
.
18
.
60
.
9
5
A
3
3
J
A
M
SM
CM
Y7
.
6
36
.
0
40
.
13
30
.
15
.
73
.
3
5
6
3
J
A
M
SN
CN
Y0
.
0
49
.
8
40
.
16
30
.
12
.
63
.
4
6
A
6
3
J
A
M
SP
CP
Y0
.
0
42
.
4
40
.
16
30
.
19
.
61
.
8
5
0
4
J
A
M
SQ
CQ
Y4
.
4
43
.
4
50
.
10
40
.
16
.
54
.
1
7
A
0
4
J
A
M
SR
CR
Y4
.
4
41
.
9
40
.
10
40
.
12
.
65
.
4
6
3
4
J
A
M
SS
CS
Y8
.
7
44
.
8
50
.
13
40
.
12
.
57
.
6
7
A
3
4
J
A
M
ST
CT
Y8
.
7
48
.
2
50
.
13
40
.
18
.
54
.
9
6
5
4
J
A
M
SU
CU
Y0
.
0
51
.
1
60
.
15
40
.
10
.
53
.
0
8
A
5
4
J
A
M
SV
CV
Y0
.
0
53
.
5
50
.
15
40
.
15
.
57
.
2
7
8
4
J
A
M
SW
CW
Y3
.
3
51
.
5
60
.
18
40
.
17
.
45
.
5
8
A
8
4
J
A
M
SX
CX
Y3
.
3
59
.
8
50
.
18
40
.
12
.
54
.
7
7
1
5
J
A
M
SY
CY
Y7
.
6
53
.
9
60
.
11
50
.
14
.
41
.
1
9
A
1
5
J
A
M
SZ
CZ
Y7
.
6
57
.
2
60
.
11
50
.
19
.
44
.
2
8
4
5
J
A
M
SD
RD
Z0
.
0
63
.
3
70
.
14
50
.
12
.
43
.
6
9
A
4
5
J
A
M
SE
RE
Z0
.
0
63
.
6
60
.
14
50
.
16
.
41
.
7
8
8
5
J
A
M
SF
RF
Z4
.
4
67
.
8
70
.
18
50
.
19
.
33
0
1
A
8
5
J
A
M
SG
RG
Z4
.
4
62
.
1
70
.
18
50
.
13
.
46
.
3
9
0
6
J
A
M
SH
RH
Z7
.
6
65
.
1
80
.
10
60
.
17
.
37
0
1
A
0
6
J
A
M
SK
RK
Z7
.
6
67
.
3
70
.
10
60
.
11
.
48
.
6
9
4
6
J
A
M
SL
RL
Z1
.
1
79
.
6
80
.
14
60
.
15
.
34
1
1
A
4
6
J
A
M
SM
RM
Z1
.
1
76
.
8
70
.
14
60
.
19
.
33
0
1
0
7
J
A
M
SN
RN
Z8
.
7
71
.
5
90
.
10
70
.
12
.
35
2
1
A
0
7
J
A
M
SP
RP
Z8
.
7
70
.
6
80
.
10
70
.
15
.
33
1
1
5
7
J
A
M
SQ
RQ
Z3
.
3
82
0
10
.
15
70
.
10
.
34
3
1
A
5
7
J
A
M
SR
RR
Z3
.
3
81
.
2
90
.
15
70
.
13
.
31
2
1
8
7
J
A
M
SS
RS
Z7
.
6
86
0
10
.
18
70
.
19
.
29
3
1
A
8
7
J
A
M
ST
RT
Z7
.
6
88
.
5
90
.
18
70
.
12
.
36
2
1
5
8
J
A
M
SU
RU
Z4
.
4
95
1
10
.
15
80
.
10
.
21
5
1
A
5
8
J
A
M
SV
RV
Z4
.
4
94
0
10
.
15
80
.
12
.
27
3
1
0
9
J
A
M
SW
RW
Z0
0
12
2
10
.
10
90
.
19
.
10
6
1
A
0
9
J
A
M
SX
RX
Z0
0
11
1
10
.
10
90
.
11
.
26
4
1
0
0
1
J
A
M
SY
RY
Z1
1
16
3
10
.
10
0
10
.
17
.
19
7
1
A
0
0
1
J
A
M
SZ
RZ
Z1
1
13
2
10
.
10
0
10
.
19
.
12
6
1
0
1
1
J
A
M
SD
SD
V2
2
19
4
10
.
10
1
10
.
15
.
16
9
1
A
0
1
1
J
A
M
SE
SE
V2
2
15
3
10
.
10
1
10
.
17
.
17
7
1
0
2
1
J
A
M
SF
SF
V3
3
13
6
10
.
10
2
10
.
14
.
14
1
2
A
0
2
1
J
A
M
SG
SG
V3
3
17
4
10
.
10
2
10
.
16
.
13
9
1
0
3
1
J
A
M
SH
SH
V4
4
16
7
10
.
10
3
10
.
13
.
11
3
2
A
0
3
1
J
A
M
SK
SK
V4
4
19
5
10
.
10
3
10
.
14
.
19
0
2
0
5
1
J
A
M
SL
SL
V7
6
14
0
20
.
10
5
10
.
11
.
18
6
2
A
0
5
1
J
A
M
SM
SM
V7
6
15
8
10
.
10
5
10
.
12
.
13
4
2
0
6
1
J
A
M
SN
SN
V8
7
18
1
20
.
10
6
10
.
10
.
17
8
2
A
0
6
1
J
A
M
SP
SP
V8
7
17
9
10
.
10
6
10
.
12
.
19
5
2
0
7
1
J
A
M
SQ
SQ
V9
8
11
3
20
.
10
7
10
.
19
9
.
04
0
3
A
0
7
1
J
A
M
SR
SR
V9
8
19
0
20
.
10
7
10
.
19
0
.
15
7
2
A
0
8
1
J
A
M
ST
ST
V1
0
22
2
20
.
10
8
10
.
14
.
12
9
2
A
0
0
2
J
A
M
SV
SV
V4
2
27
4
20
.
10
0
20
.
12
.
14
2
3
A
0
2
2
J
A
M
SX
SX
V6
4
22
7
20
.
10
2
20
.
11
.
16
5
3
A
0
5
2
J
A
M
SZ
SZ
V9
7
29
0
30
.
10
5
20
.
10
.
15
0
4
A
0
0
3
J
A
M
SE
TE
U5
3
31
7
30
.
10
0
30
.
18
.
06
8
4
A
0
5
3
J
A
M
SG
TG
U1
9
32
3
40
.
10
5
30
.
17
.
07
6
5
A
0
0
4
J
A
M
SK
TK
U7
4
44
9
40
.
10
0
40
.
16
.
08
4
6
A
0
4
4
J
A
M
SM
TM
U2
9
43
4
50
.
10
4
40
.
16
.
03
1
7
Notes:
1. V
(BR) measured after IT applied for 300us square wave pulse or equivalent
2. Surge current waveform per Fig. 3 and derate per Fig. 2
3. For bi-directional types having V
WM of 10 Volts and less, the ID limit is doubled
4. All terms and symbols are consistent with ANSI/IEEE C62.35
5. For parts without A, the V
BR is +10%


Numéro de pièce similaire - SMAJ43

FabricantNo de pièceFiches techniqueDescription
logo
Socay Electornics Co., ...
SMAJ43 SOCAY-SMAJ43 Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Jinan Gude Electronic D...
SMAJ43 JGD-SMAJ43 Datasheet
313Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
SMAJ43 LUGUANG-SMAJ43 Datasheet
2Mb / 4P
   Transient Voltage Suppressors
Revision:20170301-P1
logo
RFE international
SMAJ43 RFE-SMAJ43 Datasheet
55Kb / 1P
   SURFACE MOUNT TVS DIODE Electrical Characteristics, 33 to 170 Volts
logo
List of Unclassifed Man...
SMAJ43 ETC2-SMAJ43 Datasheet
326Kb / 4P
   Transient Voltage Suppressor
More results

Description similaire - SMAJ43

FabricantNo de pièceFiches techniqueDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com