Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMAJ40 Fiches technique(PDF) 1 Page - Silicon Standard Corp.

No de pièce SMAJ40
Description  Transient Voltage Suppressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SSC [Silicon Standard Corp.]
Site Internet  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SMAJ40 Fiches technique(HTML) 1 Page - Silicon Standard Corp.

  SMAJ40 Datasheet HTML 1Page - Silicon Standard Corp. SMAJ40 Datasheet HTML 2Page - Silicon Standard Corp. SMAJ40 Datasheet HTML 3Page - Silicon Standard Corp. SMAJ40 Datasheet HTML 4Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.SiliconStandard.com
1 of 4
9/21/2006 Rev.4.01
FEATURES
MECHANICAL DATA
SMAJ Series
Transient Voltage Suppressors
Rating at 25°C ambient temperature unless otherwise specified.
MAXIMUM RATINGS
Pb-free; RoHS-compliant
Stand-off Voltage ratings from 5.0V to 440V
PRODUCT SUMMARY
Peak pulse power 400W in SMA surface-mount package
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Se
u
l
a
Vt
i
n
U
h
t
i
w
n
o
i
t
a
p
i
s
s
i
d
r
e
w
o
p
e
s
l
u
p
k
a
e
P
0
0
0
1
/
0
1
a
u
m
r
o
f
e
v
a
w
s
)
2
,
1
(
)
1
.
g
i
F
e
e
s
(
P
M
P
P
0
0
4W
0
0
0
1
/
0
1
a
h
t
i
w
t
n
e
r
r
u
c
e
s
l
u
p
k
a
e
P
u
m
r
o
f
e
v
a
w
s
)
1
(
I
M
P
P
e
l
b
a
T
t
x
e
N
e
e
SA
e
v
a
w
-
e
n
i
s
f
l
a
h
e
l
g
n
i
s
s
m
3
.
8
,
t
n
e
r
r
u
c
e
g
r
u
s
d
r
a
w
r
o
f
k
a
e
P
y
l
n
o
l
a
n
o
i
t
c
e
r
i
d
-
i
n
u
)
2
(
I
M
S
F
0
4A
t
n
e
i
b
m
a
o
t
n
o
i
t
c
n
u
j
,
e
c
n
a
t
s
i
s
e
r
l
a
m
r
e
h
t
l
a
c
i
p
y
T
)
3
(
R
θ A
J
0
2
1
o
W
/
C
d
a
e
l
o
t
n
o
i
t
c
n
u
j
,
e
c
n
a
t
s
i
s
e
r
l
a
m
r
e
h
t
l
a
c
i
p
y
TR
θ L
J
0
3
o
W
/
C
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
e
g
a
r
o
t
s
d
n
a
n
o
i
t
c
n
u
j
g
n
i
t
a
r
e
p
OT
J
T
,
G
T
S
0
5
1
+
o
t
5
5
-
oC
Notes:
1. Non-repetitive current pulse, per Fig. 3 and derated above TA=25°C per Fig. 2. Rating is 300W above 78V
2. Mounted on 0.2" x 0.2" (5.0 mm x 5.0 mm) copper pads at each terminal
3. Mounted on minimum recommended pad layout
Devices for Bidirectional Applications
For bi-directional devices, use suffix CA (e.g. SMAJ10CA). Electrical characteristics apply in both directions.
Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
Optimized for LAN protection applications
Ideal for ESD protection of data lines in accordance with
IEC 1000-4-2 (IEC801-2)
Ideal for EFT protection of data lines in accordance with
IEC 1000-4-4 (IEC801-4)
Low profile package with built-in strain relief for surface-mount
Glass passivated junction
Low incremental surge resistance, excellent clamping capability
Peak pulse power capability of 400W with a 10/1000us waveform,
repetition rate (duty cycle): 0.01% (300W above 78V)
Very fast response time
High temperature soldering guaranteed:
260°C for 10 seconds at terminals
Case: JEDEC DO-214AC (SMA) molded plastic over passivated chip
Terminals: Matte-Sn plated, solderable per MIL-STD-750,
Method 2026
Polarity: For uni-directional types the band denotes the cathode, which
is positive with respect to the anode under normal TVS operation.
Mounting position: Any
Weight: 0.002oz., 0.064g


Numéro de pièce similaire - SMAJ40

FabricantNo de pièceFiches techniqueDescription
logo
Socay Electornics Co., ...
SMAJ40 SOCAY-SMAJ40 Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Jinan Gude Electronic D...
SMAJ40 JGD-SMAJ40 Datasheet
313Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
AiT Semiconductor Inc.
SMAJ40 AITSEMI-SMAJ40 Datasheet
322Kb / 7P
   TRANSIENT VOLTAGE SUPPRESSOR 400 WATT PEAK POWER
REV1.0
logo
Guangdong Juxing Electr...
SMAJ40 JUXING-SMAJ40 Datasheet
1Mb / 4P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
RFE international
SMAJ40 RFE-SMAJ40 Datasheet
55Kb / 1P
   SURFACE MOUNT TVS DIODE Electrical Characteristics, 33 to 170 Volts
More results

Description similaire - SMAJ40

FabricantNo de pièceFiches techniqueDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com