Moteur de recherche de fiches techniques de composants électroniques |
|
BZX79-F27 Fiches technique(PDF) 3 Page - Silicon Standard Corp. |
|
BZX79-F27 Fiches technique(HTML) 3 Page - Silicon Standard Corp. |
3 / 7 page 07/11/2007 Rev.1.00 www.SiliconStandard.com 3 ELECTRICAL CHARACTERISTICS (TA=25 o C unless otherwise noted) Maximum VF=0.9V at IF=10mA e p y T r e b m u n + . l o T % 5 e g n a r e g a t l o v r e n e Z ) 1 ( I t a Z A m 5 = V Z ) s t l o V ( . n i M. x a M 4 V 2 C - 9 7 X Z B0 2 . 20 6 . 2 7 V 2 C - 9 7 X Z B0 5 . 20 9 . 2 0 V 3 C - 9 7 X Z B0 8 . 20 2 . 3 3 V 3 C - 9 7 X Z B0 1 . 30 5 . 3 6 V 3 C - 9 7 X Z B0 4 . 30 8 . 3 9 V 3 C - 9 7 X Z B0 7 . 30 1 . 4 3 V 4 C - 9 7 X Z B0 0 . 40 6 . 4 7 V 4 C - 9 7 X Z B0 4 . 40 0 . 5 1 V 5 C - 9 7 X Z B0 8 . 40 4 . 5 6 V 5 C - 9 7 X Z B0 2 . 50 0 . 6 2 V 6 C - 9 7 X Z B0 8 . 50 6 . 6 8 V 6 C - 9 7 X Z B0 4 . 60 2 . 7 5 V 7 C - 9 7 X Z B0 0 . 70 9 . 7 2 V 8 C - 9 7 X Z B0 7 . 70 7 . 8 1 V 9 C - 9 7 X Z B0 5 . 80 6 . 9 0 1 C - 9 7 X Z B0 4 . 90 6 . 0 1 1 1 C - 9 7 X Z B0 4 . 0 10 6 . 1 1 2 1 C - 9 7 X Z B0 4 . 1 10 7 . 2 1 3 1 C - 9 7 X Z B0 4 . 2 10 1 . 4 1 5 1 C - 9 7 X Z B0 8 . 3 10 6 . 5 1 6 1 C - 9 7 X Z B0 3 . 5 10 1 . 7 1 8 1 C - 9 7 X Z B0 8 . 6 10 1 . 9 1 0 2 C - 9 7 X Z B0 8 . 8 10 2 . 1 2 2 2 C - 9 7 X Z B0 8 . 0 20 3 . 3 2 4 2 C - 9 7 X Z B0 8 . 2 20 6 . 5 2 7 2 C - 9 7 X Z B0 1 . 5 20 9 . 8 2 ) 3 ( 0 3 C - 9 7 X Z B0 0 . 8 20 0 . 2 3 ) 3 ( 3 3 C - 9 7 X Z B0 0 . 1 30 0 . 5 3 ) 3 ( 6 3 C - 9 7 X Z B0 0 . 4 30 0 . 8 3 ) 3 ( 9 3 C - 9 7 X Z B0 0 . 7 30 0 . 1 4 ) 3 ( 3 4 C - 9 7 X Z B0 0 . 0 40 0 . 6 4 ) 3 ( 7 4 C - 9 7 X Z B0 0 . 4 40 0 . 0 5 ) 3 ( 1 5 C - 9 7 X Z B0 0 . 8 40 0 . 4 5 ) 3 ( 6 5 C - 9 7 X Z B0 0 . 2 50 0 . 0 6 ) 3 ( 2 6 C - 9 7 X Z B0 0 . 8 50 0 . 6 6 ) 3 ( 8 6 C - 9 7 X Z B0 0 . 4 60 0 . 2 7 ) 3 ( 5 7 C - 9 7 X Z B0 0 . 0 70 0 . 9 7 ) 3 ( Notes: 1. Tested with pulses t p=5ms 2. Valid provided that electrodes are kept at ambient temperature 3. at I Z=2.0 mA See BZX79-y table for all characteristics other than zener voltage range. e p y T r e b m u n + . l o T % 2 e g n a r e g a t l o v r e n e Z ) 1 ( I t a Z A m 5 = V Z ) s t l o V ( . n i M. x a M 4 V 2 B - 9 7 X Z B5 3 . 25 4 . 2 7 V 2 B - 9 7 X Z B5 6 . 25 7 . 2 0 V 3 B - 9 7 X Z B4 9 . 26 0 . 3 3 V 3 B - 9 7 X Z B3 2 . 37 3 . 3 6 V 3 B - 9 7 X Z B3 5 . 37 6 . 3 9 V 3 B - 9 7 X Z B2 8 . 38 9 . 3 3 V 4 B - 9 7 X Z B1 2 . 49 3 . 4 7 V 4 B - 9 7 X Z B1 6 . 49 7 . 4 1 V 5 B - 9 7 X Z B0 0 . 50 2 . 5 6 V 5 B - 9 7 X Z B9 4 . 51 7 . 5 2 V 6 B - 9 7 X Z B8 0 . 62 3 . 6 8 V 6 B - 9 7 X Z B6 6 . 64 9 . 6 5 V 7 B - 9 7 X Z B5 3 . 75 6 . 7 2 V 8 B - 9 7 X Z B4 0 . 86 3 . 8 1 V 9 B - 9 7 X Z B2 9 . 88 2 . 9 0 1 B - 9 7 X Z B0 8 . 90 2 . 0 1 1 1 B - 9 7 X Z B0 8 . 0 10 2 . 1 1 2 1 B - 9 7 X Z B0 8 . 1 10 2 . 2 1 3 1 B - 9 7 X Z B0 7 . 2 10 3 . 3 1 5 1 B - 9 7 X Z B0 7 . 4 10 3 . 5 1 6 1 B - 9 7 X Z B0 7 . 5 10 3 . 6 1 8 1 B - 9 7 X Z B0 6 . 7 10 4 . 8 1 0 2 B - 9 7 X Z B0 6 . 9 10 4 . 0 2 2 2 B - 9 7 X Z B0 6 . 1 20 4 . 2 2 4 2 B - 9 7 X Z B0 5 . 3 20 5 . 4 2 7 2 B - 9 7 X Z B0 5 . 6 20 5 . 7 2 ) 3 ( 0 3 B - 9 7 X Z B0 4 . 9 20 6 . 0 3 ) 3 ( 3 3 B - 9 7 X Z B0 3 . 2 30 7 . 3 3 ) 3 ( 6 3 B - 9 7 X Z B0 3 . 5 30 7 . 6 3 ) 3 ( 9 3 B - 9 7 X Z B0 2 . 8 30 8 . 9 3 ) 3 ( 3 4 B - 9 7 X Z B0 1 . 2 40 9 . 3 4 ) 3 ( 7 4 B - 9 7 X Z B0 1 . 6 40 9 . 7 4 ) 3 ( 1 5 B - 9 7 X Z B0 0 . 0 50 0 . 2 5 ) 3 ( 6 5 B - 9 7 X Z B0 9 . 4 50 1 . 7 5 ) 3 ( 2 6 B - 9 7 X Z B0 8 . 0 60 2 . 3 6 ) 3 ( 8 6 B - 9 7 X Z B0 6 . 6 60 4 . 9 6 ) 3 ( 5 7 B - 9 7 X Z B0 5 . 3 70 5 . 6 7 ) 3 ( e p y T r e b m u n + . l o T % 3 e g n a r e g a t l o v r e n e Z ) 1 ( I t a Z A m 5 = V Z ) s t l o V ( . n i M. x a M 4 V 2 F - 9 7 X Z B3 3 . 27 4 . 2 7 V 2 F - 9 7 X Z B2 6 . 28 7 . 2 0 V 3 F - 9 7 X Z B1 9 . 29 0 . 3 3 V 3 F - 9 7 X Z B0 2 . 30 4 . 3 6 V 3 F - 9 7 X Z B9 4 . 31 7 . 3 9 V 3 F - 9 7 X Z B8 7 . 32 0 . 4 3 V 4 F - 9 7 X Z B7 1 . 43 4 . 4 7 V 4 F - 9 7 X Z B6 5 . 44 8 . 4 1 V 5 F - 9 7 X Z B5 9 . 45 2 . 5 6 V 5 F - 9 7 X Z B3 4 . 57 7 . 5 2 V 6 F - 9 7 X Z B1 0 . 69 3 . 6 8 V 6 F - 9 7 X Z B0 6 . 60 0 . 7 5 V 7 F - 9 7 X Z B8 2 . 72 7 . 7 2 V 8 F - 9 7 X Z B5 9 . 75 4 . 8 1 V 9 F - 9 7 X Z B3 8 . 87 3 . 9 0 1 F - 9 7 X Z B0 7 . 90 3 . 0 1 1 1 F - 9 7 X Z B7 6 . 0 13 3 . 1 1 2 1 F - 9 7 X Z B4 6 . 1 16 3 . 2 1 3 1 F - 9 7 X Z B1 6 . 2 19 3 . 3 1 5 1 F - 9 7 X Z B5 5 . 4 15 4 . 5 1 6 1 F - 9 7 X Z B0 5 . 5 10 5 . 6 1 8 1 F - 9 7 X Z B0 5 . 7 10 5 . 8 1 0 2 F - 9 7 X Z B0 4 . 9 10 6 . 0 2 2 2 F - 9 7 X Z B0 3 . 1 20 7 . 2 2 4 2 F - 9 7 X Z B0 3 . 3 20 7 . 4 2 7 2 F - 9 7 X Z B0 2 . 6 20 8 . 7 2 ) 3 ( 0 3 F - 9 7 X Z B0 1 . 9 20 9 . 0 3 ) 3 ( 3 3 F - 9 7 X Z B0 0 . 2 30 0 . 4 3 ) 3 ( 6 3 F - 9 7 X Z B0 9 . 4 30 1 . 7 3 ) 3 ( 9 3 F - 9 7 X Z B0 8 . 7 30 2 . 0 4 ) 3 ( 3 4 F - 9 7 X Z B0 7 . 1 40 3 . 4 4 ) 3 ( 7 4 F - 9 7 X Z B0 6 . 5 40 4 . 8 4 ) 3 ( 1 5 F - 9 7 X Z B0 5 . 9 40 5 . 2 5 ) 3 ( 6 5 F - 9 7 X Z B0 3 . 4 50 7 . 7 5 ) 3 ( 2 6 F - 9 7 X Z B0 1 . 0 60 9 . 3 6 ) 3 ( 8 6 F - 9 7 X Z B0 0 . 6 60 0 . 0 7 ) 3 ( 5 7 F - 9 7 X Z B0 8 . 2 70 2 . 7 7 ) 3 ( BZX79 SERIES |
Numéro de pièce similaire - BZX79-F27 |
|
Description similaire - BZX79-F27 |