Moteur de recherche de fiches techniques de composants électroniques |
|
2N3906 Fiches technique(PDF) 1 Page - Silicon Standard Corp. |
|
2N3906 Fiches technique(HTML) 1 Page - Silicon Standard Corp. |
1 / 4 page TRANSISTOR(PNP) 03/17/2008 Rev.1.00 www.SiliconStandard.com 1 2N3906 PRODUCT SUMMARY TO-92 Plastic-Encapsulate Transistors FEATURES PNP silicon epitaxial planar transistor for switching and Amplifier applications As complementary type, the NPN transistor 2N3904 is Recommended This transistor is also available in the SOT-23 case with the type designation MMBT3906 MAXIMUM RATINGS (TA=25 oC unless otherwise noted) 1 2 3 TO-92 1.EMITTER 2.BASE 3. COLLECTOR Symbol Parameter Value Units VCBO Collector-Base Voltage -40 V VCEO Collector-Emitter Voltage -40 V VEBO Emitter-Base Voltage -5 V IC Collector Current -Continuous -0.2 A PC Collector Power Dissipation 0.625 W TJ Junction Temperature 150 ℃ Tstg Storage Temperature -55-150 ℃ |
Numéro de pièce similaire - 2N3906 |
|
Description similaire - 2N3906 |