Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N4733 Fiches technique(PDF) 2 Page - Silicon Standard Corp.

No de pièce 1N4733
Description  Zener Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SSC [Silicon Standard Corp.]
Site Internet  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

1N4733 Fiches technique(HTML) 2 Page - Silicon Standard Corp.

  1N4733 Datasheet HTML 1Page - Silicon Standard Corp. 1N4733 Datasheet HTML 2Page - Silicon Standard Corp. 1N4733 Datasheet HTML 3Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
02/15/2008 Rev.1.00
www.SiliconStandard.com
2
ELECTRICAL CHARACTERISTICS
(TA=25
oC unless otherwise noted) Maximum V
F=1.2V at IF=200mA
e
p
y
T
r
e
b
m
u
n
l
a
n
i
m
o
N
r
e
n
e
z
e
g
a
t
l
o
v
)
3
(
I
t
a
T
Z
V
Z
)
s
t
l
o
V
(
t
s
e
T
t
n
e
r
r
u
c
I
T
Z
)
A
m
(
e
c
n
a
d
e
p
m
i
r
e
n
e
z
m
u
m
i
x
a
M
)
1
(
e
s
r
e
v
e
r
m
u
m
i
x
a
M
t
n
e
r
r
u
c
e
g
a
k
a
e
l
e
g
r
u
S
t
n
e
r
r
u
c
t
a
T
A
5
2
=
oC
I
R
)
A
m
(
m
u
m
i
x
a
M
r
o
t
a
l
u
g
e
r
t
n
e
r
r
u
c
)
2
(
t
a
T
A
0
5
=
oC
I
M
Z
)
A
m
(
Z
T
Z
I
t
a
T
Z
(
Ω)
Z
K
Z
(
Ω)
t
a
I
K
Z
)
A
m
(
I
R (u
)
A
V
t
a
R
)
s
t
l
o
V
(
8
2
7
4
N
13
.
36
70
10
0
40
.
10
0
11
0
8
3
16
7
2
9
2
7
4
N
16
.
39
60
10
0
40
.
10
0
11
0
6
2
12
5
2
0
3
7
4
N
19
.
34
69
0
0
40
.
10
51
0
9
1
14
3
2
1
3
7
4
N
13
.
48
59
0
0
40
.
10
11
0
7
0
17
1
2
2
3
7
4
N
17
.
43
58
0
0
50
.
10
11
0
7
93
9
1
3
3
7
4
N
11
.
59
47
0
5
50
.
10
11
0
9
88
7
1
4
3
7
4
N
16
.
55
45
0
0
60
.
10
12
0
1
82
6
1
5
3
7
4
N
12
.
61
42
0
0
70
.
10
13
0
3
76
4
1
6
3
7
4
N
18
.
67
35
.
30
0
70
.
10
14
0
6
63
3
1
7
3
7
4
N
15
.
74
30
.
40
0
75
.
00
15
5
0
61
2
1
8
3
7
4
N
12
.
81
35
.
40
0
75
.
00
16
0
5
50
1
1
9
3
7
4
N
11
.
98
20
.
50
0
75
.
00
17
0
0
50
0
1
0
4
7
4
N
10
15
27
0
0
75
2
.
00
16
.
74
5
41
9
1
4
7
4
N
11
13
28
0
0
75
2
.
05
4
.
84
1
43
8
2
4
7
4
N
12
11
29
0
0
75
2
.
05
1
.
90
8
36
7
3
4
7
4
N
13
19
10
10
0
75
2
.
05
9
.
94
4
39
6
4
4
7
4
N
15
17
14
10
0
75
2
.
054
.
1
14
0
31
6
5
4
7
4
N
16
15
.
5
16
10
0
75
2
.
05
2
.
2
15
8
27
5
6
4
7
4
N
18
14
10
20
5
75
2
.
05
7
.
3
10
5
20
5
7
4
7
4
N
10
25
.
2
12
20
5
75
2
.
05
2
.
5
15
2
25
4
8
4
7
4
N
12
25
.
1
13
20
5
75
2
.
05
7
.
6
15
0
21
4
9
4
7
4
N
14
25
.
0
15
20
5
75
2
.
05
2
.
8
10
9
18
3
0
5
7
4
N
17
25
.
95
30
5
75
2
.
056
.
0
20
7
14
3
1
5
7
4
N
10
35
.
80
40
0
0
15
2
.
058
.
2
20
5
10
3
2
5
7
4
N
13
35
.
75
40
0
0
15
2
.
05
1
.
5
25
3
17
2
3
5
7
4
N
16
30
.
70
50
0
0
15
2
.
054
.
7
25
2
15
2
4
5
7
4
N
19
35
.
60
60
0
0
15
2
.
057
.
9
25
1
13
2
5
5
7
4
N
13
40
.
60
70
0
5
15
2
.
057
.
2
30
1
12
2
6
5
7
4
N
17
45
.
50
80
0
5
15
2
.
058
.
5
35
99
1
7
5
7
4
N
11
50
.
55
90
0
5
15
2
.
058
.
8
30
98
1
8
5
7
4
N
16
55
.
40
1
10
0
0
25
2
.
05
6
.
2
40
86
1
9
5
7
4
N
12
60
.
45
2
10
0
0
25
2
.
05
1
.
7
40
74
1
0
6
7
4
N
18
67
.
30
5
10
0
0
25
2
.
057
.
1
55
63
1
1
6
7
4
N
15
73
.
35
7
10
0
0
25
2
.
050
.
6
50
62
1
2
6
7
4
N
12
80
.
30
0
20
0
0
35
2
.
052
.
2
65
51
1
3
6
7
4
N
11
98
.
20
5
20
0
0
35
2
.
052
.
9
60
50
1
4
6
7
4
N
10
0
15
.
20
5
30
0
0
35
2
.
050
.
6
75
49
Notes:
1. The Zener impedance is derived from the 1KHZ AC voltage which results when an AC current having an RMS value equal to 10% of the Zener current
(I
ZT or IZK) is superimposed on IZT or IZK. Zener impedance is measured at two points to insure a sharp knee on the breakdown curve and to eliminate
unstable units
2. Valid provided that electrodes at a distance of 10 mm from case are kept at ambient temperature
3. Measured under thermal equilibrium and DC test conditions
1N4728 thru 1N4764


Numéro de pièce similaire - 1N4733

FabricantNo de pièceFiches techniqueDescription
logo
Surge Components
1N4733 SURGE-1N4733 Datasheet
84Kb / 2P
   SILICON PLANAR POWER ZENER DIODES
logo
Jinan Jingheng (Group) ...
1N4733 JINANJINGHENG-1N4733 Datasheet
131Kb / 3P
   1W SILICON PLANAR ZENER DIODES
logo
Nanjing International G...
1N4733 DGNJDZ-1N4733 Datasheet
954Kb / 2P
   1W ZENER DIODES
logo
Semtech Corporation
1N4733 SEMTECH-1N4733 Datasheet
251Kb / 3P
   SILICON PLANAR POWER ZENER DIODES?
logo
Diotech Company.
1N4733 DIOTECH-1N4733 Datasheet
856Kb / 3P
   1W EPITAXIAL ZENER DIODE
More results

Description similaire - 1N4733

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com