Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SB20100CT Fiches technique(PDF) 3 Page - Won-Top Electronics

No de pièce SB20100CT
Description  20A SCHOTTKY BARRIER RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WTE [Won-Top Electronics]
Site Internet  http://www.wontop.com
Logo WTE - Won-Top Electronics

SB20100CT Fiches technique(HTML) 3 Page - Won-Top Electronics

  SB20100CT Datasheet HTML 1Page - Won-Top Electronics SB20100CT Datasheet HTML 2Page - Won-Top Electronics SB20100CT Datasheet HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SB2020CT – SB20100CT
3 of 3
© 2002 Won-Top Electronics
ORDERING INFORMATION
Product No.
Package Type
Shipping Quantity
SB2020CT
TO-220
50 Units/Tube
SB2030CT
TO-220
50 Units/Tube
SB2040CT
TO-220
50 Units/Tube
SB2050CT
TO-220
50 Units/Tube
SB2060CT
TO-220
50 Units/Tube
SB2080CT
TO-220
50 Units/Tube
SB20100CT
TO-220
50 Units/Tube
Shipping quantity given is for minimum packing quantity only. For minimum order
quantity, please consult the Sales Department.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any
responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to
manufacturer. WTE reserves the right to change any or all information herein without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.
Wepoweryoureveryday.
Won-Top Electronics Co., Ltd.
No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan
Phone: 886-7-822-5408 or 886-7-822-5410
Fax: 886-7-822-5417
Email: sales@wontop.com
Internet: http://www.wontop.com


Numéro de pièce similaire - SB20100CT

FabricantNo de pièceFiches techniqueDescription
logo
Pan Jit International I...
SB20100CT PANJIT-SB20100CT Datasheet
45Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS(VOLTAGE- 20 to 100 Volts CURRENT - 20.0 Ampere)
logo
Micro Commercial Compon...
SB20100CT MCC-SB20100CT Datasheet
380Kb / 2P
   20 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Won-Top Electronics
SB20100CT WTE-SB20100CT Datasheet
49Kb / 4P
   20A DUAL SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SB20100CT PANJIT-SB20100CT Datasheet
427Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SB20100CT PANJIT-SB20100CT Datasheet
431Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIERS
More results

Description similaire - SB20100CT

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
MBR2030CT DIODES-MBR2030CT Datasheet
65Kb / 2P
   20A SCHOTTKY BARRIER RECTIFIER
DS23016 Rev. G-2
SBL2030PT DIODES-SBL2030PT Datasheet
62Kb / 2P
   20A SCHOTTKY BARRIER RECTIFIER
DS23047 Rev. B-2
logo
DIYI Electronic Technol...
MBR20H200CTD DYELEC-MBR20H200CTD Datasheet
2Mb / 4P
   20A SCHOTTKY BARRIER RECTIFIER
MBR20H200CT DYELEC-MBR20H200CT Datasheet
1Mb / 4P
   20A SCHOTTKY BARRIER RECTIFIER
logo
Chongqing Pingwei Enter...
MBR20100CT CHONGQING-MBR20100CT Datasheet
213Kb / 1P
   20A Schottky Barrier Rectifier
logo
Diodes Incorporated
MBRD20150CT DIODES-MBRD20150CT_15 Datasheet
475Kb / 5P
   20A SCHOTTKY BARRIER RECTIFIER
logo
Wisdom technologies Int...
MBRF20150CT WISDOM-MBRF20150CT Datasheet
1Mb / 3P
   20A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
MBRB20100CT DIODES-MBRB20100CT_15 Datasheet
369Kb / 6P
   20A SCHOTTKY BARRIER RECTIFIER
MBR2045CTP DIODES-MBR2045CTP_15 Datasheet
84Kb / 4P
   20A SCHOTTKY BARRIER RECTIFIER
MBR20100CTP DIODES-MBR20100CTP Datasheet
73Kb / 4P
   20A SCHOTTKY BARRIER RECTIFIER
logo
Unisonic Technologies
MBR2060C UTC-MBR2060C Datasheet
145Kb / 3P
   20A SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com