Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRLR8726PBF Fiches technique(PDF) 2 Page - International Rectifier

No de pièce IRLR8726PBF
Description  HEXFET Power MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IRLR8726PBF Fiches technique(HTML) 2 Page - International Rectifier

  IRLR8726PBF_09 Datasheet HTML 1Page - International Rectifier IRLR8726PBF_09 Datasheet HTML 2Page - International Rectifier IRLR8726PBF_09 Datasheet HTML 3Page - International Rectifier IRLR8726PBF_09 Datasheet HTML 4Page - International Rectifier IRLR8726PBF_09 Datasheet HTML 5Page - International Rectifier IRLR8726PBF_09 Datasheet HTML 6Page - International Rectifier IRLR8726PBF_09 Datasheet HTML 7Page - International Rectifier IRLR8726PBF_09 Datasheet HTML 8Page - International Rectifier IRLR8726PBF_09 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
IRLR/U8726PbF
2
www.irf.com
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
BVDSS
Drain-to-Source Breakdown Voltage
30
–––
–––
V
∆ΒVDSS/∆TJ
Breakdown Voltage Temp. Coefficient
–––
20
––– mV/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
4.0
5.8
m
–––
5.8
8.0
VGS(th)
Gate Threshold Voltage
1.35
1.80
2.35
V
∆VGS(th)/∆TJ
Gate Threshold Voltage Coefficient
–––
-8.6
––– mV/°C
IDSS
Drain-to-Source Leakage Current
–––
–––
1.0
µA
–––
–––
150
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
Gate-to-Source Reverse Leakage
–––
–––
-100
gfs
Forward Transconductance
73
–––
–––
S
Qg
Total Gate Charge
–––
15
23
Qgs1
Pre-Vth Gate-to-Source Charge
–––
3.7
–––
Qgs2
Post-Vth Gate-to-Source Charge
–––
1.9
–––
nC
Qgd
Gate-to-Drain Charge
–––
5.7
–––
Qgodr
Gate Charge Overdrive
–––
3.7
–––
See Fig. 15
Qsw
Switch Charge (Qgs2 + Qgd)
–––
7.6
–––
Qoss
Output Charge
–––
10
–––
nC
RG
Gate Resistance
–––
2.0
3.5
td(on)
Turn-On Delay Time
–––
12
–––
tr
Rise Time
–––
49
–––
td(off)
Turn-Off Delay Time
–––
15
–––
ns
tf
Fall Time
–––
16
–––
Ciss
Input Capacitance
–––
2150
–––
Coss
Output Capacitance
–––
480
–––
pF
Crss
Reverse Transfer Capacitance
–––
205
–––
Avalanche Characteristics
Parameter
Units
EAS
Single Pulse Avalanche Energy
d
mJ
IAR
Avalanche Current
Ù
A
Diode Characteristics
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
–––
–––
86
f
(Body Diode)
A
ISM
Pulsed Source Current
–––
–––
340
(Body Diode)
Ù
VSD
Diode Forward Voltage
–––
–––
1.0
V
trr
Reverse Recovery Time
–––
24
36
ns
Qrr
Reverse Recovery Charge
–––
52
78
nC
ƒ = 1.0MHz
VGS = 4.5V, ID = 20A e
VGS = 20V
VGS = -20V
VDS = VGS, ID = 50µA
VDS = 24V, VGS = 0V
VDS = 24V, VGS = 0V, TJ = 125°C
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 25A
e
MOSFET symbol
VDS = 15V, ID = 20A
VDS = 15V, VGS = 0V
VDD = 15V, VGS = 4.5Ve
ID = 20A
VDS = 15V
Conditions
See Fig. 13
VGS = 4.5V
TJ = 25°C, IF = 20A, VDD = 15V
di/dt = 300A/µs
e
TJ = 25°C, IS = 20A, VGS = 0V e
showing the
integral reverse
p-n junction diode.
Typ.
–––
–––
ID = 20A
VGS = 0V
VDS = 15V
RG = 1.8Ω
Max.
120
20


Numéro de pièce similaire - IRLR8726PBF_09

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRLR8726PBF IRF-IRLR8726PBF_15 Datasheet
360Kb / 11P
   Ultra-Low Gate Impedance
More results

Description similaire - IRLR8726PBF_09

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com