Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS13DG-CD263 Fiches technique(PDF) 4 Page - Suntan Capacitors

No de pièce TS13DG-CD263
Description  ALUMINUM ELECTROLYTIC CAPACITOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SUNTAN [Suntan Capacitors]
Site Internet  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

TS13DG-CD263 Fiches technique(HTML) 4 Page - Suntan Capacitors

  TS13DG-CD263 Datasheet HTML 1Page - Suntan Capacitors TS13DG-CD263 Datasheet HTML 2Page - Suntan Capacitors TS13DG-CD263 Datasheet HTML 3Page - Suntan Capacitors TS13DG-CD263 Datasheet HTML 4Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ALUMINUM ELECTROLYTIC CAPACITOR
Suntan®
1 0 5 ℃ , F O R E L E C T R O N I C B A L L A S T , P O W E R
S U P P L Y , L O N G L I F E
TS13D CD263
STANDARD RATINGS
160
200
250
315
350
400
Size
Ripple
Size
Ripple
Size
Ripple
Size
Ripple
Size
Ripple
Size
Ripple
WV (V)
/
Cap
(μF)
DxL
(mm)
mArms
DxL
(mm)
mArms
DxL
(mm)
mArms
DxL
(mm)
mArms
DxL
(mm)
mArms
DxL
(mm)
mArms
0.47
6.3x11
12
6.3x11
12
6.3x11
12
6.3x11
11
6.3x11
11
--
--
1
6.3x11
18
6.3x11
18
6.3x11
18
6.3x11
18
6.3x11
18
8x11.5
18
2.2
6.3x11
26
6.3x11
26
8x11.5
30
8x11.5
30
8x11.5
30
10x12.5
30
3.3
8x11.5
37
8x11.5
37
10x12.5
43
10x12.5
36
10x12.5
36
10x16
40
4.7
8x11.5
44
10x12.5
50
10x12.5
50
10x16
47
10x16
47
10x20
52
10
10x12.5
75
10x16
80
10x20
90
10x20
79
12.5x20
79
12.5x20
79
22
10x20
135
10x20
135
12.5x25
155
12.5x25
130
12.5x25
130
16x25
130
33
12.5x20
175
12.5x25
190
12.5x25
190
16x25
160
16x25
160
16x31.5
175
47
12.5x25
230
12.5x25
230
16x25
225
16x31.5
210
16x31.5
210
18x35.5
220
100
16x25
330
16x31.5
360
18x35.5
340
18x40
335
18x40
335
--
--
220
18x35.5
500
18x40
525
--
--
--
--
--
--
--
--
Note: Specification are subject to change without notice. For more detail and update, please visit our website.
Suntan
® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246


Numéro de pièce similaire - TS13DG-CD263

FabricantNo de pièceFiches techniqueDescription
logo
Suntan Capacitors
TS13DG-CD263 SUNTAN-TS13DG-CD263_17 Datasheet
107Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
More results

Description similaire - TS13DG-CD263

FabricantNo de pièceFiches techniqueDescription
logo
Suntan Capacitors
TS13DL-CD117 SUNTAN-TS13DL-CD117 Datasheet
278Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DM-CD71A SUNTAN-TS13DM-CD71A Datasheet
284Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DS-CD296 SUNTAN-TS13DS-CD296 Datasheet
193Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13EG-CD135X SUNTAN-TS13EG-CD135X Datasheet
207Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13D0-CD297 SUNTAN-TS13D0-CD297 Datasheet
408Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DH-CD264 SUNTAN-TS13DH-CD264 Datasheet
915Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13D3-CD60 SUNTAN-TS13D3-CD60 Datasheet
433Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DD-CD71C SUNTAN-TS13DD-CD71C Datasheet
120Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DF-CD71 SUNTAN-TS13DF-CD71 Datasheet
300Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DF-CD71 SUNTAN-TS13DF-CD71_17 Datasheet
137Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com