Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS07 Fiches technique(PDF) 1 Page - Suntan Capacitors

No de pièce TS07
Description  MEALLIZED POLYPROPYLENE FILM CAPACITOR - MPP
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SUNTAN [Suntan Capacitors]
Site Internet  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

TS07 Fiches technique(HTML) 1 Page - Suntan Capacitors

  TS07 Datasheet HTML 1Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MEALLIZED POLYPROPYLENE FILM CAPACITOR - MPP
Suntan®
NON – INDUCTIVE, EPOXY DIP COATED, HIGH MOISTURE RESISTANCE
TS07
F E A T U R E S
Highly reliable because of its excellent Self-Healing performance.
Dissipation Factor is normally low and it is stable against high frequency and change of temperature.
Remcommended for high-frequency circuits like s-curve compensating circuit.
SPECIFICA T IONS
OPERATING TEMPERATURE
RATED VOLTAGE
CAPACITANCE RANGE
CAPACITANCE TOLERANCE
INSULATION RESISTANCE
DISSIPATION FACTOR
DIELECTRIC STRENGTH
-40℃ TO + 85℃
DC 100V, 250V, 400V, 630V
0.01 TO 10.0Mfd
±5%, ±10%, ±20%
C>0.33 Mfd R>30.000MΩ
C
≥0.33 Mfd RC≥10.000MΩxMfd
≤0.002(AT 1KHz)(Tyical 0.001 max)
≤0.002(AT 10KHz)for 0.01<≤0.1 Mfd
≤0.003(AT 10KHz)for 0.1<≤1.0 Mfd
150% of rated voltage for 5 sec.
L
10.0
13.0
18.0
24.0
26.0
30.0
31.0
34.0
35.0
P
7.5
10.0
15.0
20.0
22.5
26.0
27.5
31.0
31.0
100 VDC
250 VDC
400 VDC
630 VDC
VDC
Mfd
L
T
H
d
L
T
H
d
L
T
H
d
L
T
H
d
0.01
10.0
6.0
10.0
0.6
13.0
4.5
10.0
0.6
13.0
4.5
10.0
0.6
13.0
4.5
10.0
0.6
0.015
10.0
6.0
10.0
0.6
13.0
5.0
10.0
0.6
13.0
5.0
10.0
0.6
13.0
5.0
10.0
0.6
0.022
10.0
6.0
10.0
0.6
13.0
5.5
10.0
0.6
13.0
5.5
10.0
0.6
13.0
5.5
10.0
0.6
0.033
10.0
6.0
10.0
0.6
13.0
5.5
10.0
0.6
13.0
6.5
10.5
0.6
13.0
6.5
10.5
0.6
0.047
13.0
6.0
10.5
0.6
13.0
6.0
10.5
0.6
13.0
8.0
12.0
0.6
13.0
8.0
12.5
0.6
0.068
13.0
7.0
11.5
0.6
13.0
7.0
11.5
0.6
18.0
6.0
11.0
0.6
18.0
6.0
11.0
0.6
0.1
13.0
7.0
11.5
0.6
13.0
7.0
11.5
0.6
18.0
6.5
9.5
0.6
18.0
7.5
13.5
0.8
0.15
13.0
7.5
13.0
0.6
18.0
7.0
11.0
0.8
18.0
6.5
11.0
0.8
18.0
10.0
15.5
0.8
0.22
18.0
7.5
12.0
0.8
18.0
10.0
14.5
0.8
18.0
7.5
12.5
0.8
24.0
9.0
16.0
0.8
0.33
18.0
8.5
12.5
0.8
18.0
8.5
12.5
0.6
18.0
10.0
15.0
0.8
24.0
11.0
18.0
0.8
0.47
18.0
9.0
14.5
0.8
24.0
8.5
15.0
0.8
24.0
8.5
15.0
0.8
24.0
12.0
21.0
0.8
0.68
18.0
10.0
17.0
0.8
24.0
10.0
18.5
0.8
24.0
10.0
18.5
0.8
30.0
14.0
22.0
0.8
1.0
24.0
10.0
16.5
0.8
24.0
12.0
20.5
0.8
24.0
11.5
19.5
0.8
--
--
--
--
1.5
24.0
11.0
19.5
0.8
30.0
12.5
21.0
0.8
30.0
12.5
21.0
0.8
--
--
--
--
2.2
31.0
9.0
16.0
0.8
30.0
14.5
24.0
0.8
--
--
--
--
--
--
--
--
3.3
31.0
12.0
22.0
0.8
34.0
16.5
26.5
0.8
--
--
--
--
--
--
--
--
4.7
31.0
14.0
24.0
0.8
35.0
19.0
29.0
0.8
--
--
--
--
--
--
--
--
6.8
31.0
17.0
27.0
0.8
--
--
--
--
--
--
--
--
--
--
--
--
8.2
35.0
17.0
27.0
0.8
--
--
--
--
--
--
--
--
--
--
--
--
10.0
35.0
19.0
30.0
0.8
--
--
--
--
--
--
--
--
--
--
--
--
Note: Specification are subject to change without notice. For more detail and update, please visit our website.
Suntan
® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246


Numéro de pièce similaire - TS07

FabricantNo de pièceFiches techniqueDescription
logo
CUI INC
TS07 CUI-TS07 Datasheet
438Kb / 4P
   TACTILE SWITCH
09/22/2021
TS07-667-25-BK-100-SMT-TR CUI-TS07-667-25-BK-100-SMT-TR Datasheet
438Kb / 4P
   TACTILE SWITCH
09/22/2021
TS07-667-25-BK-160-SMT-TR CUI-TS07-667-25-BK-160-SMT-TR Datasheet
438Kb / 4P
   TACTILE SWITCH
09/22/2021
TS07-667-25-BK-260-SMT-TR CUI-TS07-667-25-BK-260-SMT-TR Datasheet
438Kb / 4P
   TACTILE SWITCH
09/22/2021
TS07-667-30-BK-100-SMT-TR CUI-TS07-667-30-BK-100-SMT-TR Datasheet
438Kb / 4P
   TACTILE SWITCH
09/22/2021
More results

Description similaire - TS07

FabricantNo de pièceFiches techniqueDescription
logo
Suntan Capacitors
TS07 SUNTAN-TS07_17 Datasheet
111Kb / 2P
   MEALLIZED POLYPROPYLENE FILM CAPACITOR - MPP
TS07B SUNTAN-TS07B Datasheet
48Kb / 1P
   MEALLIZED POLYPROPYLENE FILM CAPACITOR - BOX-MPP
TS07B SUNTAN-TS07B_17 Datasheet
140Kb / 1P
   MEALLIZED POLYPROPYLENE FILM CAPACITOR - BOX-MPP
logo
RFE international
MPP RFE-MPP Datasheet
1Mb / 3P
   Metalized Polypropylene Film Capacitors MPP Series: Radial Dipped
SEP-27-2023
logo
Panasonic Semiconductor
ECQ-P6472JU PANASONIC-ECQ-P6472JU Datasheet
100Kb / 3P
   Polypropylene Film Capacitor
ECQ-P6104JU PANASONIC-ECQ-P6104JU Datasheet
100Kb / 3P
   Polypropylene Film Capacitor
logo
Vishay Siliconix
KP1830 VISHAY-KP1830 Datasheet
38Kb / 2P
   Polypropylene Film Capacitor
Revision 01-Dec-03
logo
jb Capacitors Company
JFK JBCAPACITORS-JFK_15 Datasheet
180Kb / 1P
   Polypropylene Film Capacitor
logo
Panasonic Semiconductor
ECQ-P1H221JZ PANASONIC-ECQ-P1H221JZ Datasheet
102Kb / 6P
   Polypropylene Film Capacitor
ECQ-P1H104FZW PANASONIC-ECQ-P1H104FZW Datasheet
102Kb / 6P
   Polypropylene Film Capacitor
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com