Moteur de recherche de fiches techniques de composants électroniques |
|
BZX55C9.1BSC Fiches technique(PDF) 1 Page - Rectron Semiconductor |
|
BZX55C9.1BSC Fiches technique(HTML) 1 Page - Rectron Semiconductor |
1 / 5 page FEATURES BZX55C-BS SERIES 4.7V to 36V THERMAL RESISTANCE ( @ TA = 25oC unless otherwise noted ) ABSOLUTE MAXIMUM RATINGES ( @ TA = 25oC unless otherwise noted ) DESCRIPTION SYMBOL UNITS oC/W Thermal Resistance Junction to Ambient (Note 1) RATINGS Surge Power Dissipation Pulse Width =10 mS Junction Temperature Storage Temperature SYMBOL PS TJ TSTG R qJA VALUE 300 TYP. UNITS W 5.0 Power Dissipation (Note 1) PTA mW 500 175 -65 to +175 oC oC VD 2007-11 ELECTRICAL CHARACTERISTICS ( @ TA = 25oC unless otherwise noted ) Forward Voltage at IF= 100mA Notes: 1. On infinite heatsink with 4mm lead length. 2. "Fully RoHS Compliant", "100% Sn plating (Pb-free)". CHARACTERISTICS SYMBOL UNITS Volts VF 1.0 TYP. SILICON PLANAR ZENER DIODE MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Ratings at 25 oC ambient temperature unless otherwise specified. * Zener Voltage Range 4.7 to 36 Volts * DO-35 Glass Axial Package * Best Suited For Industrial, Military and Space Applications. * The Glass Passivated Diode Chip in The Hermetically Sealed Glass Package with Double Studs Provides Excellent Stability and Reliability. Dimensions in inches and (millimeters) .200 (5.08) .120 (3.05) 1.50 (38.1) 1.00 (25.4) .089 (2.28) .060 (1.53) DIA. .022 (0.55) .007 (0.46) DIA. DO-35 1.50 (38.1) 1.00 (25.4) |
Numéro de pièce similaire - BZX55C9.1BSC |
|
Description similaire - BZX55C9.1BSC |