Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC558C Fiches technique(PDF) 3 Page - Rectron Semiconductor

No de pièce BC558C
Description  PNP Silicon Planar Epitaxial Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RECTRON [Rectron Semiconductor]
Site Internet  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

BC558C Fiches technique(HTML) 3 Page - Rectron Semiconductor

  BC558C Datasheet HTML 1Page - Rectron Semiconductor BC558C Datasheet HTML 2Page - Rectron Semiconductor BC558C Datasheet HTML 3Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
BC556,A,B,C
BC557,A,B,C
BC558,A,B,C
MIN TYP MAX
150
6
2
10
220
330
600
1.6
2.7
4.5
3.2
4.5
8.5
6.0
8.7
15
1.5
2.0
3.0
18
30
30
60
60
110
u MHO
DYNAMICS CHARACTERISTICS
Transition Frequency
fT
IC = 10mA, VCE = 5V, f = 100MHZ
MHZ
x10
Input Impedance
VCE = 5V, IC = 2mA, f= 1kHZ
A
hie
Noise Figure
NF
VCE = 5V, IC = 0.2mA
dB
RS= 2k ohm, f = 1KHZ, B= 200HZ
B
C
hfe
Small Signal Current Gain
VCE = 5V, IC = 2mA, f= 1kHZ
A
Collector output Capacitance
Ccbo
VCB = 10V, f = 1MHZ
pF
C
B
C
C
hre
VCE = 5V, IC = 2mA, f= 1kHZ
A
Output Admittance
hoe
VCE = 5V, IC = 2mA, f= 1kHZ
Voltage Feedback
B
A
k ohm
B
DESCRIPTION
SYMBOL TEST CONDITION
UNITS
Electrical Characteristics (Ta=25
oC unless otherwise specified)
www.rectron.com
3 of 3


Numéro de pièce similaire - BC558C

FabricantNo de pièceFiches techniqueDescription
logo
Siemens Semiconductor G...
BC558C SIEMENS-BC558C Datasheet
213Kb / 6P
   PNP SILICON TRANSISTORS
logo
Diotec Semiconductor
BC558C DIOTEC-BC558C Datasheet
144Kb / 2P
   Si-Epitaxial PlanarTransistors
logo
ON Semiconductor
BC558C ONSEMI-BC558C Datasheet
107Kb / 8P
   Amplifier Transistors
June, 2000 ??Rev. 1
logo
Weitron Technology
BC558C WEITRON-BC558C Datasheet
2Mb / 5P
   PNP General Purpose Transistor
logo
ON Semiconductor
BC558C ONSEMI-BC558C Datasheet
77Kb / 7P
   Amplifier Transistors PNP Silicon
September, 2005 ??Rev. 2
More results

Description similaire - BC558C

FabricantNo de pièceFiches techniqueDescription
logo
Micro Electronics
PN3644 MICRO-ELECTRONICS-PN3644 Datasheet
143Kb / 1P
   PNP SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Guangdong Kexin Industr...
2SA1813 KEXIN-2SA1813 Datasheet
46Kb / 1P
   PNP Epitaxial Planar Silicon Transistors
2SB1302 KEXIN-2SB1302 Datasheet
58Kb / 2P
   PNP Epitaxial Planar Silicon Transistors
2SA1745 KEXIN-2SA1745 Datasheet
46Kb / 1P
   PNP Epitaxial Planar Silicon Transistors
2SA1607 KEXIN-2SA1607 Datasheet
39Kb / 2P
   PNP Epitaxial Planar Silicon Transistors
logo
Continental Device Indi...
CP754 CDIL-CP754 Datasheet
148Kb / 5P
   PNP SILICON PLANAR EPITAXIAL TRANSISTORS
MPS2907 CDIL-MPS2907 Datasheet
198Kb / 5P
   PNP SILICON PLANAR EPITAXIAL TRANSISTORS
BC559 CDIL-BC559 Datasheet
304Kb / 5P
   PNP SILICON PLANAR EPITAXIAL TRANSISTORS
BC460 CDIL-BC460 Datasheet
92Kb / 2P
   PNP EPITAXIAL PLANAR SILICON TRANSISTORS
BFX87 CDIL-BFX87 Datasheet
94Kb / 3P
   PNP SILICON PLANAR EPITAXIAL TRANSISTORS
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com