Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC0466A Fiches technique(PDF) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

No de pièce TC0466A
Description  SAW Resonator 435.2 MHz SMD 5.0X3.5 mm
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Site Internet  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TC0466A Fiches technique(HTML) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TC0466A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TC0466A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TC0466A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TC0466A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TC0466A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TC0466A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
- 3 -
TST DCC
Release document
E.OUTLINE DRAWING:
WK
01 02 … 262728 … 52
Code A
B
Za
b
z


Numéro de pièce similaire - TC0466A

FabricantNo de pièceFiches techniqueDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TC0464A TAI-SAW-TC0464A Datasheet
313Kb / 6P
   SAW Resonator 1010MHz
TC0465A TAI-SAW-TC0465A Datasheet
360Kb / 7P
   SAW Resonator 316.2 MHz SMD 5.0X3.5 mm
More results

Description similaire - TC0466A

FabricantNo de pièceFiches techniqueDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TC0465A TAI-SAW-TC0465A Datasheet
360Kb / 7P
   SAW Resonator 316.2 MHz SMD 5.0X3.5 mm
TC0481A TAI-SAW-TC0481A Datasheet
460Kb / 6P
   SAW Resonator 418MHz SMD 5.0X3.5 mm
TD0116A TAI-SAW-TD0116A Datasheet
258Kb / 6P
   SAW Resonator 1090 MHz SMD 3.8X3.8 mm
TC0273A TAI-SAW-TC0273A Datasheet
247Kb / 5P
   SAW Resonator 500.3 MHz SMD 3.8X3.8 mm
TC0302A TAI-SAW-TC0302A Datasheet
327Kb / 6P
   SAW Resonator 622.41 MHz SMD 3X3 mm
TC0356A TAI-SAW-TC0356A Datasheet
278Kb / 6P
   SAW Resonator 671.194 MHz SMD 3X3 mm
TC0391A TAI-SAW-TC0391A Datasheet
271Kb / 5P
   SAW Resonator 916.5 MHz SMD 3X3 mm
TC0237A TAI-SAW-TC0237A Datasheet
353Kb / 5P
   SAW Resonator 666.6043 MHz SMD 3.8X3.8 mm
TC0238A TAI-SAW-TC0238A Datasheet
304Kb / 4P
   SAW Resonator 479.45 MHz SMD 3X3 mm
TC0241A TAI-SAW-TC0241A Datasheet
323Kb / 4P
   SAW Resonator 433.385 MHz SMD 5X5 mm
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com