Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC0334A Fiches technique(PDF) 6 Page - TAI-SAW TECHNOLOGY CO., LTD.

No de pièce TC0334A
Description  SAW Resonator 671.086 MHz SMD 3X3 mm
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Site Internet  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TC0334A Fiches technique(HTML) 6 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TC0334A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TC0334A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TC0334A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TC0334A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TC0334A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TC0334A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
- 6 -
TST DCC
Release document
J. RECOMMENDED REFLOW PROFILE:


Numéro de pièce similaire - TC0334A

FabricantNo de pièceFiches techniqueDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TC0330A TAI-SAW-TC0330A Datasheet
271Kb / 5P
   SAW Resonator 433.816 MHz SMD 3X3 mm
logo
Golledge Electronics Lt...
TC0330A GOLLEDGE-TC0330A Datasheet
228Kb / 6P
   SAW Filter 433.816MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TC0331A TAI-SAW-TC0331A Datasheet
271Kb / 6P
   SAW Resonator 868.35MHz
TC0331B TAI-SAW-TC0331B Datasheet
282Kb / 6P
   SAW Resonator 868.35MHz
TC0335A TAI-SAW-TC0335A Datasheet
268Kb / 6P
   SAW Resonator 644.769 MHz SMD 3X3 mm
More results

Description similaire - TC0334A

FabricantNo de pièceFiches techniqueDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TC0325A TAI-SAW-TC0325A Datasheet
268Kb / 6P
   SAW Resonator 622.08 MHz SMD 3X3 mm
TC0355A TAI-SAW-TC0355A Datasheet
279Kb / 6P
   SAW Resonator 644.873 MHz SMD 3X3 mm
TC0378A TAI-SAW-TC0378A Datasheet
277Kb / 6P
   SAW Resonator 500 MHz SMD 3X3 mm
TC0274A TAI-SAW-TC0274A Datasheet
351Kb / 5P
   SAW Resonator 315 MHz SMD 3X3 mm
TC0379A TAI-SAW-TC0379A Datasheet
278Kb / 6P
   SAW Resonator 719.75 MHz SMD 3X3 mm
TC0513A TAI-SAW-TC0513A Datasheet
387Kb / 6P
   SAW Resonator 491.835 MHz SMD 3X3 mm
TC0517A TAI-SAW-TC0517A Datasheet
370Kb / 6P
   SAW Resonator 832.458 MHz SMD 3X3 mm
TC0302A TAI-SAW-TC0302A Datasheet
327Kb / 6P
   SAW Resonator 622.41 MHz SMD 3X3 mm
TC0356A TAI-SAW-TC0356A Datasheet
278Kb / 6P
   SAW Resonator 671.194 MHz SMD 3X3 mm
TC0391A TAI-SAW-TC0391A Datasheet
271Kb / 5P
   SAW Resonator 916.5 MHz SMD 3X3 mm
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com