Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BU52040HFV-TR Fiches technique(PDF) 1 Page - Rohm

No de pièce BU52040HFV-TR
Description  Bipolar Latch Hall IC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BU52040HFV-TR Fiches technique(HTML) 1 Page - Rohm

  BU52040HFV-TR Datasheet HTML 1Page - Rohm BU52040HFV-TR Datasheet HTML 2Page - Rohm BU52040HFV-TR Datasheet HTML 3Page - Rohm BU52040HFV-TR Datasheet HTML 4Page - Rohm BU52040HFV-TR Datasheet HTML 5Page - Rohm BU52040HFV-TR Datasheet HTML 6Page - Rohm BU52040HFV-TR Datasheet HTML 7Page - Rohm BU52040HFV-TR Datasheet HTML 8Page - Rohm BU52040HFV-TR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1/12
www.rohm.com
2010.01 - Rev.B
© 2010 ROHM Co., Ltd. All rights reserved.
Hall IC Series
Bipolar
Latch Hall IC
BU52040HFV
Description
BU52040 Hall Effect IC for wheel keys / trackballs is designed to detect a switch in magnetic field from N to S (or vice versa)
and maintain its detection result on the output until the next switch. Output is pulled low for S-pole fields and high for N-pole
fields. This IC is ideal for detecting the number of shaft rotations inside of a wheel key, trackball, or other similar applications.
Using two ICs can also enable detection of rotation direction.
Features
1) Ideally suited for wheel keys or trackballs
2) Micropower operation (small current consumption via intermittent operation method)
3) Ultra-small outline package
4) Supports 1.8 V supply voltage
5) High ESD resistance: 8kV (HBM)
Applications
Wheel keys (zero-contact selection dials), trackballs, and other interface applications.
Product Lineup
Product name
Supply voltage
(V)
Operation point
(mT)
Hysteresis
(mT)
Period
(µs)
Supply current
(AVG)
(µA)
Output type
Package
BU52040HFV
1.65~3.30
+/-3.0
6.0
500
200
CMOS
HVSOF5
Plus is expressed on the S-pole; minus on the N-pole
Absolute Maximum Ratings
BU52040HFV (Ta = 25°C)
Parameters
Symbol
Limit
Unit
Power Supply Voltage
VDD
-0.1~4.5
1
V
Output Current
IOUT
± 0.5
mA
Power dissipation
Pd
536
2
mW
Operating Temperature Range
Topr
-40~+85
°C
Storage Temperature Range
Tstg
-40~+125
°C
1. Not to exceed Pd
2. Reduced by 5.36mW for each increase in Ta of 1℃ over 25℃(mounted on 70mm×70 mm×1.6mm Glass-epoxy PCB)
No.10045EBT05


Numéro de pièce similaire - BU52040HFV-TR

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU52040HFV ROHM-BU52040HFV Datasheet
199Kb / 5P
   Bipolar latch type Hall effect IC
More results

Description similaire - BU52040HFV-TR

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU52040HFV ROHM-BU52040HFV Datasheet
199Kb / 5P
   Bipolar latch type Hall effect IC
logo
Seiko Instruments Inc
S-5742NBL0B-Y3N2U SII-S-5742NBL0B-Y3N2U Datasheet
1Mb / 21P
   BIPOLAR HALL EFFECT LATCH
logo
SeCoS Halbleitertechnol...
SH177 SECOS-SH177 Datasheet
488Kb / 5P
   Hall Effect Latch IC
logo
Allegro MicroSystems
A1250LLHLT-T ALLEGRO-A1250LLHLT-T Datasheet
364Kb / 12P
   Hall Effect Latch / Bipolar Switch
A1250 ALLEGRO-A1250 Datasheet
365Kb / 12P
   Hall Effect Latch / Bipolar Switch
logo
Unisonic Technologies
SK1816A UTC-SK1816A Datasheet
171Kb / 5P
   BIPOLAR LATCH TYPE HALL EFFECT
logo
Allegro MicroSystems
A1250LUA-T ALLEGRO-A1250LUA-T Datasheet
364Kb / 12P
   Hall Effect Latch / Bipolar Switch
logo
Unisonic Technologies
U18 UTC-U18_15 Datasheet
62Kb / 6P
   BIPOLAR LATCH TYPE HALL EFFECT
logo
Allegro MicroSystems
A1250 ALLEGRO-A1250_16 Datasheet
950Kb / 12P
   Hall-Effect Latch / Bipolar Switch
logo
Unisonic Technologies
SK1816M UTC-SK1816M Datasheet
200Kb / 6P
   BIPOLAR LATCH TYPE HALL EFFECT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com